Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM4040AIM3-4.1 Arkusz danych(PDF) 5 Page - Micrel Semiconductor

Numer części LM4040AIM3-4.1
Szczegółowy opis  Precision Micropower Shunt Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICREL [Micrel Semiconductor]
Strona internetowa  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM4040AIM3-4.1 Arkusz danych(HTML) 5 Page - Micrel Semiconductor

  LM4040AIM3-4.1 Datasheet HTML 1Page - Micrel Semiconductor LM4040AIM3-4.1 Datasheet HTML 2Page - Micrel Semiconductor LM4040AIM3-4.1 Datasheet HTML 3Page - Micrel Semiconductor LM4040AIM3-4.1 Datasheet HTML 4Page - Micrel Semiconductor LM4040AIM3-4.1 Datasheet HTML 5Page - Micrel Semiconductor LM4040AIM3-4.1 Datasheet HTML 6Page - Micrel Semiconductor LM4040AIM3-4.1 Datasheet HTML 7Page - Micrel Semiconductor LM4040AIM3-4.1 Datasheet HTML 8Page - Micrel Semiconductor LM4040AIM3-4.1 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
January 2000
5
LM4040/4041
LM4040/4041
Micrel
LM4040-4.1 Electrical Characteristics
Boldface limits apply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C. The grades A, B, C, and D designate initial Reverse
Breakdown Voltage tolerance of
±0.1%, ±0.2%, ±0.5%, and ± 1.0% respectively.
LM4040AIM3
LM4040BIM3
Symbol
Parameter
Conditions
Typical
Units
(Note 4)
Limits
Limits
(Limit)
(Note 5)
(Note 5)
V
R
Reverse Breakdown Voltage
I
R = 100µA
4.096
V
Reverse Breakdown Voltage
I
R = 100µA
±4.1
±8.2
mV (max)
Tolerance
±31
±35
mV (max)
I
RMIN
Minimum Operating Current
50
µA
68
68
µA (max)
73
73
µA (max)
∆V
R/∆T
Average Reverse Breakdown
I
R = 10mA
30
ppm/
°C
Voltage Temperature
I
R = 1mA
20
100
100
ppm/
°C (max)
Coefficient
I
R = 100µA
20
ppm/
°C (max)
∆V
R/∆IR
Reverse Breakdown Voltage
I
RMIN ≤ IR 1mA
0.5
mV
Change with Operating
0.9
0.9
mV (max)
Current Change
1.2
1.2
mV (max)
1mA
≤ I
R 15mA
3.5
mV
7.0
7.0
mV (max)
10.0
10.0
mV (max)
Z
R
Reverse Dynamic Impedance
I
R = 1mA, f = 120Hz
0.5
I
AC = 0.1 IR
1.0
1.0
Ω (max)
e
N
Wideband Noise
I
R = 100µA
10Hz
≤ f ≤ 10kHz
80
µV
RMS
∆V
R
Reverse Breakdown Voltage
t = 1000hrs
Long Term Stability
T = 25
°C ±0.1°C
120
ppm
I
R = 100µA
LM4040CIM3
LM4040DIM3
Symbol
Parameter
Conditions
Typical
Units
(Note 4)
Limits
Limits
(Limits)
(Note 5)
(Note 5)
V
R
Reverse Breakdown Voltage
I
R = 100µA
4.096
V
Reverse Breakdown Voltage
I
R = 100µA
±20
±41
mV (max)
Tolerance
±47
±81
mV (max)
I
RMIN
Minimum Operating Current
50
µA
68
73
µA (max)
73
78
µA (max)
∆V
R/∆T
Average Reverse Breakdown
I
R = 10mA
30
ppm/
°C
Voltage Temperature
I
R = 1mA
20
100
150
ppm/
°C (max)
Coefficient
I
R = 100µA
20
ppm/
°C (max)
∆V
R/∆IR
Reverse Breakdown Voltage
I
RMIN ≤ IR 1mA
0.5
mV
Change with Operating
0.9
1.2
mV (max)
Current Change
1.2
1.5
mV (max)
1mA
≤ I
R 15mA
3.0
mV
7.0
9.0
mV (max)
10.0
13.0
mV (max)
Z
R
Reverse Dynamic Impedance
I
R = 1mA, f = 120Hz
0.5
I
AC = 0.1 IR
1.0
1.3
Ω (max)
e
N
Wideband Noise
I
R = 100µA
10Hz
≤ f ≤ 10kHz
80
µV
RMS
∆V
R
Reverse Breakdown Voltage
t = 1000hrs
Long Term Stability
T = 25
°C ±0.1°C
120
ppm
I
R = 100µA


Podobny numer części - LM4040AIM3-4.1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM4040AIM3-4.1 NSC-LM4040AIM3-4.1 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
LM4040AIM3-4.1 NSC-LM4040AIM3-4.1 Datasheet
745Kb / 31P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040AIM3-4.1 TI1-LM4040AIM3-4.1 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIM3-4.1 TI1-LM4040AIM3-4.1 Datasheet
1Mb / 51P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIM3-4.1 TI1-LM4040AIM3-4.1 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results

Podobny opis - LM4040AIM3-4.1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com