Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP32C Arkusz danych(PDF) 2 Page - Unisonic Technologies

Numer części TIP32C
Szczegółowy opis  PNP EXPITAXIAL PLANAR TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TIP32C Arkusz danych(HTML) 2 Page - Unisonic Technologies

  TIP32C_15 Datasheet HTML 1Page - Unisonic Technologies TIP32C_15 Datasheet HTML 2Page - Unisonic Technologies TIP32C_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TIP32C
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R209-017,D
ABSOLUATE MAXIUM RATINGS (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-100
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
DC
IC
-3
A
PULSE
ICM
-5
A
Base Current
IB
-1
A
Power Dissipation
TO-220
PD
2
W
TO-126S/TO-126
1.25
W
TO-252
1
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Emitter Sustaining Voltage
(Note)
BVCEO
IC=-30mA,IB=0
-100
V
Collector Cutoff Current
ICES
VCE=-100V, VBE=0
-200
μA
Collector Cutoff Current
ICEO
VCE=-60V, IB=0
-0.3
mA
Emitter Cutoff current
IEBO
VBE=-5V, IC=0
-1
mA
Collector-Emitter Saturation Voltage
(Note)
VCE(SAT)
IC=-3A, IB=-375mA
-1.2
V
Base-Emitter On Voltage*
VBE(ON)
IC=-3A, VCE=-4A
-1.8
V
DC Current Gain (Note)
hFE
IC=-1A, VCE=-4V
25
IC=-3A, VCE=-4V
10
50
Current Gain Bandwidth Product
fT
IC=-0.5A,VCE=-10V, f=1MHz
3
MHz
Note: Pulse Test: PW≤300μs, Duty Cyle≤2%


Podobny numer części - TIP32C_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
TIP32C-BP MCC-TIP32C-BP Datasheet
125Kb / 2P
   Silicon PNP Power Transistors
logo
JILIN SINO-MICROELECTRO...
TIP32C-O-C-N-B JSMC-TIP32C-O-C-N-B Datasheet
260Kb / 4P
   PNP Epitaxial Silicon Transistor
TIP32C-O-C-N-C JSMC-TIP32C-O-C-N-C Datasheet
260Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
Unisonic Technologies
TIP32C-TA3-T UTC-TIP32C-TA3-T Datasheet
136Kb / 3P
   PNP EXPITAXIAL PLANAR TRANSISTOR
TIP32C-TN3-R UTC-TIP32C-TN3-R Datasheet
116Kb / 3P
   PNP EXPITAXIAL PLANAR TRANSISTOR
More results

Podobny opis - TIP32C_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
TIP32C UTC-TIP32C Datasheet
123Kb / 2P
   PNP EXPITAXIAL PLANAR TRANSISTOR
TIP32C UTC-TIP32C_05 Datasheet
116Kb / 3P
   PNP EXPITAXIAL PLANAR TRANSISTOR
TIP32C UTC-TIP32C_09 Datasheet
136Kb / 3P
   PNP EXPITAXIAL PLANAR TRANSISTOR
logo
Continental Device Indi...
2N4037 CDIL-2N4037 Datasheet
203Kb / 3P
   PNP SILICON PLANAR EXPITAXIAL TRANSISTOR.
logo
Dongguan Pingjingsemi T...
MPSA94SQ PJSEMI-MPSA94SQ Datasheet
461Kb / 4P
   PNP Silicon Expitaxial Planar Transistor
MPSA92SQ PJSEMI-MPSA92SQ Datasheet
1Mb / 3P
   PNP Silicon Expitaxial Planar Transistor
logo
SEMTECH ELECTRONICS LTD...
MPSA92 SEMTECH_ELEC-MPSA92 Datasheet
193Kb / 3P
   PNP Silicon Expitaxial Planar Transistor
logo
Unisonic Technologies
BU407 UTC-BU407_15 Datasheet
140Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
TIP31C UTC-TIP31C_15 Datasheet
170Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
TIP31C UTC-TIP31C_09 Datasheet
176Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com