Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP35CG-X-T3N-T Arkusz danych(PDF) 2 Page - Unisonic Technologies

Numer części TIP35CG-X-T3N-T
Szczegółowy opis  HIGH POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TIP35CG-X-T3N-T Arkusz danych(HTML) 2 Page - Unisonic Technologies

  TIP35CG-X-T3N-T Datasheet HTML 1Page - Unisonic Technologies TIP35CG-X-T3N-T Datasheet HTML 2Page - Unisonic Technologies TIP35CG-X-T3N-T Datasheet HTML 3Page - Unisonic Technologies TIP35CG-X-T3N-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TIP35C
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R214-013.C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage (IE = 0)
VCBO
100
V
Collector-Emitter Voltage (IB = 0)
VCEO
100
V
Emitter-Base Voltage (IC = 0)
VEBO
5
V
Collector Current
IC
25
A
Collector Peak Current
ICM
50
A
Base Current
IB
5
A
Total Dissipation (TC =25 °C)
PD
125
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Thermal Resistance Junction-Case
θJC
1
°C/W
ELECTRICAL CHARACTERISTICS (Tc =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector Cut-off Current (IE = 0)
ICBO
VCB = 100 V
10
μA
Emitter Cut-off Current (IC = 0)
IEBO
VEB = 5 V
10
μA
Collector-Emitter Sustaining Voltage (IB = 0)
V(BR)CEO
IC = 50 mA
100
V
Collector-Emitter Saturation Voltage
VCE(SAT)
IB = 1.5 A, IC = 15 A
1.8
V
IB = 5 A, IC = 25 A
4
V
Base-Emitter Voltage
VBE(ON)
VCE = 5 V, IC = 5 A
1.5
V
DC Current Gain
hFE1
VCE = 5 V, IC = 1.5 A
55
160
hFE2
VCE = 4 V, IC = 15 A
15
Transition Frequency
fT
VCE = 5 V, IC = 1 A
3
MHz
CLASSIFICATION OF hFE1
RANK
R
O
RANGE
55~110
80~160


Podobny numer części - TIP35CG-X-T3N-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
TIP35CG ONSEMI-TIP35CG Datasheet
86Kb / 6P
   Complementary Silicon High?뭁ower Transistors
September, 2005 ??Rev. 5
TIP35CG ONSEMI-TIP35CG Datasheet
137Kb / 8P
   Complementary Silicon High-Power Transistors
May, 2012 ??Rev. 6
More results

Podobny opis - TIP35CG-X-T3N-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Continental Device Indi...
TIP33 CDIL-TIP33 Datasheet
337Kb / 4P
   HIGH POWER TRANSISTORS
logo
Unisonic Technologies
TIP36C UTC-TIP36C_15 Datasheet
176Kb / 4P
   HIGH POWER TRANSISTORS
TIP36C UTC-TIP36C Datasheet
93Kb / 2P
   HIGH POWER TRANSISTORS
TIP35C UTC-TIP35C Datasheet
93Kb / 2P
   HIGH POWER TRANSISTORS
logo
ON Semiconductor
MJE4343 ONSEMI-MJE4343_06 Datasheet
147Kb / 7P
   High?뭋oltage  High Power Transistors
March, 2006 ??Rev. 4
MJE4343G ONSEMI-MJE4343G Datasheet
138Kb / 8P
   High-Voltage - High Power Transistors
May, 2012 ??Rev. 5
logo
Boca Semiconductor Corp...
BU126 BOCA-BU126 Datasheet
121Kb / 3P
   HIGH VOLTAGE POWER TRANSISTORS
logo
ON Semiconductor
MJD340 ONSEMI-MJD340_16 Datasheet
93Kb / 6P
   High Voltage Power Transistors
June, 2016 ??Rev. 12
MJD47 ONSEMI-MJD47_11 Datasheet
115Kb / 5P
   High Voltage Power Transistors
January, 2011 ??Rev. 10
logo
Comset Semiconductor
2N3442 COMSET-2N3442_12 Datasheet
80Kb / 3P
   HIGH POWER INDUSTRIAL TRANSISTORS
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com