Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS3140 Arkusz danych(PDF) 6 Page - Gennum Corporation

Numer części GS3140
Szczegółowy opis  Digital cable length indication
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS3140 Arkusz danych(HTML) 6 Page - Gennum Corporation

Back Button GS3140 Datasheet HTML 2Page - Gennum Corporation GS3140 Datasheet HTML 3Page - Gennum Corporation GS3140 Datasheet HTML 4Page - Gennum Corporation GS3140 Datasheet HTML 5Page - Gennum Corporation GS3140 Datasheet HTML 6Page - Gennum Corporation GS3140 Datasheet HTML 7Page - Gennum Corporation GS3140 Datasheet HTML 8Page - Gennum Corporation GS3140 Datasheet HTML 9Page - Gennum Corporation GS3140 Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
GS3140
Final Data Sheet
Rev.1
PDS-060939
May 2015
6 of 40
Semtech
Proprietary & Confidential
www.semtech.com
13
VCC_D
Power
Most positive power supply connection for the digital IO and the
digital circuits.
Connect to 1.8V.
14
SDOUT
Digital Output
Host Interface Serial Data Output
15
CS
Digital Input
Host Interface Chip Select (active LOW)
16
INT
Digital Output
Interrupt, programmable status pin.
Default is Loss of Signal (LOS)
Table 1-1: GS3140 Pin Descriptions (Continued)
Pin Number
Name
Type
Description


Podobny numer części - GS3140

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
GS3140 SEMTECH-GS3140 Datasheet
246Kb / 3P
   Multi-Rate Adaptive 3G SDI Equalizer
GS3140-INE3 SEMTECH-GS3140-INE3 Datasheet
1Mb / 40P
   Multi-Rate Adaptive 3G SDI Equalizer
More results

Podobny opis - GS3140

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
EV-VN7016AJ STMICROELECTRONICS-EV-VN7016AJ Datasheet
513Kb / 7P
   Thermal shutdown indication
logo
PHOENIX CONTACT
IEG45-3LA40021 PHOENIX-IEG45-3LA40021 Datasheet
104Kb / 2P
   Voltage indication module
logo
STMicroelectronics
EV-VN7040AJ STMICROELECTRONICS-EV-VN7040AJ Datasheet
436Kb / 7P
   Thermal shutdown indication
logo
Integrated Device Techn...
IDT82V3012 IDT-IDT82V3012 Datasheet
456Kb / 32P
   Holdover status indication
logo
STMicroelectronics
EV-VN7010AJ STMICROELECTRONICS-EV-VN7010AJ Datasheet
512Kb / 7P
   Thermal shutdown indication
EV-VN7050AS STMICROELECTRONICS-EV-VN7050AS Datasheet
430Kb / 7P
   Thermal shutdown indication
EV-VN7140AJ STMICROELECTRONICS-EV-VN7140AJ Datasheet
436Kb / 7P
   Thermal shutdown indication
EV-VN7040AS STMICROELECTRONICS-EV-VN7040AS Datasheet
477Kb / 7P
   Thermal shutdown indication
logo
Marl International Limi...
671-290-22 MARL-671-290-22_13 Datasheet
374Kb / 4P
   Large LED indication
logo
Pepperl+Fuchs Inc.
HIATB01-FAULT-01 PF-HIATB01-FAULT-01 Datasheet
938Kb / 3P
   Fault Indication Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com