Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS3441 Arkusz danych(PDF) 6 Page - Gennum Corporation

Numer części GS3441
Szczegółowy opis  Automatic power-down on loss of signal
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS3441 Arkusz danych(HTML) 6 Page - Gennum Corporation

Back Button GS3441 Datasheet HTML 2Page - Gennum Corporation GS3441 Datasheet HTML 3Page - Gennum Corporation GS3441 Datasheet HTML 4Page - Gennum Corporation GS3441 Datasheet HTML 5Page - Gennum Corporation GS3441 Datasheet HTML 6Page - Gennum Corporation GS3441 Datasheet HTML 7Page - Gennum Corporation GS3441 Datasheet HTML 8Page - Gennum Corporation GS3441 Datasheet HTML 9Page - Gennum Corporation GS3441 Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
GS3441 Extended Reach 3G/HD/SD Adaptive Cable
Equalizer with Dual Outputs
Final Data Sheet
Rev. 1
GENDOC-056647
May 2013
6 of 25
Proprietary & Confidential
www.semtech.com
19
VCC_O1
Analog
Power
Most positive power supply connection for the output buffer for
output 1.
Connect to 1.2 - 3.3V DC.
20
OP1_CTL
Not
Synchronous
Input
Controls the Output Swing, De-emphasis and Mute features of the
DDO/DDO outputs for Output 1.
When this pin is connected to GND, the output swing is 800mVppd
with no de-emphasis applied to the output signal.
With this pin connected to the 2.5V, the output is MUTED.
Intermediate voltages and functions are shown in Table 4-5. These
voltages can be achieved as shown in Figure 4-2 and Figure 4-3.
This pin has an internal pull-down resistor.
21
OP1_EN
Input
Output 1 Enable.
Please refer to the input logic parameter in the DC Electrical
Characteristics table for logic level threshold and compatibility.
When HIGH, Output 1 is operational.
When LOW, Output 1 is powered-down and the outputs are both at
VCC_O1.
This pin has an internal pull-up resistor.
22
CLI
Output
Cable Length Indicator
23
SLEEP
Not
Synchronous
Input
SLEEP Control.
Please refer to the input logic parameter in the DC Electrical
Characteristics table for logic level threshold and compatibility. This
pin is a 2.5V input that is tolerant to 3.3V levels.
When HIGH the part is powered-down except for the Carrier Detect
function.
This pin may be connected directly to the CD pin to automatically
put the device to sleep (low-power operation) on loss of carrier.
This pin has an internal pull-down resistor.
Note: When SLEEP is connected to CD for automatic power
reduction on loss of carrier, the SQ_ADJ pin will not modify the CD
threshold. The CD threshold will revert to the default value used
when SQ_ADJ is pulled LOW.
24
CD
Not
Synchronous
Output
Carrier Detect Status Output.
Please refer to the output logic parameter in the DC Electrical
Characteristics table for logic level threshold and compatibility. This
pin is a 2.5V output.
Indicates presence of an input signal. When the CD pin is LOW, a
signal has been detected at the input. When this pin is HIGH, it
indicates loss of input signal.
Center Pad
—Power
Internally bonded to VEE_A.
Connect to GND with at least 5 VIAs.
Table 1-1: GS3441 Pin Descriptions (Continued)
Pin Number
Name
Timing
Type
Description


Podobny numer części - GS3441

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
GS3441 SEMTECH-GS3441 Datasheet
1Mb / 25P
   Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
GS3441-INE3 SEMTECH-GS3441-INE3 Datasheet
1Mb / 25P
   Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
GS3441-INTE3 SEMTECH-GS3441-INTE3 Datasheet
1Mb / 25P
   Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
GS3441-INTE3Z SEMTECH-GS3441-INTE3Z Datasheet
1Mb / 25P
   Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
More results

Podobny opis - GS3441

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS2994 GENNUM-GS2994 Datasheet
1Mb / 20P
   Automatic power-down on loss of signal
GS3440 GENNUM-GS3440 Datasheet
1Mb / 23P
   Automatic power-down on loss of signal
GS2993 GENNUM-GS2993 Datasheet
1Mb / 23P
   Automatic power-down on loss of signal
logo
Hittite Microwave Corpo...
HMC914LP4E HITTITE-HMC914LP4E Datasheet
744Kb / 12P
   12.5 Gbps LIMITING AMPLIFIER w/ LOSS OF SIGNAL FEATURE
logo
Analog Devices
HMC914LP4E AD-HMC914LP4E Datasheet
708Kb / 12P
   12.5 Gbps LIMITING AMPLIFIER w/ LOSS OF SIGNAL FEATURE
v03.1012
logo
Micrel Semiconductor
SY88313BL MICREL-SY88313BL Datasheet
387Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88289AL MICREL-SY88289AL Datasheet
334Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
logo
Linear Technology
LTC2955 LINER-LTC2955 Datasheet
224Kb / 6P
   Pushbutton On/Off Controller with Automatic Turn-On
LTC2955 LINER-LTC2955_15 Datasheet
219Kb / 20P
   Pushbutton On/Off Controller with Automatic Turn-On
logo
Power Integrations, Inc...
CAP004DG-TL POWERINT-CAP004DG-TL Datasheet
604Kb / 8P
   Zero1 Loss Automatic X Capacitor Discharge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com