Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL5857IBZ Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL5857IBZ
Szczegółowy opis  12-bit, 3.3V, 260MSPS, High Speed D/A Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5857IBZ Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL5857IBZ Datasheet HTML 1Page - Intersil Corporation ISL5857IBZ Datasheet HTML 2Page - Intersil Corporation ISL5857IBZ Datasheet HTML 3Page - Intersil Corporation ISL5857IBZ Datasheet HTML 4Page - Intersil Corporation ISL5857IBZ Datasheet HTML 5Page - Intersil Corporation ISL5857IBZ Datasheet HTML 6Page - Intersil Corporation ISL5857IBZ Datasheet HTML 7Page - Intersil Corporation ISL5857IBZ Datasheet HTML 8Page - Intersil Corporation ISL5857IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
DATASHEET
12-bit, +3.3V, 260+MSPS, High Speed D/A Converter
ISL5857
The ISL5857 is a 12-bit, 260+MSPS (Mega Samples Per
Second), CMOS, high speed, low power, D/A (digital-to-analog)
converter designed specifically for use in high performance
communication systems such as base transceiver stations
utilizing 2.5G or 3G cellular protocols.
This device complements the ISL5x57 family of high speed
converters, which include 10, 12, and 14-bit devices.
Applications
• Cellular Infrastructure - single or multicarrier: IS-136, IS-95,
GSM, EDGE, CDMA2000, WCDMA, TDS-CDMA
• BWA infrastructure
• Medical/test instrumentation
• Wireless communication systems
• High resolution imaging systems
• Arbitrary waveform generators
Features
• Low power . . . . . . . . 103mW with 20mA output at 130MSPS
• Adjustable full scale output current. . . . . . . . . 2mA to 20mA
• +3.3V power supply
• 3V LVCMOS compatible inputs
• Excellent spurious free dynamic range
(73dBc to Nyquist, fS = 130MSPS, fOUT = 10MHz)
• UMTS adjacent channel power = 70dB at 19.2MHz
• EDGE/GSM SFDR = 90dBc at 11MHz in 20MHz window
• Pin compatible, 3.3V, lower power replacement for the
AD9752 and HI5860
• Pb-free (RoHS compliant)
D11 (MSB) (1)
D10 (2)
D9 (3)
D8 (4)
D7 (5)
D6 (6)
D5 (7)
D4 (8)
D11
D10
D9
D8
D7
D6
D5
D4
DCOM (26, 13, 14)
CLK (28)
(24) AVDD
(22) IOUTA
(21) IOUTB
(18) FSADJ
(16) REFLO
ISL5857
DVDD (27)
0.1µF
10µF
(20) ACOM
50Ω
(15) SLEEP
(17) REFIO
0.1µF
1.91kΩ
FERRITE
10µH
(23) COMP
0.1µF
+
BEAD
RSET
D3
D2
D1
D0
D3 (9)
D2 (10)
D1 (11)
D0 (LSB) (12)
0.1µF
10µH
+
BEAD
(25, 19) NC
ACOM
DCOM
10µF
+3.3V (VDD)
50Ω
(50Ω)
1:1, Z1:Z2
ONE CONNECTION
ANY 50Ω LOAD
REPRESENTS
FIGURE 1. TYPICAL APPLICATIONS CIRCUIT
October 7, 2015
FN6079.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2004, 2015. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Podobny numer części - ISL5857IBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL5857IBZ INTERSIL-ISL5857IBZ Datasheet
637Kb / 13P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5857IBZ RENESAS-ISL5857IBZ Datasheet
1,020Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
More results

Podobny opis - ISL5857IBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL5857 INTERSIL-ISL5857 Datasheet
637Kb / 13P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5857 RENESAS-ISL5857 Datasheet
1,020Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5827 INTERSIL-ISL5827 Datasheet
666Kb / 13P
   Dual 12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5757 RENESAS-ISL5757 Datasheet
902Kb / 13P
   10-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5957 INTERSIL-ISL5957 Datasheet
630Kb / 13P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5957 RENESAS-ISL5957 Datasheet
963Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5757 INTERSIL-ISL5757 Datasheet
625Kb / 13P
   10-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5957IBZ INTERSIL-ISL5957IBZ Datasheet
658Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
September 29, 2015
ISL5627 INTERSIL-ISL5627 Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5727 INTERSIL-ISL5727 Datasheet
672Kb / 13P
   Dual 10-bit, 3.3V, 260MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com