Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL22313TFU10Z Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części ISL22313TFU10Z
Szczegółowy opis  Low Noise, Low Power, I2C짰 Bus, 256 Taps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22313TFU10Z Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button ISL22313TFU10Z Datasheet HTML 2Page - Intersil Corporation ISL22313TFU10Z Datasheet HTML 3Page - Intersil Corporation ISL22313TFU10Z Datasheet HTML 4Page - Intersil Corporation ISL22313TFU10Z Datasheet HTML 5Page - Intersil Corporation ISL22313TFU10Z Datasheet HTML 6Page - Intersil Corporation ISL22313TFU10Z Datasheet HTML 7Page - Intersil Corporation ISL22313TFU10Z Datasheet HTML 8Page - Intersil Corporation ISL22313TFU10Z Datasheet HTML 9Page - Intersil Corporation ISL22313TFU10Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
FN6421.0
July 17, 2007
SERIAL INTERFACE SPECS
VIL
A1, A0, SDA, and SCL input buffer
LOW voltage
-0.3
0.3*VCC
V
VIH
A1, A0, SDA, and SCL input buffer
HIGH voltage
0.7*VCC
VCC +0.
3
V
Hysteresis
(Note 16)
SDA and SCL input buffer hysteresis
0.05*VCC
V
VOL
(Note 16)
SDA output buffer LOW voltage,
sinking 4mA
00.4
V
Cpin
(Note 16)
A1, A0, SDA, and SCL pin
capacitance
10
pF
fSCL
SCL frequency
400
kHz
tsp
Pulse width suppression time at SDA
and SCL inputs
Any pulse narrower than the max spec is
suppressed
50
ns
tAA
(Note 16)
SCL falling edge to SDA output data
valid
SCL falling edge crossing 30% of VCC, until
SDA exits the 30% to 70% of VCC window
900
ns
tBUF
(Note 16)
Time the bus must be free before the
start of a new transmission
SDA crossing 70% of VCC during a STOP
condition, to SDA crossing 70% of VCC
during the following START condition
1300
ns
tLOW
Clock LOW time
Measured at the 30% of VCC crossing
1300
ns
tHIGH
Clock HIGH time
Measured at the 70% of VCC crossing
600
ns
tSU:STA
START condition setup time
SCL rising edge to SDA falling edge; both
crossing 70% of VCC
600
ns
tHD:STA
START condition hold time
From SDA falling edge crossing 30% of VCC
to SCL falling edge crossing 70% of VCC
600
ns
tSU:DAT
Input data setup time
From SDA exiting the 30% to 70% of VCC
window, to SCL rising edge crossing 30% of
VCC
100
ns
tHD:DAT
Input data hold time
From SCL rising edge crossing 70% of VCC
to SDA entering the 30% to 70% of VCC
window
0ns
tSU:STO
STOP condition setup time
From SCL rising edge crossing 70% of VCC,
to SDA rising edge crossing 30% of VCC
600
ns
tHD:STO
STOP condition hold time for read, or
volatile only write
From SDA rising edge to SCL falling edge;
both crossing 70% of VCC
1300
ns
tDH
(Note 16)
Output data hold time
From SCL falling edge crossing 30% of VCC,
until SDA enters the 30% to 70% of VCC
window
0ns
tR
(Note 16)
SDA and SCL rise time
From 30% to 70% of VCC
20 +
0.1 * Cb
250
ns
tF
(Note 16)
SDA and SCL fall time
From 70% to 30% of VCC
20 +
0.1 * Cb
250
ns
Cb
(Note 16)
Capacitive loading of SDA or SCL
Total on-chip and off-chip
10
400
pF
Rpu
(Note 16)
SDA and SCL bus pull-up resistor
off-chip
Maximum is determined by tR and tF
For Cb = 400pF, max is about 2k
Ω~2.5kΩ
For Cb = 40pF, max is about 15k
Ω~20kΩ
1k
Ω
Operating Specifications Over the recommended operating conditions unless otherwise specified. Limits are established by
characterization. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 18)
TYP
(Note 4)
MAX
(Note 18)
UNIT
ISL22313


Podobny numer części - ISL22313TFU10Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL22313TFU10Z INTERSIL-ISL22313TFU10Z Datasheet
623Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
ISL22313TFU10Z INTERSIL-ISL22313TFU10Z Datasheet
623Kb / 15P
   Single Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL22313TFU10Z RENESAS-ISL22313TFU10Z Datasheet
1Mb / 15P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C
August 18, 2016
More results

Podobny opis - ISL22313TFU10Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power, I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
103Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
November 11, 2011
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 INTERSIL-ISL95810_06 Datasheet
1Mb / 13P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90842 INTERSIL-ISL90842 Datasheet
1Mb / 12P
   Low Noise, Low Power, I2C Bus, 256 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com