Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL22323TFV14Z Arkusz danych(PDF) 10 Page - Intersil Corporation

Numer części ISL22323TFV14Z
Szczegółowy opis  Low Noise, Low Power, I2C® Bus, 256 Taps
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22323TFV14Z Arkusz danych(HTML) 10 Page - Intersil Corporation

Back Button ISL22323TFV14Z Datasheet HTML 6Page - Intersil Corporation ISL22323TFV14Z Datasheet HTML 7Page - Intersil Corporation ISL22323TFV14Z Datasheet HTML 8Page - Intersil Corporation ISL22323TFV14Z Datasheet HTML 9Page - Intersil Corporation ISL22323TFV14Z Datasheet HTML 10Page - Intersil Corporation ISL22323TFV14Z Datasheet HTML 11Page - Intersil Corporation ISL22323TFV14Z Datasheet HTML 12Page - Intersil Corporation ISL22323TFV14Z Datasheet HTML 13Page - Intersil Corporation ISL22323TFV14Z Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
FN6422.2
August 17, 2015
FIGURE 3. DNL vs TAP POSITION IN VOLTAGE DIVIDER
MODE FOR 10k
 (W)
FIGURE 4. INL vs TAP POSITION IN VOLTAGE DIVIDER
MODE FOR 10k
 (W)
FIGURE 5. ZS ERROR vs TEMPERATURE
FIGURE 6. FS ERROR vs TEMPERATURE
FIGURE 7. DNL vs TAP POSITION IN RHEOSTAT MODE FOR
10k
 (W)
FIGURE 8. INL vs TAP POSITION IN RHEOSTAT MODE FOR
10k
 (W)
Typical Performance Curves (Continued)
-0.50
-0.25
0
0.25
0.50
0
50
100
150
200
250
TAP POSITION (DECIMAL)
T = +25°C
VCC = 2.25V
VCC = 5.5V
-0.50
-0.25
0
0.25
0.50
0
50
100
150
200
250
TAP POSITION (DECIMAL)
T = +25°C
VCC = 5.5V
VCC = 2.25V
0
0.4
0.8
1.2
1.6
2.0
-40
0
40
80
120
TEMPERATURE (ºC)
VCC = 2.25V
VCC = 5.5V
50k
10k
-5
-4
-3
-2
-1
0
-40
0
40
80
120
TEMPERATURE (ºC)
VCC = 5.5V
10k
50k
VCC = 2.25V
-0.50
-0.25
0
0.25
0.5
0
50
100
150
200
250
TAP POSITION (DECIMAL)
VCC = 2.25V
VCC = 5.5V
T = +25°C
-0.5
0
0.5
1.0
1.5
2.0
0
50
100
150
200
250
TAP POSITION (DECIMAL)
VCC = 5.5V
T = +25°C
VCC = 2.25V
ISL22323


Podobny numer części - ISL22323TFV14Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL22323TFV14Z INTERSIL-ISL22323TFV14Z Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22323TFV14Z RENESAS-ISL22323TFV14Z Datasheet
1Mb / 19P
   Dual Digitally Controlled Potentiometer (XDCP) Low Noise, Low Power, I2C Bus, 256 Taps
Aug 17, 2015
More results

Podobny opis - ISL22323TFV14Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL90842UIV1427Z INTERSIL-ISL90842UIV1427Z Datasheet
676Kb / 10P
   Low Noise, Low Power I2C® Bus, 256 Taps
January 16, 2006
X95820WV14I-2.7 INTERSIL-X95820WV14I-2.7 Datasheet
1Mb / 12P
   Low Noise/Low Power/I2C® Bus/256 Taps
July 18, 2006
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 INTERSIL-ISL95810_06 Datasheet
1Mb / 13P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90842 INTERSIL-ISL90842 Datasheet
1Mb / 12P
   Low Noise, Low Power, I2C Bus, 256 Taps
ISL90841 INTERSIL-ISL90841 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL22424TFV14Z INTERSIL-ISL22424TFV14Z Datasheet
760Kb / 20P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22414TFU10Z INTERSIL-ISL22414TFU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com