Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA21231 Arkusz danych(PDF) 8 Page - Infineon Technologies AG

Numer części TDA21231
Szczegółowy opis  DrMOS Product Family
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA21231 Arkusz danych(HTML) 8 Page - Infineon Technologies AG

Back Button TDA21231_15 Datasheet HTML 4Page - Infineon Technologies AG TDA21231_15 Datasheet HTML 5Page - Infineon Technologies AG TDA21231_15 Datasheet HTML 6Page - Infineon Technologies AG TDA21231_15 Datasheet HTML 7Page - Infineon Technologies AG TDA21231_15 Datasheet HTML 8Page - Infineon Technologies AG TDA21231_15 Datasheet HTML 9Page - Infineon Technologies AG TDA21231_15 Datasheet HTML 10Page - Infineon Technologies AG TDA21231_15 Datasheet HTML 11Page - Infineon Technologies AG TDA21231_15 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TDA21231
Data Sheet
7
Table 9
Voltage Supply And Biasing Current
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
UVLO BOOT rising
V
UVLOBOOT_R
4.0
V
VBOOT-VSW rising
UVLO BOOT falling
V
UVLOBOOT_F
3.8
VBOOT-VSW falling
UVLO rising
V
UVLO_R
4.2
V
VCC rising
UVLO falling
V
UVLO_F
3.7
VCC falling
Driver current
I
PVCC_300kHz
15
mA
EN = 3.3 V, f
SW = 300 kHz
I
PVCC_1MHz
50
EN = 3.3 V, f
SW = 1 MHz
I
PVCC_PWML
710
μA
EN = 3.3 V, PWM = 0V
I
PVCC_PWMH
210
EN = 0V, PWM=3.3V,
IC current (control)
I
VCC_PWML
1
mA
EN = 3.3 V, PWM = 0 V
I
VCC_O
630
μA
EN = 3.3 V, PWM = Open
IC quiescent
I
CC + IPVCC
840
EN = 0V, PWM = Open
Pre-Bias at SW
VSW_0
160
180
mV
VCC and PVCC present
Table 10
Logic Inputs And Threshold
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
EN
Input low
V
EN_L
0.8
V
V
EN falling
Input high
V
EN_H
2.0
V
EN rising
Sink current
I
EN
10
μA
V
EN = 1 V
PWM
Input low
V
PWM_L
0.6
V
V
PWM falling
Input high
V
PWM_H
2.6
V
PWM rising
Input resistance
R
IN-PWM
2
k
V
PWM = 1 V
Open voltage
V
PWM_O
1.6
V
V
PWM_O
Tri-state
shutdown
window
4
V
PWM_S
1.2
2.0
PHFLT# Warning
Temperature
5
TPHFLT#_T
140
°C
Thermal warning
accuracy
5
dTPHFLT#_T
-10
10
K
Hysteresis
5
TPHFLT#_H
10
On resistance
RPHFLT#_PD
37.5
80
Ω
ILOAD = 8mA
Leakage current
IPHFLT#_LK
0.1
5
μA
4 Maximum voltage range for tri-state
5 The thresholds for temperature warning are verified by design and not subject to production test.


Podobny numer części - TDA21231_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
TDA21201 INFINEON-TDA21201 Datasheet
754Kb / 15P
   Integrated Switch(MOSFET Driver and MOSFETs)
Apr-29, 2002
TDA21201-B7 INFINEON-TDA21201-B7 Datasheet
754Kb / 15P
   Integrated Switch(MOSFET Driver and MOSFETs)
Apr-29, 2002
TDA21201-P7 INFINEON-TDA21201-P7 Datasheet
754Kb / 15P
   Integrated Switch(MOSFET Driver and MOSFETs)
Apr-29, 2002
TDA21201-S7 INFINEON-TDA21201-S7 Datasheet
754Kb / 15P
   Integrated Switch(MOSFET Driver and MOSFETs)
Apr-29, 2002
TDA21211 INFINEON-TDA21211 Datasheet
481Kb / 20P
   High-Performance DrMOS
August - 2009
More results

Podobny opis - TDA21231_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VTI technologies
SCA3100-D04-1 VTI-SCA3100-D04-1 Datasheet
936Kb / 43P
   Product Family Specification
logo
Samsung semiconductor
KLMAG2GEND-B031 SAMSUNG-KLMAG2GEND-B031 Datasheet
404Kb / 27P
   e쨌MMC Product family
logo
Broadcom Corporation.
INTENSI-FI BOARDCOM-INTENSI-FI Datasheet
157Kb / 2P
   DRAFT-802.11n PRODUCT FAMILY
logo
NXP Semiconductors
HCS12DBFAMILYPP NXP-HCS12DBFAMILYPP Datasheet
797Kb / 12P
   HCS12DB Family Product Proposal
Rev. 0.7, 8/2003
logo
Xilinx, Inc
XA2S200E-6FT256Q XILINX-XA2S200E-6FT256Q Datasheet
141Kb / 6P
   Automotive XA Product Family
logo
List of Unclassifed Man...
SH8M08GBATCEBAA01 ETC2-SH8M08GBATCEBAA01 Datasheet
1,008Kb / 2P
   e?줞MCTM Product Family
logo
Motorola, Inc
MC9S12DB MOTOROLA-MC9S12DB Datasheet
758Kb / 12P
   HCS12DB Family Product Proposal
logo
List of Unclassifed Man...
AT25DF256 ETC2-AT25DF256 Datasheet
437Kb / 7P
   Bios Flash Product Family
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
List of Unclassifed Man...
CXD9450 ETC-CXD9450 Datasheet
114Kb / 16P
   Single-Chip FaxEngine Product Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com