Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL59920IRZ Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części ISL59920IRZ
Szczegółowy opis  Triple Analog Video Delay Lines
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59920IRZ Arkusz danych(HTML) 3 Page - Intersil Corporation

  ISL59920IRZ Datasheet HTML 1Page - Intersil Corporation ISL59920IRZ Datasheet HTML 2Page - Intersil Corporation ISL59920IRZ Datasheet HTML 3Page - Intersil Corporation ISL59920IRZ Datasheet HTML 4Page - Intersil Corporation ISL59920IRZ Datasheet HTML 5Page - Intersil Corporation ISL59920IRZ Datasheet HTML 6Page - Intersil Corporation ISL59920IRZ Datasheet HTML 7Page - Intersil Corporation ISL59920IRZ Datasheet HTML 8Page - Intersil Corporation ISL59920IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ISL59920, ISL59921, ISL59922, ISL59923
3
FN6826.4
August 27, 2015
Submit Document Feedback
10
SCLOCK
Serial Clock input: Clock to enter data; logical; data written on negative edge
11
BOUT
Blue channel video output
12
VSMO
-5V for video output buffers
13
GOUT
Green channel video output
14
GNDO
0V reference for input and output buffers
15
ROUT
Red channel video output
16
VSPO
+5V for video output buffers
17
TESTB
Blue channel phase detector output
18
TESTG
Green channel phase detector output
19
TESTR
Red channel phase detector output
20
X2
Gain Select Input: logical high = 2x (+6dB), logical low = 1x (0dB)
Thermal Pad
MUST be tied to -5V. For best thermal conductivity, tie to a larger -5V copper plane (inner or
bottom). Use many vias to minimize thermal resistance between thermal pad and copper plane.
Do not connect to GND - connection to GND is equivalent to shorting the -5V and GND planes
together.
Pin Descriptions (Continued)
PIN NUMBER
PIN NAME
PIN DESCRIPTION


Podobny numer części - ISL59920IRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL59920IRZ INTERSIL-ISL59920IRZ Datasheet
724Kb / 15P
   Triple Analog Video Delay Lines
ISL59920IRZ INTERSIL-ISL59920IRZ Datasheet
815Kb / 16P
   Triple Analog Video Delay Lines
logo
Renesas Technology Corp
ISL59920IRZ RENESAS-ISL59920IRZ Datasheet
1Mb / 18P
   Triple Analog Video Delay Lines
More results

Podobny opis - ISL59920IRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL59920 INTERSIL-ISL59920 Datasheet
815Kb / 16P
   Triple Analog Video Delay Lines
ISL59920 INTERSIL-ISL59920_09 Datasheet
724Kb / 15P
   Triple Analog Video Delay Lines
logo
Renesas Technology Corp
ISL59920 RENESAS-ISL59920 Datasheet
1Mb / 18P
   Triple Analog Video Delay Lines
logo
Intersil Corporation
EL9115 INTERSIL-EL9115 Datasheet
581Kb / 9P
   Triple Analog Video Delay Line
EL9115 INTERSIL-EL9115_08 Datasheet
373Kb / 9P
   Triple Analog Video Delay Line
EL9115ILZ INTERSIL-EL9115ILZ Datasheet
446Kb / 10P
   Triple Analog Video Delay Line
January 12, 2012
EL9115 INTERSIL-EL9115_06 Datasheet
330Kb / 9P
   Triple Analog Video Delay Line
EL9115 INTERSIL-EL9115_09 Datasheet
388Kb / 9P
   Triple Analog Video Delay Line
logo
Renesas Technology Corp
EL9115 RENESAS-EL9115 Datasheet
651Kb / 10P
   Triple Analog Video Delay Line
logo
Faraday Technology
FNV180 FARADAY-FNV180 Datasheet
74Kb / 2P
   ADJUSTABLE VIDEO DELAY LINES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com