Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL59960IRZ Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części ISL59960IRZ
Szczegółowy opis  960MegaQ™: An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59960IRZ Arkusz danych(HTML) 3 Page - Intersil Corporation

  ISL59960IRZ Datasheet HTML 1Page - Intersil Corporation ISL59960IRZ Datasheet HTML 2Page - Intersil Corporation ISL59960IRZ Datasheet HTML 3Page - Intersil Corporation ISL59960IRZ Datasheet HTML 4Page - Intersil Corporation ISL59960IRZ Datasheet HTML 5Page - Intersil Corporation ISL59960IRZ Datasheet HTML 6Page - Intersil Corporation ISL59960IRZ Datasheet HTML 7Page - Intersil Corporation ISL59960IRZ Datasheet HTML 8Page - Intersil Corporation ISL59960IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ISL59960
3
FN8358.0
December 18, 2012
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
INPUTS
3
IN+
High impedance analog input. This is the positive differential video input. Input signals are externally AC-coupled with
an external 1.0µF capacitor. See “Application Information” on page 10 for information regarding input network for
Cat x and coax cables.
5
IN-
High impedance analog input. This is the negative differential video input. Input signals are externally AC-coupled
with an external 1.0µF capacitor. See “Application Information” on page 10 for information regarding input network
for Cat x and coax cables.
12
CFB
Analog input. Bypass to ground with a 1500pF capacitor and connect to VIDEO OUT via a 0.047µF capacitor in series
with a 300Ω resistor.
OUTPUTS
13
VIDEO OUT
Single-ended video output. The internal AGC sets this level to 2VP-P for a nominal 1VP-P (pre-cable) video source.
DIGITAL I/O
7
EQ_DISABLE Digital Input. Equalizer Disable.
0: Normal Operation
1: Disables the equalizer to allow for insertion of upstream data onto the signal path, e.g., RS-485.
This pin must be asserted high or low. Do not float this pin.
8
COLOR
Digital I/O. Color Indicator/Override.
0: Monochrome
1: Color
When used as an output, this pin indicates whether the incoming signal does or does not have a colorburst. When
used as an input, this pin forces the state machine to into monochrome or color mode. See Figure 13 and associated
text for more information on functionality.
When COLOR is not externally driven, it is an output pin with a 13kΩ (typical) output impedance. It is capable of
driving 5V, high-impedance CMOS logic.
Note: The COLOR indicator may be invalid for monochrome signals over greater than ~3500 feet. The device will still
equalize properly if this occurs.
9
INVERT
Digital I/O. Polarity Indicator/Override.
0: Nominal Polarity.
1: Inverted Polarity.
When used as an output, this pin indicates the polarity of the incoming signal. When used as an input, this pin
controls whether or not the input signal is inverted in the signal chain. See Figure 12 and associated text for more
information on functionality.
When INVERT is not externally driven, it is an output pin with a 13kΩ (typical) output impedance. It is capable of
driving 5V, high-impedance CMOS logic.
In stand-alone mode, toggling this pin high-low-high or low-high-low will make the equalizer reacquire the signal.
10
LOCKED
Digital Output.
0: Signal is not equalized (or not present).
1: Signal is equalized and settled.
Note: The LOCKED indicator may be invalid for monochrome signals over greater than ~3500 feet. The device will
still equalize properly if this occurs.
16
FREEZE
Digital Input. Freezes equalizer in its current EQ state.
0: Continuous Update
1: Freeze EQ in current state.
For stand-alone operations, connect FREEZE to the LOCKED pin to enter the recommended Lock Until Reset mode.
Tie this pin low if unused.
SERIAL INTERFACE
18
SEN
Digital Input. Serial Interface Enable. This pin should be tied to ground when not in use.
19
SCK
Digital Input. Serial Interface Clock Signal. This pin should be tied to ground when not in use.
20
SD
Digital I/O. Serial Interface Data Signal. This pin should be tied to ground when not in use.


Podobny numer części - ISL59960IRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL59960IRZ INTERSIL-ISL59960IRZ Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Renesas Technology Corp
ISL59960IRZ RENESAS-ISL59960IRZ Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Intersil Corporation
ISL59960IRZ-T7 INTERSIL-ISL59960IRZ-T7 Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Renesas Technology Corp
ISL59960IRZ-T7 RENESAS-ISL59960IRZ-T7 Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Intersil Corporation
ISL59960IRZ-T7A INTERSIL-ISL59960IRZ-T7A Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
More results

Podobny opis - ISL59960IRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL59960 INTERSIL-ISL59960 Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Renesas Technology Corp
ISL59960 RENESAS-ISL59960 Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Intersil Corporation
ISL59601IRZ INTERSIL-ISL59601IRZ Datasheet
2Mb / 28P
   MegaQ™: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
September 5, 2012
ISL59601 INTERSIL-ISL59601 Datasheet
4Mb / 27P
   MegaQ: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Renesas Technology Corp
ISL59601 RENESAS-ISL59601 Datasheet
3Mb / 28P
   MegaQ?? An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Cypress Semiconductor
CYV270M0104EQ CYPRESS-CYV270M0104EQ Datasheet
244Kb / 9P
   Adaptive Video Cable Equalizer
CYV270M0101EQ_0710 CYPRESS-CYV270M0101EQ_0710 Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
logo
Pericom Semiconductor C...
PI7VD9008ABH PERICOM-PI7VD9008ABH Datasheet
1Mb / 73P
   Adaptive EQ 8-channel 960H Video Decoder
PI7VD9004ABH PERICOM-PI7VD9004ABH Datasheet
1Mb / 53P
   Adaptive EQ 4-channel 960H Video Decoder
logo
Cypress Semiconductor
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com