Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL59960IRZ Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISL59960IRZ
Szczegółowy opis  960MegaQ™: An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59960IRZ Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISL59960IRZ Datasheet HTML 1Page - Intersil Corporation ISL59960IRZ Datasheet HTML 2Page - Intersil Corporation ISL59960IRZ Datasheet HTML 3Page - Intersil Corporation ISL59960IRZ Datasheet HTML 4Page - Intersil Corporation ISL59960IRZ Datasheet HTML 5Page - Intersil Corporation ISL59960IRZ Datasheet HTML 6Page - Intersil Corporation ISL59960IRZ Datasheet HTML 7Page - Intersil Corporation ISL59960IRZ Datasheet HTML 8Page - Intersil Corporation ISL59960IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ISL59960
4
FN8358.0
December 18, 2012
POWER
2VDD1
+5V power supply for analog equalizer. Isolate from +5V source with a ferrite bead and bypass to ground with a 0.1µF
capacitor in parallel with a 4.7µF capacitor.
11
VDD2
+5V power supply for output amplifier. Bypass to ground with a 0.1µF capacitor.
15
VREF
Internally generated 2.5V reference. Bypass to ground with a low-ESR 0.47µF capacitor. Do not attach anything else
to this pin.
1, 4, 6, 14, 17
GND
Ground
THERMAL PAD
EP
PAD
Solder the exposed thermal PAD to ground for best thermal and electrical performance.
Pin Descriptions (Continued)
PIN NUMBER
PIN NAME
DESCRIPTION
Ordering Information
PART NUMBER
(Notes 2, 3)
PART
MARKING
MAX EQ LENGTH
TEMP RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL59960IRZ
599 60IRZ
4000 feet
-40 to +85
20 Ld QFN (4x4mm)
L20.4x4C
ISL59960IRZ-T7 (Note 1)
599 60IRZ
4000 feet
-40 to +85
20 Ld QFN (4x4mm)
L20.4x4C
ISL59960IRZ-T7A (Note 1)
599 60IRZ
4000 feet
-40 to +85
20 Ld QFN (4x4mm)
L20.4x4C
ISL59960-Catx-EVZ
Stand-alone (no USB I/O) evaluation board
ISL59960-Coax-EVZ
Stand-alone (no USB I/O) evaluation board
ISL59960-SPI-EVZ
Evaluation board with serial interface
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL59960. For more information on MSL please see techbrief TB363.


Podobny numer części - ISL59960IRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL59960IRZ INTERSIL-ISL59960IRZ Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Renesas Technology Corp
ISL59960IRZ RENESAS-ISL59960IRZ Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Intersil Corporation
ISL59960IRZ-T7 INTERSIL-ISL59960IRZ-T7 Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Renesas Technology Corp
ISL59960IRZ-T7 RENESAS-ISL59960IRZ-T7 Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Intersil Corporation
ISL59960IRZ-T7A INTERSIL-ISL59960IRZ-T7A Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
More results

Podobny opis - ISL59960IRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL59960 INTERSIL-ISL59960 Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Renesas Technology Corp
ISL59960 RENESAS-ISL59960 Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Intersil Corporation
ISL59601IRZ INTERSIL-ISL59601IRZ Datasheet
2Mb / 28P
   MegaQ™: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
September 5, 2012
ISL59601 INTERSIL-ISL59601 Datasheet
4Mb / 27P
   MegaQ: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Renesas Technology Corp
ISL59601 RENESAS-ISL59601 Datasheet
3Mb / 28P
   MegaQ?? An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Cypress Semiconductor
CYV270M0104EQ CYPRESS-CYV270M0104EQ Datasheet
244Kb / 9P
   Adaptive Video Cable Equalizer
CYV270M0101EQ_0710 CYPRESS-CYV270M0101EQ_0710 Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
logo
Pericom Semiconductor C...
PI7VD9008ABH PERICOM-PI7VD9008ABH Datasheet
1Mb / 73P
   Adaptive EQ 8-channel 960H Video Decoder
PI7VD9004ABH PERICOM-PI7VD9004ABH Datasheet
1Mb / 53P
   Adaptive EQ 4-channel 960H Video Decoder
logo
Cypress Semiconductor
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com