Zakładka z wyszukiwarką danych komponentów |
|
ISL59960IRZ-T7A Arkusz danych(PDF) 6 Page - Intersil Corporation |
|
ISL59960IRZ-T7A Arkusz danych(HTML) 6 Page - Intersil Corporation |
6 / 17 page ISL59960 6 FN8358.0 December 18, 2012 Serial Timing Diagram OUTPUT CHARACTERISTICS AGC-ACC AGC Accuracy Accuracy of sync tip amplitude relative to 600mV ±0.5 dB IOUT Output Drive Current 40 mA tEN-EQ Enable-to-Equalization On Time 500 ns tDIS-EQ Disable-to-Equalization Off Time 500 ns LOGIC CONTROL PINS VIH Logic High Level 2.0 V VIL Logic Low Level 0.8 V ILOGIC Logic Input Current EQ_DISABLE, FREEZE, SD, SCK, SEN ±10 µA INVERT, COLOR ±500 µA Electrical Specifications VDD = VDD1 = VDD2 = +5V, source video amplitude before any cable loss = 1VP-P, cable type = Cat 5, cable length = 0 feet, RL = 150Ω (75Ω series + 75Ω load to ground), TA = +25°C, exposed die plate = 0V, unless otherwise specified. Max Cat 5 cable length = 4000 feet. (Continued) PARAMETER DESCRIPTION CONDITIONS MIN (Note 6) TYP MAX (Note 6) UNIT Serial Timing PARAMETER DESCRIPTION CONDITIONS MIN (Note 6) TYP MAX (Note 6) UNIT tCS Serial Enable Deselect Time 10 ns tLEAD Lead Time 10 ns tSU SD, SCK Setup Time 10 ns tH SD, SEN, SCK Hold Time 10 ns tWH SCK High Time 100 ns tWL SCK Low Time 100 ns tRI SD, SEN, SCK Rise Time 10 ns tFI SD, SEN, SCK Fall Time 10 ns tLAG Lag Time 10 ns tV SCK Rising Edge to SD Data Valid Read Operation 10 ns fSCK SCK Frequency 5MHz NOTE: 6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design. tLEAD t SU tLAG f SCK tWH tWL tH tV tRI tFI 1 1 3 4 5 6 7 8 9 10 11 1213141516 A6 A5 A4 A3 A2 A1 A0 D6 D5 D4 D3 D2 D1 D0 D7 tLEAD tSU tLAG fSCK tWH tWL tH t CS 1 0 34 5 6 7 8 910 11 12 13 14 15 16 A6 A5 A4 A3 A2 A1 A0 D6 D5 D4 D3 D2 D1 D0 D7 READ OPERATION WRITE OPERATION SEN SCK SD SEN SCK SD A6:A0 = REGISTER ADDRESS, D7:D0 = DATA TO BE READ/WRITTEN 2 2 CS t tRI tFI |
Podobny numer części - ISL59960IRZ-T7A |
|
Podobny opis - ISL59960IRZ-T7A |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |