Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM49350 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części LM49350
Szczegółowy opis  LM49350 Boomer짰 Audio Power Amplifier Series High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier & an Ultra Low EMI Class D Loudspeaker Amplifier with Dual I2S/PCM Digital Audio Interfaces
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM49350 Arkusz danych(HTML) 1 Page - Texas Instruments

  LM49350_15 Datasheet HTML 1Page - Texas Instruments LM49350_15 Datasheet HTML 2Page - Texas Instruments LM49350_15 Datasheet HTML 3Page - Texas Instruments LM49350_15 Datasheet HTML 4Page - Texas Instruments LM49350_15 Datasheet HTML 5Page - Texas Instruments LM49350_15 Datasheet HTML 6Page - Texas Instruments LM49350_15 Datasheet HTML 7Page - Texas Instruments LM49350_15 Datasheet HTML 8Page - Texas Instruments LM49350_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
LM49350, LM49350RLEVAL
www.ti.com
SNAS359D – SEPTEMBER 2008 – REVISED JUNE 2012
LM49350 Boomer® Audio Power Amplifier Series High Performance Audio Codec Sub-
System with a Ground-Referenced Stereo Headphone Amplifier & an Ultra Low EMI Class
D Loudspeaker Amplifier with Dual I2S/PCM Digital Audio Interfaces
Check for Samples: LM49350, LM49350RLEVAL
1
FEATURES
Micro-Power Shutdown Mode
Available in the 3.5 x 3.5 mm 36 Bump DSBGA
2
High Performance 96dB SNR Stereo DAC
Package
High Performance 94dB SNR Stereo ADC
Up to 192kHz Stereo Audio Playback
APPLICATIONS
Up to 48kHz Stereo Recording
Smart Phones
Dual Bidirectional I2S or PCM Compatible
Mobile Phones and VOIP Phones
Audio Interfaces
Portable GPS Navigator and Portable Gaming
Read/Write I2C Compatible Control Interface
Devices
Flexible Digital Mixer with Sample Rate
Portable DVD/CD/AAC/MP3/MP4 Players
Conversion
Digital Cameras/Camcorders
Dual Sigma-Delta PLLs for Operation from any
Clock at Any Sample rate
KEY SPECIFICATIONS
Digital 3D Stereo Enhancement
PHP at A_VDD = 3.3V, Stereo 32Ω, 1% THD
Dual 5 Band Parametric Equalizers
69mW/ch (typ)
Cascadable DSP Effects that Allow 10 Band
PLS at LS_VDD = 5V, 8Ω, 1% THD 1.2W (typ)
Parametric Equalization
PLS at LS_VDD = 4.2V, 8Ω, 1% THD 825mW (typ)
ALC/Compressor/Limiter on Both DAC and
PLS at LS_VDD = 3.3V, 8Ω, 1% THD 495mW (typ)
ADC Paths
PEP at A_VDD = 3.3V, 32Ω BTL, 1% THD 58mW
Ultra Low EMI, Class D Loudspeaker Amplifier
(typ)
with Spread Spectrum Control
Supply Voltage Range
Ground Referenced Output Cap-Less
D_VDD = 1.7V to 2.0V
Headphone Amplifier Operation
LS_VDD and A_VDD = 2.7V to 5.5V
Earpiece Speaker Amplifier with Reduced
Power Consumption Mode for Mono
I/O_VDD = 1.6V to 4.5V
Differential Line out Applications
SNR (Stereo DAC at 48kHz) 96dB (typ)
Stereo Auxiliary Inputs or Mono Differential
SNR (Stereo ADC at 48kHz) 94dB (typ)
Input
PSRR at 217 Hz, A_VDD = 3.3V, (HP from AUX)
Differential Stereo Microphone Inputs with
97dB (typ)
Single-Ended Option
Automatic Level Control for Digital Audio
DESCRIPTION
Inputs, Stereo Microphone Inputs, and Stereo
The LM49350 is a high performance audio subsystem
Auxiliary Inputs
that supports both analog and digital audio functions.
The LM49350 includes a high quality stereo DAC, a
Flexible Audio Routing from Input to Output
high
quality
stereo
ADC,
a
stereo
headphone
16 Step Volume Control for Microphones with
amplifier that supports ground referenced output cap-
2dB Steps
less operation, a dual mode earpiece speaker
32 Step Volume Control for Auxiliary Inputs in
amplifier, and a low EMI Class D loudspeaker
1.5dB Steps
amplifier. It is designed for demanding applications in
mobile phones and other portable devices.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - LM49350_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM49350RL NSC-LM49350RL Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
LM49350RLX NSC-LM49350RLX Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
More results

Podobny opis - LM49350_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM49350 NSC-LM49350 Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
logo
Texas Instruments
LM49370RLX-NOPB TI1-LM49370RLX-NOPB Datasheet
2Mb / 89P
[Old version datasheet]   Boomer짰 Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
logo
Nuvoton Technology Corp...
NAU88L21 NUVOTON-NAU88L21 Datasheet
1Mb / 69P
   Ultra-Low Power Audio CODEC Ground-Referenced Headphone Amplifier
logo
Texas Instruments
LM49370 TI1-LM49370_14 Datasheet
2Mb / 90P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
National Semiconductor ...
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
Texas Instruments
LM4917 TI1-LM4917 Datasheet
3Mb / 25P
[Old version datasheet]   Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier
logo
National Semiconductor ...
LM49450 NSC-LM49450 Datasheet
1Mb / 38P
   I2S Input, 2.5W/Channel, Low EMI, Stereo, Class D Audio Sub-System with Ground Referenced Headphone Amplifier, 3D Enhancement, and Headphone Sense
logo
Realtek Semiconductor C...
ALC5623-GR REALTEK-ALC5623-GR_08 Datasheet
1Mb / 75P
   I2S AUDIO CODEC HEADPHONE AMPLIFIER
ALC5623 REALTEK-ALC5623 Datasheet
1Mb / 74P
   I2S AUDIO CODEC HEADPHONE AMPLIFIER
logo
National Semiconductor ...
LM49370 NSC-LM49370_08 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com