Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP107L-TA3-T Arkusz danych(PDF) 2 Page - Unisonic Technologies

Numer części TIP107L-TA3-T
Szczegółowy opis  PNP EPITAXIAL TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TIP107L-TA3-T Arkusz danych(HTML) 2 Page - Unisonic Technologies

  TIP107L-TA3-T Datasheet HTML 1Page - Unisonic Technologies TIP107L-TA3-T Datasheet HTML 2Page - Unisonic Technologies TIP107L-TA3-T Datasheet HTML 3Page - Unisonic Technologies TIP107L-TA3-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TIP107
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R203-023.D
ABSOLUTE MAXIMUM RATING (T
C=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCES
-100
V
Emitter-Base Voltage
VEBO
-5
V
DC
IC
-8
A
Collector Current
Pulse
ICP
-15
A
Base Current
DC
IB
-1
A
TO-220/TO-220F
80
W
TO-252
41
W
Collector Power Dissipation
TO-126/TO-126S
PC
10
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65~+150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
C=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Emitter Sustaining Voltage
VCEO(SUS)
IC=-30mA, IB=0A
-100
V
Collector-Base Cut-Off Current
ICBO
VCB=-100V, IE=0A
-50
µA
Collector-Emitter Cut-Off Current
ICEO
VCE=-50V, IB=0A
50
µA
Emitter-Base Cut-Off Current
IEBO
VEB=-5V, IC=0A
-2
mA
ON CHARACTERISTICS
hFE1
VCE=-4V, IC=-3A
1000
20000
DC Current Gain
hFE2
VCE=-4V, IC=-8A
200
IC=-3A, IB=-6mA
-2
V
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=-8A, IB=-80mA
-2.5
V
Base-Emitter ON Voltage
VBE(ON)
VCE=-4V, IC=-8A
-2.8
V
SMALL-SIGNAL CHARACTERISTICS
Output Capacitance
Cob
VCB=-10V, IE=0A, f=0.1MHZ
300
pF


Podobny numer części - TIP107L-TA3-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
TIP107L-TA3-T UTC-TIP107L-TA3-T Datasheet
168Kb / 4P
   PNP EPITAXIAL TRANSISTOR
More results

Podobny opis - TIP107L-TA3-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GTM CORPORATION
GJ8550 GTM-GJ8550 Datasheet
129Kb / 2P
   PNP EPITAXIAL TRANSISTOR
GMBT9012 GTM-GMBT9012 Datasheet
221Kb / 2P
   PNP EPITAXIAL TRANSISTOR
GBC327 GTM-GBC327 Datasheet
189Kb / 3P
   PNP EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
TIP127 UTC-TIP127_09 Datasheet
217Kb / 4P
   PNP EPITAXIAL TRANSISTOR
logo
GTM CORPORATION
GSMBT8550 GTM-GSMBT8550 Datasheet
158Kb / 2P
   PNP EPITAXIAL TRANSISTOR
logo
Chenmko Enterprise Co. ...
2SA1020N1PT CHENMKO-2SA1020N1PT Datasheet
128Kb / 4P
   PNP Epitaxial Transistor
2SB772ZPT CHENMKO-2SB772ZPT Datasheet
141Kb / 4P
   PNP Epitaxial Transistor
2SB1386PPT CHENMKO-2SB1386PPT Datasheet
389Kb / 3P
   PNP Epitaxial Transistor
2SA1213PT CHENMKO-2SA1213PT Datasheet
154Kb / 4P
   PNP Epitaxial Transistor
2SB1386PT CHENMKO-2SB1386PT Datasheet
159Kb / 3P
   PNP Epitaxial Transistor
logo
Unisonic Technologies
TIP107 UTC-TIP107_09 Datasheet
168Kb / 4P
   PNP EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com