Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD238G-T6S-K Arkusz danych(PDF) 3 Page - Unisonic Technologies

Numer części BD238G-T6S-K
Szczegółowy opis  -80V, PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BD238G-T6S-K Arkusz danych(HTML) 3 Page - Unisonic Technologies

  BD238G-T6S-K Datasheet HTML 1Page - Unisonic Technologies BD238G-T6S-K Datasheet HTML 2Page - Unisonic Technologies BD238G-T6S-K Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BD238
PNP EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R226-002.C
TYPICAL CHARACTERISTICS
11.5
2.5
0
0.2
0.4
0.6
0.8
1
2
0.5
1.2
0
Collector Current vs.
Collector-Emitter Voltage
Collector-Emitter Voltage, -VCE (V)
IB=-9.12mA
IB=-0.95mA
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Podobny numer części - BD238G-T6S-K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
BD238G-T6S-K UTC-BD238G-T6S-K Datasheet
109Kb / 3P
   -80V, PNP TRANSISTOR
More results

Podobny opis - BD238G-T6S-K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
BD238 UTC-BD238 Datasheet
109Kb / 3P
   -80V, PNP TRANSISTOR
logo
Diodes Incorporated
BCX5316Q DIODES-BCX5316Q Datasheet
316Kb / 7P
   80V PNP MEDIUM POWER TRANSISTOR
logo
Rohm
2SAR586D3 ROHM-2SAR586D3 Datasheet
1Mb / 11P
   PNP -5.0A -80V Power Transistor
2SAR574D3 ROHM-2SAR574D3 Datasheet
1Mb / 11P
   PNP -2.0A -80V Power Transistor
2SB1644J ROHM-2SB1644J Datasheet
373Kb / 7P
   PNP -4A -80V Power Transistor
2013.03 - Rev.A
logo
Diodes Incorporated
MMSTA56Q DIODES-MMSTA56Q Datasheet
403Kb / 5P
   80V PNP SMALL SIGNAL TRANSISTOR
logo
Rohm
2SAR574D3FRA ROHM-2SAR574D3FRA Datasheet
1Mb / 10P
   PNP -2.0A -80V Power Transistor
2SAR586D3FRA ROHM-2SAR586D3FRA Datasheet
1Mb / 10P
   PNP -5.0A -80V Power Transistor
2SAR586D ROHM-2SAR586D Datasheet
1Mb / 9P
   PNP -5.0A -80V Middle Power Transistor
logo
SeCoS Halbleitertechnol...
MPSA56 SECOS-MPSA56 Datasheet
67Kb / 1P
   -0.5A , -80V PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com