Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA152 Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części TPA152
Szczegółowy opis  75-mW STEREO AUDIO POWER AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA152 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button TPA152_15 Datasheet HTML 5Page - Texas Instruments TPA152_15 Datasheet HTML 6Page - Texas Instruments TPA152_15 Datasheet HTML 7Page - Texas Instruments TPA152_15 Datasheet HTML 8Page - Texas Instruments TPA152_15 Datasheet HTML 9Page - Texas Instruments TPA152_15 Datasheet HTML 10Page - Texas Instruments TPA152_15 Datasheet HTML 11Page - Texas Instruments TPA152_15 Datasheet HTML 12Page - Texas Instruments TPA152_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TPA152
75-mW STEREO AUDIO POWER AMPLIFIER
SLOS210A – JUNE 1998 – REVISED MARCH 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 16
OPEN-LOOP GAIN AND PHASE
vs
FREQUENCY
60
20
–20
10k
1M
f – Frequency – Hz
80
40
0
100k
10M
100M
1k
100
20
0
40
60
80
No Load
100
120
140
160
100
CLOSED-LOOP GAIN AND PHASE
vs
FREQUENCY
–0.2
–0.6
–1
10k
1M
f – Frequency – Hz
0
–0.4
–0.8
100k
1k
0.2
160
155
165
170
175
180
185
10
RI = 20 kΩ
Rf = 20 kΩ
RL = 32 Ω
CI = 1 µF
AV = –1 V/V
0.6
0.8
0.4
1
100
Figure 17


Podobny numer części - TPA152_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toppower Electronic Tec...
TPA1524D TOPPOWER-TPA1524D Datasheet
409Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1524D TOPPOWER-TPA1524D Datasheet
643Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1524D TOPPOWER-TPA1524D Datasheet
724Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1524D-W25 TOPPOWER-TPA1524D-W25 Datasheet
715Kb / 3P
   0.25W 3KVDC Isolated Single and Dual Output DC/DC Converters
logo
Texas Instruments
TPA152D TI-TPA152D Datasheet
270Kb / 16P
[Old version datasheet]   75-mW STEREO AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA152_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA152 TI-TPA152_06 Datasheet
299Kb / 17P
[Old version datasheet]   75-mW STEREO AUDIO POWER AMPLIFIER
TPA152 TI-TPA152 Datasheet
270Kb / 16P
[Old version datasheet]   75-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA302 TI-TPA302_07 Datasheet
487Kb / 22P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
TPA302 TI-TPA302 Datasheet
398Kb / 21P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com