Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL3179EFBZ Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części ISL3179EFBZ
Szczegółowy opis  High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3179EFBZ Arkusz danych(HTML) 5 Page - Intersil Corporation

  ISL3179EFBZ Datasheet HTML 1Page - Intersil Corporation ISL3179EFBZ Datasheet HTML 2Page - Intersil Corporation ISL3179EFBZ Datasheet HTML 3Page - Intersil Corporation ISL3179EFBZ Datasheet HTML 4Page - Intersil Corporation ISL3179EFBZ Datasheet HTML 5Page - Intersil Corporation ISL3179EFBZ Datasheet HTML 6Page - Intersil Corporation ISL3179EFBZ Datasheet HTML 7Page - Intersil Corporation ISL3179EFBZ Datasheet HTML 8Page - Intersil Corporation ISL3179EFBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ISL3179E, ISL3180E
5
FN6365.5
August 25, 2015
Submit Document Feedback
Absolute Maximum Ratings
Thermal Information
VCC to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Input Voltages
DI, DE, RE. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
Input/Output Voltages
A, B, Y, Z, A/Y, B/Z . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -9V to +13V
RO. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VCC +0.3V)
Short-circuit Duration
Y, Z . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous
ESD Rating . . . . . . . . . . . . . . see Electrical Specifications table on page 6
Operating Conditions
Temperature Range
ISL3179EF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
ISL3179EI, ISL3180EI . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
8 Ld SOIC Package (Note 4) . . . . . . . . . . . .
160
N/A
14 Ld SOIC Package (Note 4) . . . . . . . . . . .
91
N/A
8 Ld MSOP Package (Note 4) . . . . . . . . . . .
132.5
N/A
10 Ld DFN Package (Notes 5, 6) . . . . . . . .
46
3.5
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
6.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379
Electrical Specifications Test Conditions: VCC = 3.0V to 3.6V; Typicals are at VCC = 3.3V, TA = +25°C. Boldface limits apply across the
operating temperature range. (Note 7)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 17)TYP
MAX
(Note 17)UNIT
DC CHARACTERISTICS
Driver Differential VOUT
VOD
RL = 100Ω (RS-422) (Figure 4A), (Note 16)Full
2
2.3
-
V
RL = 54Ω (RS-485) (Figure 4A)Full
1.5
2.1
VCC
V
No Load
Full
-
-
VCC
RL = 60Ω, -7V ≤VCM ≤12V (Figure 4B), (Note 16)Full
1.5
2-
V
Change in Magnitude of Driver
Differential VOUT for
Complementary Output States
VOD
RL = 54Ω or 100Ω (Figure 4A)Full
-
0.01
0.2
V
Driver Common-mode VOUT
VOC
RL = 54Ω or 100Ω (Figure 4A)Full
-
2
2.5
V
Change in Magnitude of Driver
Common-mode VOUT for
Complementary Output States
VOC
RL = 54Ω or 100Ω (Figure 4A)
Full
-
0.02
0.2
V
Logic Input High Voltage
VIH
DI, DE, RE
Full
2
--
V
Logic Input Low Voltage
VIL
DI, DE, RE
Full
-
-
0.8
V
Logic Input Current
IIN1
DI = DE = RE = 0V or VCC
Full
-2
-
2
µA
Input Current (A, B, A/Y, B/Z)
IIN2
DE = 0V, VCC = 0V or 3.6V VIN = 12V
Full
-
-
220
µA
VIN = -7V
Full
-160
--
µA
Y or Z Output Leakage Current
IOZ
DE = 0V, -7V ≤ VY or VZ ≤ 12V, ISL3180E Only
Full
-40
-
40
µA
Driver Short-circuit Current,
VO = High or Low
IOSD1
DE = VCC, -7V ≤ VY or VZ ≤ 12V (Note 9)Full
-
-
±250
mA
Receiver Differential Threshold
Voltage
VTH
-7V ≤ VCM ≤ 12V
Full
-200
-
-50
mV
Receiver Input Hysteresis
VTH
VCM = 0V
25
-
28
-
mV
Receiver Output High Voltage
VOH
IO = -12mA, VID = -50mV
Full
VCC - 0.5
--
V


Podobny numer części - ISL3179EFBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179EFBZ RENESAS-ISL3179EFBZ Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
More results

Podobny opis - ISL3179EFBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
ISL3159EIBZ INTERSIL-ISL3159EIBZ Datasheet
703Kb / 16P
   ±15kV ESD Protected, 125°C, 40Mbps, 5V, PROFIBUS™, Full Fail-safe, RS-485/RS-422 Transceiver
August 25, 2015
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX3070E MAXIM-MAX3070E_V01 Datasheet
2Mb / 23P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com