Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL4221EIR Arkusz danych(PDF) 2 Page - Intersil Corporation

Numer części ISL4221EIR
Szczegółowy opis  QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4221EIR Arkusz danych(HTML) 2 Page - Intersil Corporation

  ISL4221EIR Datasheet HTML 1Page - Intersil Corporation ISL4221EIR Datasheet HTML 2Page - Intersil Corporation ISL4221EIR Datasheet HTML 3Page - Intersil Corporation ISL4221EIR Datasheet HTML 4Page - Intersil Corporation ISL4221EIR Datasheet HTML 5Page - Intersil Corporation ISL4221EIR Datasheet HTML 6Page - Intersil Corporation ISL4221EIR Datasheet HTML 7Page - Intersil Corporation ISL4221EIR Datasheet HTML 8Page - Intersil Corporation ISL4221EIR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN6045.6
May 13, 2010
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL3232EIRZ* (Note)
ISL3232 EIRZ
-40 to +85
16 Ld QFN (Pb-free)
L16.5x5B
ISL4221EIR*
ISL 4221EIR
-40 to +85
16 Ld QFN
L16.5x5B
ISL4221EIRZ* (Note)
ISL4221 EIRZ
-40 to +85
16 Ld QFN (Pb-free)
L16.5x5B
ISL4223EIR*
ISL 4223EIR
-40 to +85
20 Ld QFN
L20.5x5
ISL4223EIRZ* (Note)
ISL4223 EIRZ
-40 to +85
20 Ld QFN (Pb-free)
L20.5x5
*Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Pinouts
ISL3232E
(16 LD QFN)
TOP VIEW
ISL4221E
(16 LD QFN)
TOP VIEW
ISL4223E
(20 LD QFN)
TOP VIEW
1
3
4
15
C1-
C2+
C2-
V-
16
14
13
2
12
10
9
11
6
57
8
T1OUT
R1IN
R1OUT
T1IN
PD
1
3
4
15
V+
C1-
C2+
C2-
16
14
13
2
12
10
9
11
6
57
8
GND
T1OUT
FORCEON
T1IN
PD
V+
C1-
C2+
C2-
V-
T1OUT
R1IN
R1OUT
FORCEON
T1IN
1
2
3
4
5
78
9
10
6
20
19
18
17
16
13
14
15
12
11
PD
ISL3232E, ISL4221E, ISL4223E


Podobny numer części - ISL4221EIR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL4221EIR INTERSIL-ISL4221EIR Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
ISL4221EIR INTERSIL-ISL4221EIR Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
ISL4221EIR INTERSIL-ISL4221EIR Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
logo
Renesas Technology Corp
ISL4221EIR RENESAS-ISL4221EIR Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4221EIR-T INTERSIL-ISL4221EIR-T Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
More results

Podobny opis - ISL4221EIR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4260E INTERSIL-ISL4260E Datasheet
341Kb / 11P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
logo
Renesas Technology Corp
ISL4260E RENESAS-ISL4260E Datasheet
599Kb / 11P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
logo
Intersil Corporation
ICL3243ECAZ-T INTERSIL-ICL3243ECAZ-T Datasheet
699Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com