Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL267450IBZ Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części ISL267450IBZ
Szczegółowy opis  12-Bit, 1MSPS SAR ADCs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267450IBZ Arkusz danych(HTML) 8 Page - Intersil Corporation

Back Button ISL267450IBZ Datasheet HTML 4Page - Intersil Corporation ISL267450IBZ Datasheet HTML 5Page - Intersil Corporation ISL267450IBZ Datasheet HTML 6Page - Intersil Corporation ISL267450IBZ Datasheet HTML 7Page - Intersil Corporation ISL267450IBZ Datasheet HTML 8Page - Intersil Corporation ISL267450IBZ Datasheet HTML 9Page - Intersil Corporation ISL267450IBZ Datasheet HTML 10Page - Intersil Corporation ISL267450IBZ Datasheet HTML 11Page - Intersil Corporation ISL267450IBZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ISL267450
8
FN8341.0
August 10, 2012
tQUIET
Quiet Time Before Sample
25
ns
tCSS
CS Falling Edge to SCLK Falling Edge Setup Time
10
ns
tDISABLE
CS Falling Edge to SDATA Disable Time (Note 9) Extrapolated back to true bus relinquish
10
35
µs
tSWH
SCLK High Pulsewidth
0.4 x tSCLK
0.6 x tSCLK
ns
tSWL
SCLK Low Pulsewidth
0.4 x tSCLK
0.6 x tSCLK
ns
tCLKDV
SCLK Falling Edge to SDATA Valid
40
ns
tSDH
SCLK Falling Edge to SDATA Hold
10
ns
tACQ
Acquisition Time (Note 8)
ns
tCSW
CS Pulse Width
10
ns
tCDV
CS Falling Edge to SDATA Valid
20
ns
NOTE:
9. During characterization, tDISABLE is measured from the release point with a 10pF load (see Figure 2 on page 8) and the equivalent timing using the
AD7450 loading (50pF) is calculated.
Electrical Specifications Limits established by characterization and are not production tested. VDD = +3.0V to +3.3V, FSCLK = 15MHz,
FS = 833kSPS, VREF = 1.25V, FIN = 200kHz; VREF = 2.5V; VCM = VREF, TA = TMIN to TMAX unless otherwise noted. Typical values are at TA = +25°C.
Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS
FIGURE 1. SERIAL INTERFACE TIMING DIAGRAM
FIGURE 2. EQUIVALENT LOAD CIRCUIT
OUTPUT
PIN
CL
10 pF
VDD
2.85k
RL


Podobny numer części - ISL267450IBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450IBZ RENESAS-ISL267450IBZ Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
More results

Podobny opis - ISL267450IBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
ISL267440 INTERSIL-ISL267440 Datasheet
719Kb / 17P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
logo
ams AG
AS1545 AMSCO-AS1545 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com