Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3005D2 Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części TPA3005D2
Szczegółowy opis  6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA3005D2 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button TPA3005D2_15 Datasheet HTML 5Page - Texas Instruments TPA3005D2_15 Datasheet HTML 6Page - Texas Instruments TPA3005D2_15 Datasheet HTML 7Page - Texas Instruments TPA3005D2_15 Datasheet HTML 8Page - Texas Instruments TPA3005D2_15 Datasheet HTML 9Page - Texas Instruments TPA3005D2_15 Datasheet HTML 10Page - Texas Instruments TPA3005D2_15 Datasheet HTML 11Page - Texas Instruments TPA3005D2_15 Datasheet HTML 12Page - Texas Instruments TPA3005D2_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
16 W
8 W
PO − Total Output Power − W
11
12
VCC = 12 V,
LC Filter,
Resistive Load,
Stereo Operation
0
1
2
3
4
5
6
7
8
9
10
11
12
8
9
10
11
12
13
14
15
16
17
18
THD+N = 10%
THD+N = 1%
RL = 16 W
VCC − Supply Voltage − V
2
3
4
5
6
7
8
9
10
11
12
13
14
THD+N = 10%
THD+N = 1%
RL = 8 W
VCC − Supply Voltage − V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
20
100
1 k
10 k
f − Frequency − Hz
VCC = 12 V,
PO = 2.5 W,
Gain = 21.6 dB
RL = 8 W
20 k
TPA3005D2
www.ti.com
SLOS427A – MAY 2004 – REVISED AUGUST 2010
EFFICIENCY
OUTPUT POWER
vs
vs
TOTAL OUTPUT POWER
SUPPLY VOLTAGE
Figure 9.
Figure 10.
OUTPUT POWER
CROSSTALK
vs
vs
SUPPLY VOLTAGE
FREQUENCY
Figure 11.
Figure 12.
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPA3005D2


Podobny numer części - TPA3005D2_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3005D2PHP TI-TPA3005D2PHP Datasheet
379Kb / 25P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3005D2PHPG4 TI-TPA3005D2PHPG4 Datasheet
379Kb / 25P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3005D2PHPR TI-TPA3005D2PHPR Datasheet
379Kb / 25P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3005D2PHPRG4 TI-TPA3005D2PHPRG4 Datasheet
379Kb / 25P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA3005D2_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3005D2 TI-TPA3005D2 Datasheet
379Kb / 25P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI1-TPA3100D2_17 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com