Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3111D1-Q1 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części TPA3111D1-Q1
Szczegółowy opis  TPA3111D1-Q1 10-W Filter-Free Mono Class-D Audio Power Amplifier With Speakerguard?
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA3111D1-Q1 Arkusz danych(HTML) 4 Page - Texas Instruments

  TPA3111D1-Q1_15 Datasheet HTML 1Page - Texas Instruments TPA3111D1-Q1_15 Datasheet HTML 2Page - Texas Instruments TPA3111D1-Q1_15 Datasheet HTML 3Page - Texas Instruments TPA3111D1-Q1_15 Datasheet HTML 4Page - Texas Instruments TPA3111D1-Q1_15 Datasheet HTML 5Page - Texas Instruments TPA3111D1-Q1_15 Datasheet HTML 6Page - Texas Instruments TPA3111D1-Q1_15 Datasheet HTML 7Page - Texas Instruments TPA3111D1-Q1_15 Datasheet HTML 8Page - Texas Instruments TPA3111D1-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TPA3111D1-Q1
SLOS759D – MARCH 2012 – REVISED AUGUST 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
AVCC, PVCC
–0.3
30
V
–0.3
VCC + 0.3 V
V
SD, FAULT,GAIN0, GAIN1, AVCC (2)
< 10
V/ms
VI
Interface pin voltage
PLIMIT
–0.3
GVDD + 0.3
V
INN, INP
–0.3
6.3
V
Continuous total power dissipation
See Thermal Information
TA
Operating free-air temperature range
–40
125
°C
TJ
Operating junction temperature range(3)
–40
150
°C
Minimum load
RL
BTL
3.2
resistance
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operations of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The voltage slew rate of these pins must be restricted to no more than 10 V/ms. For higher slew rates, use a 100-k
Ω resistor in series
with the pins, per application note SLUA626.
(3)
The TPA3111D1-Q1 incorporates an exposed thermal pad on the underside of the chip. This acts as a heatsink, and it must be
connected to a thermally dissipating plane for proper power dissipation. Failure to do so may result in the device going into thermal
protection shutdown. See TI Technical Briefs SCBA017D and SLUA271 for more information about using the QFN thermal pad. See TI
Technical Brief SLMA002 for more information about using the HTQFP thermal pad.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per AEC Q100-002(1)
±4000
V(ESD)
Electrostatic discharge
Charged-device model (CDM), per AEC Q100-011
±250
V
Machine model
±200
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage
PVCC, AVCC
8
26
V
VIH
High-level input voltage
SD, GAIN0, GAIN1
2
V
VIL
Low-level input voltage
SD, GAIN0, GAIN1
0.8
V
VOL
Low-level output voltage
FAULT, RPULLUP = 100 kΩ, VCC = 26 V
0.8
V
IIH
High-level input current
SD, GAIN0, GAIN1, VI = 2, VCC = 18 V
50
µA
IIL
Low-level input current
SD, GAIN0, GAIN1, VI = 0.8 V, VCC = 18 V
5
µA
TA
Operating free-air temperature
–40
125
°C
4
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPA3111D1-Q1


Podobny numer części - TPA3111D1-Q1_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   10-W Filter-Free Mono Class-D Audio Power Amplifier With Speaker Guard
More results

Podobny opis - TPA3111D1-Q1_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3112D1-Q1 TI-TPA3112D1-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPA3112D1-Q1 25-W Filter-Free Mono Class-D Audio Power Amplifier With SpeakerGuard?
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com