Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3122D2 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części TPA3122D2
Szczegółowy opis  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA3122D2 Arkusz danych(HTML) 3 Page - Texas Instruments

  TPA3122D2_15 Datasheet HTML 1Page - Texas Instruments TPA3122D2_15 Datasheet HTML 2Page - Texas Instruments TPA3122D2_15 Datasheet HTML 3Page - Texas Instruments TPA3122D2_15 Datasheet HTML 4Page - Texas Instruments TPA3122D2_15 Datasheet HTML 5Page - Texas Instruments TPA3122D2_15 Datasheet HTML 6Page - Texas Instruments TPA3122D2_15 Datasheet HTML 7Page - Texas Instruments TPA3122D2_15 Datasheet HTML 8Page - Texas Instruments TPA3122D2_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPA3122D2
SLOS527A – DECEMBER 2007 – REVISED DECEMBER 2007
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VCC
Supply voltage, AVCC, PVCC
–0.3 to 36
V
VI
Logic input voltage
SD, MUTE, GAIN0, GAIN1
–0.3 to VCC +0.3 –0.3 to VCC +0.3
V
VIN
Analog input voltage
RIN, LIN
–0.3 to 7
V
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature range
–40 to 85
°C
TJ
Operating junction temperature range
–40 to 150
°C
Tstg
Storage temperature range
-65 to 150
°C
RL
Load resistance (Minimum value)
3.2
kV
Human body model (all pins)
±2
kV
ESD
Electrostatic Discharge
Charged-device model (all pins)
±500
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operations of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE(1)
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
20-pin DIP
1.87 W
15 mW/
°C
1.20 W
0.97 W
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
MIN
MAX
UNIT
VCC
Supply voltage
PVCC, AVCC
10
30
V
VIH
High-level input voltage
SD, MUTE, GAIN0, GAIN1
2
V
VIL
Low-level input voltage
SD, MUTE, GAIN0, GAIN1
0.8
V
SD, VI = VCC, VCC = 30 V
125
IIH
High-level input current
MUTE, VI = VCC, VCC = 30 V
125
µA
GAIN0, GAIN1, VI = VCC, VCC = 24 V
125
SD, VI = 0, VCC = 30 V
1
IIL
Low-level input current
MUTE, VI = 0 V, VCC = 30 V
1
µA
GAIN0, GAIN1, VI = 0 V, VCC = 24 V
1
TA
Operating free-air temperature
–40
85
°C
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TPA3122D2


Podobny numer części - TPA3122D2_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA3122D2_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2_07 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2 Datasheet
416Kb / 20P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com