Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA6112A2 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części TPA6112A2
Szczegółowy opis  150-mW STEREO AUDIO POWER AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA6112A2 Arkusz danych(HTML) 5 Page - Texas Instruments

  TPA6112A2_15 Datasheet HTML 1Page - Texas Instruments TPA6112A2_15 Datasheet HTML 2Page - Texas Instruments TPA6112A2_15 Datasheet HTML 3Page - Texas Instruments TPA6112A2_15 Datasheet HTML 4Page - Texas Instruments TPA6112A2_15 Datasheet HTML 5Page - Texas Instruments TPA6112A2_15 Datasheet HTML 6Page - Texas Instruments TPA6112A2_15 Datasheet HTML 7Page - Texas Instruments TPA6112A2_15 Datasheet HTML 8Page - Texas Instruments TPA6112A2_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0.001
10
0.01
0.1
1
20
20k
100
1k
10k
f − Frequency − Hz
VDD = 3.3 V,
PO = 25 mW,
CB = 1 µF,
RL = 32 Ω,
AV = −1 V/V
10
100
0.001
10
0.01
0.1
1
VDD = 3.3 V,
RL = 32 Ω,
AV = −1 V/V,
CB = 1 µF
50
PO − Output Power − mW
20 Hz
1 kHz
20 kHz
TPA6112A2
SLOS342A – DECEMBER 2000 – REVISED SEPTEMBER 2004
Table of Graphs
FIGURE
vs Frequency
1, 3, 5, 6, 7, 9, 11, 13,
THD+N
Total harmonic distortion plus noise
vs Output power
2, 4, 8, 10, 12, 14
Supply ripple rejection ratio
vs Frequency
15, 16
Vn
Output noise voltage
vs Frequency
17, 18
Crosstalk
vs Frequency
19 - 24
Shutdown attenuation
vs Frequency
25, 26
Open-loop gain and phase margin
vs Frequency
27, 28
Output power
vs Load resistance
29, 30,
IDD
Supply current
vs Supply voltage
31
SNR
Signal-to-noise ratio
vs Voltage gain
32
Power dissipation/amplifier
vs Load power
33, 34
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
OUTPUT POWER
Figure 1.
Figure 2.
5


Podobny numer części - TPA6112A2_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6112A2DGQ TI-TPA6112A2DGQ Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2DGQ TI-TPA6112A2DGQ Datasheet
695Kb / 20P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2DGQG4 TI-TPA6112A2DGQG4 Datasheet
695Kb / 20P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2DGQR TI-TPA6112A2DGQR Datasheet
695Kb / 20P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2DGQRG4 TI-TPA6112A2DGQRG4 Datasheet
695Kb / 20P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA6112A2_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102 TI-TPA102 Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com