Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL29003IROZ Arkusz danych(PDF) 2 Page - Intersil Corporation

Numer części ISL29003IROZ
Szczegółowy opis  Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29003IROZ Arkusz danych(HTML) 2 Page - Intersil Corporation

  ISL29003IROZ Datasheet HTML 1Page - Intersil Corporation ISL29003IROZ Datasheet HTML 2Page - Intersil Corporation ISL29003IROZ Datasheet HTML 3Page - Intersil Corporation ISL29003IROZ Datasheet HTML 4Page - Intersil Corporation ISL29003IROZ Datasheet HTML 5Page - Intersil Corporation ISL29003IROZ Datasheet HTML 6Page - Intersil Corporation ISL29003IROZ Datasheet HTML 7Page - Intersil Corporation ISL29003IROZ Datasheet HTML 8Page - Intersil Corporation ISL29003IROZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN7464.6
November 17, 2011
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VDD Supply Voltage between VDD and GND . . . . . . . . . . . . . 3.6V
I2C Bus Pin Voltage (SCL, SDA) . . . . . . . . . . . . . . . . . -0.2V to 5.5V
I2C Bus Pin Current (SCL, SDA) . . . . . . . . . . . . . . . . . . . . . . <10mA
INT, REXT Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . . -0.2V to VDD
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2kV
Thermal Resistance (Typical, Note 5)
θJA (°C/W)
6 Ld ODFN Package . . . . . . . . . . . . . . . . . . . . . . . .
88
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . +90°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +100°C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
5.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VDD = 3V, TA = +25°C, REXT = 100kΩ 1% tolerance, unless otherwise specified, Internal Timing Mode
operation (See “Principles of Operation” on page 3).
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT
VDD
Power Supply Range
2.25
3.3
V
IDD
Supply Current
0.29
0.33
mA
IDD1
Supply Current Disabled
Software disabled
0.1
1
µA
fOSC1
Internal Oscillator Frequency
Gain/Range = 1 or 2
290
327
360
kHz
fOSC2
Internal Oscillator Frequency
Gain/Range = 3 or 4
580
655
720
kHz
FI2CI2C Clock Rate
1
400
kHz
DATA0
Diode1 Dark ADC Code
E = 0 lux, Mode1, Gain/Range = 1
5
Counts
DATA1
Full Scale ADC Code
65535
Counts
DATA2
Diode1 ADC Code Gain/Range = 1 Accuracy Mode1
E = 300 lux, fluorescent light,
Gain/Range = 1
(Note 6)
15760
20200
24440
Counts
DATA3
Diode2 ADC Code Gain/Range = 1 Accuracy Mode2
2020
Counts
DATA4
Diode1 ADC Code Gain/Range = 2 Accuracy Mode1
E = 300 lux, fluorescent light,
Gain/Range = 2
(Note 6)
5050
Counts
DATA5
Diode2 ADC Code Gain/Range = 2 Accuracy Mode2
505
Counts
DATA6
Diode1 ADC Code Gain/Range = 3 Accuracy Mode1
E = 300 lux, fluorescent light,
Gain/Range = 3
(Note 6)
1262
Counts
DATA5
Diode2 ADC Code Gain/Range = 3 Accuracy Mode2
126
Counts
DATA6
Diode1 ADC Code Gain/Range = 4 Accuracy Mode1
E = 300 lux, fluorescent light,
Gain/Range = 4
(Note 6)
316
Counts
DATA6
Diode2 ADC Code Gain/Range = 4 Accuracy Mode2
32
Counts
VREF
Voltage of REXT Pin
0.485
0.51
0.535
V
VTL
SCL and SDA Threshold LO
(Note 7)
1.05
V
VTH
SCL and SDA Threshold HI
(Note 7)
1.95
V
ISDA
SDA Current Sinking Capability
3
5
mA
IINT
INT Current Sinking Capability
3
5
mA
NOTES:
6. Fluorescent light is substituted by a green (
λ = 540nm) LED during production.
7. The voltage threshold levels of the SDA and SCL pins are VDD dependent: VTL = 0.35*VDD. VTH = 0.65*VDD
8. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
ISL29003


Podobny numer części - ISL29003IROZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
258Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003IROZ-EVAL INTERSIL-ISL29003IROZ-EVAL Datasheet
258Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003IROZ-EVAL INTERSIL-ISL29003IROZ-EVAL Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003IROZ-T7 INTERSIL-ISL29003IROZ-T7 Datasheet
258Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
More results

Podobny opis - ISL29003IROZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL29013 INTERSIL-ISL29013 Datasheet
537Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Renesas Technology Corp
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003 INTERSIL-ISL29003_07 Datasheet
258Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29004 INTERSIL-ISL29004 Datasheet
293Kb / 17P
   Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29012 INTERSIL-ISL29012 Datasheet
587Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
logo
Renesas Technology Corp
ISL29012 RENESAS-ISL29012 Datasheet
930Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com