Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL29003IROZ-T7 Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części ISL29003IROZ-T7
Szczegółowy opis  Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29003IROZ-T7 Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button ISL29003IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29003IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29003IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29003IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29003IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29003IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29003IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29003IROZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL29003IROZ-T7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN7464.6
November 17, 2011
Command Register 00(hex)
The Read/Write command register has five functions:
1. Enable; Bit 7. This function either resets the ADC or
enables the ADC in normal operation. A logic 0 disables
ADC to reset-mode. A logic 1 enables adc to normal
operation.
2. ADCPD; Bit 6. This function puts the device in a
power-down mode. A logic 0 puts the device in normal
operation. A logic 1 powers down the device.
For proper shut down operation, it is recommended to
disable ADC first then disable the chip. Specifically, the user
should first send I2C command with Bit 7 = 0 and then send
I2C command with Bit 6 = 1.
3. Timing Mode; Bit 5. This function determines whether the
integration time is done internally or externally. In Internal
Timing Mode, integration time is determined by an
internal dual speed oscillator (fOSC), and the n-bit (n = 4,
8, 12,16) counter inside the ADC. In External Timing
Mode, integration time is determined by the time between
two consecutive external-sync sync_iic pulse commands.
4. Photodiode Select Mode; Bits 3 and 2. This function
controls the mux attached to the two photodiodes. At
Mode1, the mux directs the current of Diode1 to the ADC.
At Mode2, the mux directs the current of Diode2 only to
the ADC. Mode3 is a sequential Mode1 and Mode2 with
an internal subtract function (Diode1 - Diode2).
*n = 4, 8, 12,16 depending on the number of clock cycles
function.
5. Width; Bits 1 and 0. This function determines the number
of clock cycles per conversion. Changing the number of
clock cycles does more than just change the resolution of
the device; it also changes the integration time, which is
the period the device’s analog-to-digital (A/D) converter
samples the photodiode current signal for a lux
measurement.
Control Register 01(hex)
The Read/Write control register has three functions:
1. Interrupt flag; Bit 5. This is the status bit of the interrupt.
The bit is set to logic high when the interrupt thresholds
have been triggered, and logic low when not yet
triggered. Writing a logic low clears/resets the status bit.
2. Range/Gain; Bits 3 and 2. The Full Scale Range can be
adjusted by an external resistor REXT and/or it can be
adjusted via I2C using the Gain/Range function.
Gain/Range has four possible values, Range(k) where k
is 1 through 4. Table 9 lists the possible values of
Range(k) and the resulting FSR for some typical value
REXT resistors.
TABLE 2. WRITE ONLY REGISTERS
ADDRESS
REGISTER
NAME
FUNCTIONS/
DESCRIPTION
b1xxx_xxxx
sync_iic
Writing a logic 1 to this address bit
ends the current ADC-integration
and starts another. Used only with
External Timing Mode.
bx1xx_xxxx
clar_int
Writing a logic 1 to this address bit
clears the interrupt.
TABLE 3. ENABLE
BIT 7
OPERATION
0
Disable ADC-Core to Reset-Mode (default)
1
Enable ADC-Core to Normal Operation
TABLE 4. ADCPD
BIT 6
OPERATION
0
Normal Operation (default)
1
Power-Down
TABLE 5. TIMING MODE
BIT 5
OPERATION
0
Internal Timing Mode. Integration time is internally
timed determined by fOSC, REXT, and number of
clock cycles.
1
External Timing Mode. Integration time is externally
timed by the I2C host.
TABLE 6. PHOTODIODE SELECT MODE; BITS 2 AND 3
BITS 3:2
MODE
0:0
MODE1. ADC integrates or converts Diode1 only.
Current is converted to an n-bit unsigned data.*
0:1
MODE2. ADC integrates or coverts Diode2 only.
Current is converted to an n-bit unsigned data.*
1:0
MODE3. A sequential MODE1 then MODE2
operation. The difference current is an (n-1) signed
data.*
1:1
No Operation.
TABLE 7. WIDTH
BITS 1:0
NUMBER OF CLOCK CYCLES
0:0
216 = 65,536
0:1
212 = 4,096
1:0
28 = 256
1:1
24 = 16
TABLE 8. INTERRUPT FLAG
BIT 5
OPERATION
0
Interrupt is cleared or not triggered yet
1
Interrupt is triggered
ISL29003


Podobny numer części - ISL29003IROZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL29003IROZ-T7 INTERSIL-ISL29003IROZ-T7 Datasheet
258Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003IROZ-T7 INTERSIL-ISL29003IROZ-T7 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
More results

Podobny opis - ISL29003IROZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL29013 INTERSIL-ISL29013 Datasheet
537Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Renesas Technology Corp
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003 INTERSIL-ISL29003_07 Datasheet
258Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29004 INTERSIL-ISL29004 Datasheet
293Kb / 17P
   Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29012 INTERSIL-ISL29012 Datasheet
587Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
logo
Renesas Technology Corp
ISL29012 RENESAS-ISL29012 Datasheet
930Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com