Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL29003IROZ-EVAL Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL29003IROZ-EVAL
Szczegółowy opis  Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29003IROZ-EVAL Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL29003IROZ-EVAL Datasheet HTML 1Page - Intersil Corporation ISL29003IROZ-EVAL Datasheet HTML 2Page - Intersil Corporation ISL29003IROZ-EVAL Datasheet HTML 3Page - Intersil Corporation ISL29003IROZ-EVAL Datasheet HTML 4Page - Intersil Corporation ISL29003IROZ-EVAL Datasheet HTML 5Page - Intersil Corporation ISL29003IROZ-EVAL Datasheet HTML 6Page - Intersil Corporation ISL29003IROZ-EVAL Datasheet HTML 7Page - Intersil Corporation ISL29003IROZ-EVAL Datasheet HTML 8Page - Intersil Corporation ISL29003IROZ-EVAL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
FN7464.6
ISL29003
Light-to-Digital Output Sensor with High
Sensitivity, Gain Selection, Interrupt
Function and I2C Interface
The ISL29003 is an integrated light sensors with a 16-bit
integrating type ADC, I2C user programmable lux range
select for optimized counts/lux, and I2C multi-function control
and monitoring capabilities. The internal ADC provides 16-bit
resolution while rejecting 50Hz and 60Hz flicker caused by
artificial light sources.
In normal operation, power consumption is less than 300µA.
Furthermore, an available software power-down mode
controlled via the I2C interface reduces power consumption
to less than 1µA.
The ISL29003 supports a hardware interrupt that remains
asserted low until the host clears it through I2C interface.
Designed to operate on supplies from 2.5V to 3.3V, the
ISL29003 is specified for operation over the -40°C to +85°C
ambient temperature range.
Pinout
ISL29003
(6 LD ODFN)
TOP VIEW
Features
• Range select via I2C
- Range 1 = 0 lux to 1000 lux
- Range 2 = 0 lux to 4000 lux
- Range 3 = 0 lux to 16,000 lux
- Range 4 = 0 lux to 64,000 lux
• Human eye response (540nm peak sensitivity)
• Temperature compensated
• 16-bit resolution
• Adjustable resolution: up to 65 counts per lux
• User-programmable upper and lower threshold interrupt
• Simple output code, directly proportional to lux
• IR + UV rejection
• 50Hz/60Hz rejection
• 2.5V to 3.3V supply
• 6 Ld ODFN (2.1mmx2mm)
• Pb-free (RoHS compliant)
Applications
• Ambient light sensing
• Backlight control
• Temperature control systems
• Contrast control
• Camera light meters
• Lighting controls
Block Diagram
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PACKAGE
(Pb-free)
PKG. DWG. #
ISL29003IROZ (Note 4)
6 Ld ODFN
L6.2x2.1
ISL29003IROZ-T7
6 Ld ODFN
L6.2x2.1
ISL29003IROZ-EVAL
Evaluation Board
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special
Pb-free material sets; molding compounds/die attach materials
and 100% matte tin plate - e3 termination finish, which is RoHS
compliant and compatible with both SnPb and Pb-free soldering
operations. Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the
Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device
information page for ISL29003. For more information on MSL
please see tech brief TB466.
4. Not recommended for new designs.
1
2
3
6
5
4
VDD
GND
REXT
SDA
SCL
INT
THERMAL
PAD
VDD
REXT
GND
SDA
SCL
COMMAND
REGISTER
INTEGRATING
ADC
DATA
REGISTER
I2C
PHOTODIODE 1
PHOTODIODE 2
MUX
3
2
5
6
1
FOSC
IREF
COUNTER
216
EXT
4
INT
INTERRUPT
ISL29003
TIMING
INT
Data Sheet
November 17, 2011
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2006-2008, 2011. All Rights Reserved
I2C Bus is a registered trademark owned by NXP Semiconductors Netherlands, B.V
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.


Podobny numer części - ISL29003IROZ-EVAL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL29003IROZ-EVAL INTERSIL-ISL29003IROZ-EVAL Datasheet
258Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003IROZ-EVAL INTERSIL-ISL29003IROZ-EVAL Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
More results

Podobny opis - ISL29003IROZ-EVAL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL29013 INTERSIL-ISL29013 Datasheet
537Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Renesas Technology Corp
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003 INTERSIL-ISL29003_07 Datasheet
258Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29004 INTERSIL-ISL29004 Datasheet
293Kb / 17P
   Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29012 INTERSIL-ISL29012 Datasheet
587Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
logo
Renesas Technology Corp
ISL29012 RENESAS-ISL29012 Datasheet
930Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com