Zakładka z wyszukiwarką danych komponentów |
|
ISL29029IROZ-T7 Arkusz danych(PDF) 8 Page - Intersil Corporation |
|
ISL29029IROZ-T7 Arkusz danych(HTML) 8 Page - Intersil Corporation |
8 / 16 page ISL29029 8 FN7682.0 November 23, 2010 Principles of Operation I2C Interface The ISL29029’s I2C interface slave address is internally hardwired as 0b100010<x>, where “0b” signifies binary notation and x represents the logic level on pin ADDR0. Figure 2 shows a sample one-byte read. The I2C bus master always drives the SCL (clock) line, while either the master or the slave can drive the SDA (data) line. Every I2C transaction begins with the master asserting a start condition (SDA falling while SCL remains high). The first transmitted byte is initiated by the master and includes 7 address bits and a R/W bit. The slave is responsible for pulling SDA low during the ACK bit after every transmitted byte. Each I2C transaction ends with the master asserting a stop condition (SDA rising while SCL remains high). For more information about the I2C standard, please consult the Philips™ I2C specification documents. Photodiodes and ADCs The ISL29029 contains two photodiode arrays which convert photons (light) into current. The ALS photodiodes are constructed to mimic the human eye’s wavelength response curve to visible light (see Figure 6). The ALS photodiodes’ current output is digitized by a 12-bit ADC in 100ms. These 12 bits can be accessed by reading from I2C registers 0x9 and 0xA when the ADC conversion is completed. The ALS converter is a charge-balancing integrating 12-bit ADC. Charge-balancing is best for converting small current signals in the presence of periodic AC noise. Integrating over 100ms highly rejects both 50Hz and 60Hz light flicker by picking the lowest integer number of cycles for both 50Hz/60Hz frequencies. TABLE 10. REGISTER 0x08 (PROX_DATA) - PROXIMITY SENSOR DATA BIT # ACCESS DEFAULT BIT NAME FUNCTION/OPERATION 7:0 RO 0x00 PROX_DATA (Proximity Data) Results of 8-bit proximity sensor ADC conversion TABLE 11. REGISTER 0x09 (ALSIR_DT1) - ALS/IR SENSOR DATA (LOWER 8 BITS) BIT # ACCESS DEFAULT BIT NAME FUNCTION/OPERATION 7:0 RO 0x00 ALSIR_DATA (ALS/IR Data) Lower 8 bits (of 12 bits) from result of ALS/IR sensor conversion TABLE 12. REGISTER 0x0A (ALSIR_DT2) - ALS/IR SENSOR DATA (UPPER 4 BITS) BIT # ACCESS DEFAULT BIT NAME FUNCTION/OPERATION 7:4 RO 0x00 (Unused) Unused bits 3:0 RO 0x00 ALSIR_DATA (ALS/IR Data) Upper 4 bits (of 12 bits) from result of ALS/IR sensor conversion TABLE 13. REGISTER 0x0E (TEST1) - TEST MODE BIT # ACCESS DEFAULT BIT NAME FUNCTION/OPERATION 7:0 RW 0x00 (Write as 0x00) Test mode register. When 0x00, in normal operation TABLE 14. REGISTER 0x0F (TEST2) - TEST MODE 2 BIT # ACCESS DEFAULT BIT NAME FUNCTION/OPERATION 7:0 RW 0x00 (Write as 0x00) Test mode register. When 0x00, in normal operation FIGURE 2. I2C DRIVER TIMING DIAGRAM FOR MASTER AND SLAVE CONNECTED TO COMMON BUS START W A A A6 A5 A4 A3 A2 A1 A0 W A R7 R6 R5 R4 R3 R2 R1 R0 A A6 A5 A4 A3 A2 A1 A0 W A A A A D7 D6 D5 D4 D3D2 D1D0 13 5 7 13 57 1 2 3 4 5 6 9 2 4 6 STOP START SDA DRIVEN BY MASTER DEVICE ADDRESS SDA DRIVEN BY ISL29029 DATA BYTE0 REGISTER ADDRESS SLAVE DEVICE ADDRESS I2C DATA SDA DRIVEN BY MASTER SDA DRIVEN BY MASTER 24 68 9 2 468 9 7 8 1 3 5 7 8 9 I2C SDA I2C SDA I2C CLK MASTER (ISL29029) |
Podobny numer części - ISL29029IROZ-T7 |
|
Podobny opis - ISL29029IROZ-T7 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |