Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL29030IROZ-EVALZ Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części ISL29030IROZ-EVALZ
Szczegółowy opis  Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digita Out
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29030IROZ-EVALZ Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button ISL29030IROZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL29030IROZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29030IROZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29030IROZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29030IROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29030IROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29030IROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29030IROZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL29030IROZ-EVALZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ISL29030
6
FN6872.1
November 12, 2012
Register Map
There are ten 8-bit registers accessible via I2C. Registers 0x1 and 0x2 define the operation mode of the device. Registers 0x3 through 0x7
store the various ALS/IR/Prox thresholds which trigger interrupt events. Registers 0x8 through 0xA store the results of ALS/IR/Prox ADC
conversions.
TABLE 1. ISL29030 REGISTERS AND REGISTER BITS
ADDR
REG NAME
BIT
7
654
321
0
DEFAULT
0x00
(n/a)
(Reserved)
(n/a)
0x01
CONFIGURE
PROX EN
PROX_SLP[2:0]
PROX_DR
ALS_EN
ALS_RANGE
ALSIR_MODE
0x00
0x02
INTERRUPT
PROX_FLAG
PROX_PRST[1:0]
(Write 0)
ALS_FLAG
ALS_PRST[1:0]
INT_CTRL
0x00
0x03
PROX_LT
PROX_LT[7:0]
0x00
0x04
PROX_HT
PROX_HT[7:0]
0xFF
0x05
ALSIR_TH1
ALSIR_LT[7:0]
0x00
0x06
ALSIR_TH2
ALSIR_HT[3:0]
ALSIR_LT[11:8]
0xF0
0x07
ALSIR_TH3
ALSIR_HT[11:4]
0xFF
0x08
PROX_DATA
PROX_DATA[7:0]
0x00
0x09
ALSIR_DT1
ALSIR_DATA[7:0]
0x00
0x0A
ALSIR_DT2
(Unused)
ALSIR_DATA[11:8]
0x00
0x0E
TEST1
(Write as 0x00)
0x00
0x0F
TEST2
(Write as 0x00)
0x00
FIGURE 1. I2C TIMING DIAGRAM


Podobny numer części - ISL29030IROZ-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL29030IROZ-EVALZ RENESAS-ISL29030IROZ-EVALZ Datasheet
853Kb / 17P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
More results

Podobny opis - ISL29030IROZ-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL29030 RENESAS-ISL29030 Datasheet
853Kb / 17P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
ISL29030A RENESAS-ISL29030A Datasheet
824Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
logo
Intersil Corporation
ISL29030AIROZ-T7 INTERSIL-ISL29030AIROZ-T7 Datasheet
502Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
November 12, 2012
ISL29028IROZ INTERSIL-ISL29028IROZ Datasheet
624Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 4, 2011
logo
Renesas Technology Corp
ISL29028 RENESAS-ISL29028 Datasheet
820Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29030A INTERSIL-ISL29030A_11 Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29029 RENESAS-ISL29029 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com