Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL29044AIROMZ-T7 Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części ISL29044AIROMZ-T7
Szczegółowy opis  Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29044AIROMZ-T7 Arkusz danych(HTML) 8 Page - Intersil Corporation

Back Button ISL29044AIROMZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29044AIROMZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29044AIROMZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29044AIROMZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29044AIROMZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29044AIROMZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL29044AIROMZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL29044AIROMZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL29044AIROMZ-T7 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ISL29044A
8
FN8419.1
April 19, 2013
Principles of Operation
Photodiodes and ADCs
The ISL29044A contains two photodiode arrays, which convert
photons (light) into current. The ALS photodiodes are constructed
to mimic the human eye’s wavelength response curve to visible
light (see Figure 5). The ALS photodiodes’ current output is
digitized by a 12-bit ADC in 100ms. These 12 bits can be
accessed by reading from I2C registers 0x9 and 0xA when the
ADC conversion is completed.
The ALS converter is a charge-balancing, integrating 12-bit ADC.
Charge-balancing is best for converting small current signals in
the presence of periodic AC noise. Integrating over 100ms highly
rejects both 50Hz and 60Hz light flicker by picking the lowest
integer number of cycles for both 50Hz/60Hz frequencies.
The proximity sensor is an 8-bit ADC that operates in a similar
fashion. When proximity sensing is enabled, the IRDR pin will
drive the internal infrared LED, the emitted IR reflects off an object
(e.g., a human head) back into the ISL29044A, and a sensor
converts the reflected IR wave to a current signal in 0.54ms. The
ADC subtracts the IR reading before and after the LED is driven
(to remove ambient IR such as sunlight), and converts this value
to a digital count stored in Register 0x8.
The ISL29044A is designed to run two conversions concurrently:
a proximity conversion and an ALS (or IR) conversion. Please note
that because of the conversion times, the user must let the ADCs
perform one full conversion first before reading from I2C
Registers PROX_DATA (wait 0.54ms) or ALSIR_DT1/2 (wait
100ms). The timing between ALS and Prox conversions is
arbitrary, as shown in Figure 15. The ALS runs continuously with
new data available every 100ms. The proximity sensor runs
continuously with a time between conversions decided by
PROX_SLP (Register 1 Bits [6:4]).
Ambient Light and IR Sensing
The ISL29044A is set for ambient light sensing when Register bit
ALSIR_MODE = 0 and ALR_EN = 1. The light-wavelength
response of the ALS appears, as shown in Figure 5. ALS
measuring mode (as opposed to IR measuring mode) is set by
default.
When the part is programmed for infrared (IR) sensing
(ALSIR_MODE = 1; ALS_EN = 1), infrared light is converted into a
current and digitized by the same ALS ADC. The result of an IR
conversion is strongly related to the amount of IR energy incident
on our sensor, but is unitless and is referred to in digital counts.
Proximity Sensing
When proximity sensing is enabled (PROX_EN = 1), the internal
IR LED is driven for 0.1ms by the built-in IR LED driver through
the IRDR pin. The amplitude of the IR LED current depends on
Register 1 bit 3: PROX_DR. If this bit is low, the load will see a
fixed 110mA current pulse. If this bit is high, the load on IRDR
will see a fixed 220mA current pulse, as seen in Figure 16.
When the IR from the LED reaches an object and gets reflected
back into the ISL29044A, the reflected IR light is converted into
current as per the IR spectral response shown in Figure 5. One
entire proximity measurement takes 0.54ms for one conversion
(which includes 0.1ms spent driving the LED), and the period
between proximity measurements is decided by PROX_SLP
(sleep time) in Register 1 Bits 6:4.
Average LED driving current consumption is given by Equation 1.
A typical IRDR scheme is 220mA amplitude pulses every 800ms,
which yields 28μA DC.
Total Current Consumption
Total current consumption is the sum of IDD and IIRDR. The IRDR
pin sinks current (see Figure 16) and the average IRDR current
can be calculated using Equation 1. IDD depends on voltage and
the mode-of-operation, as seen in Figure 9.
Interrupt Function
The ISL29044A has an intelligent interrupt scheme designed to
shift some logic processing away from the intensive
microcontroller I2C polling routines (which consume power) and
towards a more independent light sensor, which can instruct a
system to “wake up” or “go to sleep”.
An ALS interrupt event (ALS_FLAG) is governed by Registers 5
through 7. The user writes a high and low threshold value to
these registers and the ISL29044A will issue an ALS interrupt
flag if the actual count stored in Registers 0x9 and 0xA are
outside the user’s programmed window. The user must write 0 to
clear the ALS_FLAG.
FIGURE 15. TIMING DIAGRAM FOR PROX/ALS EVENTS - NOT TO SCALE
ALS
ACTIVE
100ms
100ms
100ms
PROX
SENSOR
ACTIVE
IRDR
(CURRENT
DRIVER)
ALS CONVERSION TIME =
100ms (FIXED)
0.54ms FOR PROX
CONVERSION
SERIES OF
CURRENT PULSES
TOTALING 0.1ms
SLEEP TIME
(PROX_SLP)
100ms
100ms
SEVERAL µs BETWEEN
CONVERSIONS
TIME
TIME
TIME
FIGURE 16. CURRENT DRIVE MODE OPTIONS
IRDR
220mA
(PROX_DR = 1)
(IRDR IS HI-Z WHEN
NOT DRIVING)
110mA
(PROX_DR = 0)
LED+
INTERNAL IR-LED
LED-
PCB TRACE
I
lRDR AVG
;
I
lRDR PEAK
;
100
μs
×
540
μst
+
SLEEP
--------------------------------------------------------
=
(EQ. 1)


Podobny numer części - ISL29044AIROMZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL29044AIROMZ-T7 RENESAS-ISL29044AIROMZ-T7 Datasheet
1Mb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
More results

Podobny opis - ISL29044AIROMZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL29043 INTERSIL-ISL29043 Datasheet
862Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
ISL29044A INTERSIL-ISL29044A Datasheet
112Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
ISL29044 INTERSIL-ISL29044 Datasheet
188Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
ISL29044IROMZ-T7 INTERSIL-ISL29044IROMZ-T7 Datasheet
533Kb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
logo
Renesas Technology Corp
ISL29044A RENESAS-ISL29044A Datasheet
1Mb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
logo
Intersil Corporation
ISL29043IROMZ-T7 INTERSIL-ISL29043IROMZ-T7 Datasheet
627Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
February 9, 2012
logo
Renesas Technology Corp
ISL29043 RENESAS-ISL29043 Datasheet
1Mb / 16P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
ISL29044 RENESAS-ISL29044 Datasheet
1Mb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
logo
Fairchild Semiconductor
FLD00060 FAIRCHILD-FLD00060 Datasheet
2Mb / 22P
   I2C Digital Ambient Light and Proximity Sensor with Built-in IR LED
logo
AMIC Technology
ASR8800 AMICC-ASR8800 Datasheet
59Kb / 1P
   Ambient Light, Solar_UV_Index, IR and Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com