Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL29102IROZ-T7 Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części ISL29102IROZ-T7
Szczegółowy opis  Low Power Ambient Light-to-Voltage Non-Linear Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29102IROZ-T7 Arkusz danych(HTML) 3 Page - Intersil Corporation

  ISL29102IROZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL29102IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29102IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29102IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29102IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29102IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29102IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29102IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29102IROZ-T7 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
FN6483.1
July 15, 2010
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage Between VDD and GND . . . . . . . . . . . . . . . . . . 3.6V
REXT . . . . . . . . . . . . . . . . . . . . . . . . (-0.5V + GND) to (0.5V + VDD)
VOUT . . . . . . . . . . . . . . . . . . . . . . . . (-0.5V + GND) to (0.5V + VDD)
VOUT Short Circuit Current . . . . . . . . . . . . . . . . . . . . . . . . . . <10mA
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Thermal Resistance (Typical)
θJA (°C/W)
6 Lead ODFN (Note 4) . . . . . . . . . . . . . . . . . . . . . . .
88
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . +90°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +100°C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/data/tb/TB477.pdf
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VDD = 3V, TA = +25°C, REXT = 100kΩ, no load at VOUT, green LED light, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
E
Range of Input Light Intensity for Square Root
Relationship to be Held
0.3 - 10k
Lux
VDD
Operating Supply Voltage
1.8
3.3
V
IDD
Supply Current
E = 0 lux
0.65
µA
E = 100 lux
3.5
µA
E = 1,000 lux
10
15
µA
VOUT0
Light-to-Voltage Accuracy
E = 100 lux
0.185
V
VOUT1
Light-to-Voltage Accuracy
E = 1000 lux
0.460
0.580
0.680
V
VDARK
Voltage Output in the absence of light
E = 0 lux, REXT = 10MΩ
20
50
mV
ΔVOUT
Output Voltage Variation Over Three Light
Sources: Fluorescent, Incandescent and
Halogen
10
%
PSRR
Power Supply Rejection Ratio
E = 100 lux, VDD = 1.8V to 3.6V
2.5
mV/V
VO-CMPL
Maximum Output Compliance Voltage at 95% of
Nominal Output
VDD -0.7V
V
VO-MAX
Maximum Output Voltage Swing
VDD
V
tR
Rise Time
E = 0 lux to 300 lux
68
µs
E = 0 lux to 1000 lux
68
µs
tF
Fall Time
E = 300 lux to 0 lux
1830
µs
E = 1000 lux to 0 lux
970
us
tD
Delay Time for Rising Edge
E = 0 lux to 300 lux
352
µs
E = 0 lux to 1000 lux
145
µs
tS
Delay Time for Falling Edge
E = 300 lux to 0 lux
22
µs
E = 1000 lux to 0 lux
22
µs
ISC
Short Circuit Current of Op Amp
±11
mA
SR
Slew Rate of Op Amp
±10
V/ms
VOS
Offset Voltage of Op Amp
±1.2
mV
ISL29102


Podobny numer części - ISL29102IROZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL29102IROZ-T7 INTERSIL-ISL29102IROZ-T7 Datasheet
733Kb / 9P
   Low Power Ambient Light-to-Voltage Non-Linear Converter
logo
Renesas Technology Corp
ISL29102IROZ-T7 RENESAS-ISL29102IROZ-T7 Datasheet
887Kb / 10P
   Low Power Ambient Light-to-Voltage Nonlinear Converter
ISL29102IROZ-T7A RENESAS-ISL29102IROZ-T7A Datasheet
887Kb / 10P
   Low Power Ambient Light-to-Voltage Nonlinear Converter
More results

Podobny opis - ISL29102IROZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL29102 INTERSIL-ISL29102 Datasheet
733Kb / 9P
   Low Power Ambient Light-to-Voltage Non-Linear Converter
logo
Renesas Technology Corp
ISL29102 RENESAS-ISL29102 Datasheet
887Kb / 10P
   Low Power Ambient Light-to-Voltage Nonlinear Converter
ISL29009 RENESAS-ISL29009 Datasheet
808Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29009IROZ-T7 INTERSIL-ISL29009IROZ-T7 Datasheet
578Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
July 1, 2008
ISL29009 INTERSIL-ISL29009 Datasheet
679Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
logo
ams AG
TSL2563 AMSCO-TSL2563 Datasheet
1Mb / 43P
   LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL2562 TAOS-TSL2562 Datasheet
431Kb / 38P
   LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER
logo
ON Semiconductor
LA0151CS ONSEMI-LA0151CS Datasheet
160Kb / 7P
   Ambient Light Sensor Linear Current Output
April 2015- Rev. 1
logo
Sharp Corporation
GA1A2S100SS SHARP-GA1A2S100SS Datasheet
428Kb / 10P
   OPIC??Linear Output Ambient Light Sensor
logo
ON Semiconductor
LA0152CS ONSEMI-LA0152CS Datasheet
189Kb / 7P
   Ambient Light Sensor Linear Current Output
April 2015- Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com