Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL29125IROZ-T7 Arkusz danych(PDF) 9 Page - Intersil Corporation

Numer części ISL29125IROZ-T7
Szczegółowy opis  Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29125IROZ-T7 Arkusz danych(HTML) 9 Page - Intersil Corporation

Back Button ISL29125IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29125IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29125IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29125IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29125IROZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL29125IROZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL29125IROZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL29125IROZ-T7 Datasheet HTML 12Page - Intersil Corporation ISL29125IROZ-T7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ISL29125
9
FN8424.2
January 24, 2014
Submit Document Feedback
Register Description
Following are detailed descriptions of the control registers related to the operation of the ISL29125 ambient light sensor device. These
registers are accessed by the I2C serial interface. For details on the I2C interface, refer to “Serial Interface” on page 6.
All the features of the device are controlled by the registers. The ADC data can also be read. The following sections explain the details of
each register bit. All RESERVED bits are Intersil used bits ONLY. The value of the reserved bit can change without any notice.
Device Register (Address: 0x00)
Register 0x00 performs two functions. If Reg 0x00 is in READ ONLY mode then it will be a Device ID. By default, the device ID is 0x7D in
hex. Write 46h to register 0x00 in the WRITE ONLY, the device will reset all registers to their default states.
Configuation-1 Register (Address: 0x01)
TABLE 1. REGISTER MAP
NAME
REGISTER ADDRESS
REGISTER BITS
DEFAULT ACCESS
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
Device ID
00x00
ID[7]
ID[6]
ID[5]
ID[4]
ID[3]
ID[2]
ID[1]
ID[0]
0x7D
RO
Device Reset
ID[7]
ID[6]
ID[5]
ID[4]
ID[3]
ID[2]
ID[1]
ID[0]
NA
WO
CONFIGURATION - 1
1
0x01
RESERVED
SYNC
BITS
RNG
MODE[2] MODE[1] MODE[0]
0x00
RW
CONFIGURATION - 2
2
0x02
IRCOM
RESERVED ALSCC[5]
ALSCC[4]
ALSCC[3]
ALSCC[2] ALSCC[1] ALSCC[0]
0x00
RW
CONFIGURATION - 3
3
0x03
RESERVED
CONVEN
PRST[1]
PRST[0] INTSEL[1] INTSEL[0]
0x00
RW
LOW THRESHOLD -
LOW BYTE
4
0x04
THL[7]
THL[6]
THL[5]
THL[4]
THL[3]
THL[2]
THL[1]
THL[0]
0x00
RW
LOW THRESHOLD -
HIGH BYTE
5
0x05
THL[15]
THL[14]
THL[13]
THL[12]
THL[11]
THL[10]
THL[9]
THL[8]
0x00
RW
HIGH THRESHOLD -
LOW BYTE
6
0x06
THH[7]
THH[6]
THH[5]
THH[4]
THH[3]
THH[2]
THH[1]
THH[0]
0xFF
RW
HIGH THRESHOLD -
HIGH BYTE
7
0x07
THH[15]
THH[14]
THH[13]
THH[12]
THH[11]
THH[10]
THH[9]
THH[8]
0xFF
RW
STATUS FLAGS
8
0x08
RESERVED
GRBCF[1] GRBCF[0] RESERVED
BOUTF
CONVENF RGBTHF
0x04
RO
GREEN DATA - LOW
BYTE
9
0x09
GREEN[7] GREEN[6] GREEN[5] GREEN[4] GREEN[3] GREEN[2] GREEN[1] GREEN[0]
0x00
RW
GREEN DATA - HIGH
BYTE
10
0x0A
GREEN[15] GREEN[14] GREEN[13] GREEN[12] GREEN[11] GREEN[10] GREEN[9] GREEN[8]
0x00
RW
RED DATA - LOW
BYTE
11
0x0B
RED[7]
RED[6]
RED[5]
RED[4]
RED[3]
RED[2]
RED[1]
RED[0]
0x00
RW
RED DATA - HIGH
BYTE
12
0x0C
RED[15]
RED[14]
RED[13]
RED[12]
RED[11]
RED[10]
RED[9]
RED[8]
0x00
RW
BLUE DATA - LOW
BYTE
13
0x0D
BLUE[7]
BLUE[6]
BLUE[5]
BLUE[4]
BLUE[3]
BLUE[2]
BLUE[1]
BLUE[0]
0x00
RW
BLUE DATA - HIGH
BYTE
14
0x0E
BLUE[15]
BLUE[14]
BLUE[13]
BLUE[12]
BLUE[11]
BLUE[10]
BLUE[9]
BLUE[8]
0x00
RW
TABLE 2. DEVICE ID REGISTER ADDRESS
NAME
REGISTER ADDRESS
REGISTER BITS
DEFAULT
ACCESS
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
Device ID
00x00
ID[7]
ID[6]
ID[5]
ID[4]
ID[3]
ID[2]
ID[1]
ID[0]
0x7D
RO
Device Reset
ID[7]
ID[6]
ID[5]
ID[4]
ID[3]
ID[2]
ID[1]
ID[0]
NA
WO
TABLE 3. CONFIGURATION-1
NAME
REGISTER ADDRESS
REGISTER BITS
DEFAULT
ACCESS
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
Configuration-1
1
0x01
RESERVED
RESERVED
SYNC BITS RNG MODE[2]
MODE[1]
MODE[0]
0x00
RW


Podobny numer części - ISL29125IROZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL29125IROZ-T7 RENESAS-ISL29125IROZ-T7 Datasheet
786Kb / 17P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
ISL29125IROZ-T7A RENESAS-ISL29125IROZ-T7A Datasheet
786Kb / 17P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
More results

Podobny opis - ISL29125IROZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL29124 INTERSIL-ISL29124 Datasheet
100Kb / 2P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
February 19, 2014
logo
Renesas Technology Corp
ISL29124 RENESAS-ISL29124 Datasheet
770Kb / 16P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
January 13, 2015
ISL29125 RENESAS-ISL29125 Datasheet
786Kb / 17P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
logo
Intersil Corporation
ISL29125 INTERSIL-ISL29125 Datasheet
99Kb / 2P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
logo
Renesas Technology Corp
ISL29120 RENESAS-ISL29120 Datasheet
462Kb / 8P
   Digital Output, Low Power, Red, Green, and Blue Color Light Sensor
logo
Intersil Corporation
ISL29120 INTERSIL-ISL29120 Datasheet
343Kb / 8P
   Digital Output, Low Power, Red, Green, and Blue Color Light Sensor
logo
ams AG
TCS3472 AMSCO-TCS3472 Datasheet
1Mb / 27P
   COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
logo
List of Unclassifed Man...
TCS34727FN ETC2-TCS34727FN Datasheet
1Mb / 27P
   COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
logo
Broadcom Corporation.
APDS-9250 BOARDCOM-APDS-9250 Datasheet
522Kb / 21P
   Digital RGB, IR and Ambient Light Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9250 AVAGO-APDS-9250 Datasheet
522Kb / 21P
   Digital RGB, IR and Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com