Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM140QML Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części LM140QML
Szczegółowy opis  LM140QML Three Terminal Positive Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM140QML Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button LM140QML_15 Datasheet HTML 3Page - Texas Instruments LM140QML_15 Datasheet HTML 4Page - Texas Instruments LM140QML_15 Datasheet HTML 5Page - Texas Instruments LM140QML_15 Datasheet HTML 6Page - Texas Instruments LM140QML_15 Datasheet HTML 7Page - Texas Instruments LM140QML_15 Datasheet HTML 8Page - Texas Instruments LM140QML_15 Datasheet HTML 9Page - Texas Instruments LM140QML_15 Datasheet HTML 10Page - Texas Instruments LM140QML_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LM140QML
www.ti.com
SNVS382B – FEBRUARY 2006 – REVISED MAY 2013
LM140K–12 Electrical Characteristics DC Parameters
The following conditions apply, unless otherwise specified.
DC: VI = 19V, IL = 5mA
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
IQ
6.0
mA
1
Quiescent Current
IL = 1A
7.0
mA
2, 3
ΔIQ
IL = 1A, 15.5V ≤ VI ≤ 27V
-0.8
0.8
mA
1
Quiescent Current Change
IL = 500mA 15V ≤ VI ≤ 30V
-0.8
0.8
mA
1, 2, 3
5mA
≤ IL ≤ 1A
-0.5
0.5
mA
1, 2, 3
VO
11.5
12.5
V
1
VI = 15.5V
11.4
12.6
V
1, 2, 3
Output Voltage
VI = 15.5V, IL = 1A
11.4
12.6
V
1, 2, 3
VI = 27V
11.4
12.6
V
1, 2, 3
VI = 27V, IL = 1A
11.4
12.6
V
1, 2, 3
RLine
IL = 500mA, 14.5V ≤ VI ≤ 25V
-120
120
mV
1, 2, 3
IL = 1A, 14.6V ≤ VI ≤ 27V
-120
120
mV
1
Line Regulation
IL = 1A, 15.0V ≤ VI ≤ 27V
-120
120
mV
2, 3
IL = 1A, 16V ≤ VI ≤ 22V
-60
60
mV
1, 2, 3
RLoad
5mA
≤ IL ≤ 1.5A
-120
120
mV
1
Load Regulation
5mA
≤ IL ≤ 1.0A
-120
120
mV
2, 3
250mA
≤ IL ≤ 750mA
-60
60
mV
1
IOS
VI = 17V
-3.5
-0.02
A
1
Current Limit
VI = 35V
-2.0
-0.02
A
1
LM140K–12 Electrical Characteristics AC Parameters
The following conditions apply, unless otherwise specified.
AC: VI = 19V, IL = 5mA
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
RR
Ripple Rejection
ƒ = 120Hz, IL = 350mA,
61
dB
4
eI = 1VRMS
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM140QML


Podobny numer części - LM140QML_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM140QML TI1-LM140QML Datasheet
633Kb / 11P
[Old version datasheet]   LM140LQML Series 3-Terminal Positive Regulators
More results

Podobny opis - LM140QML_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM140H-5.0/883 TI1-LM140H-5.0/883 Datasheet
221Kb / 14P
[Old version datasheet]   LM140QML Three Terminal Positive Regulators
logo
National Semiconductor ...
LM140JAN NSC-LM140JAN Datasheet
535Kb / 12P
   Three Terminal Positive Regulators
logo
Toshiba Semiconductor
TA78L005AP TOSHIBA-TA78L005AP_06 Datasheet
674Kb / 22P
   Three-Terminal Positive Regulators
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
MC78M15CDT MCC-MC78M15CDT Datasheet
612Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com