Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM137QML Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części LM137QML
Szczegółowy opis  LM137QML 3-Terminal Adjustable Negative Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM137QML Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button LM137QML_15 Datasheet HTML 3Page - Texas Instruments LM137QML_15 Datasheet HTML 4Page - Texas Instruments LM137QML_15 Datasheet HTML 5Page - Texas Instruments LM137QML_15 Datasheet HTML 6Page - Texas Instruments LM137QML_15 Datasheet HTML 7Page - Texas Instruments LM137QML_15 Datasheet HTML 8Page - Texas Instruments LM137QML_15 Datasheet HTML 9Page - Texas Instruments LM137QML_15 Datasheet HTML 10Page - Texas Instruments LM137QML_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LM137QML
www.ti.com
SNVS313D – DECEMBER 2010 – REVISED FEBRUARY 2015
6.8 LM137K
883 Electrical Characteristics DC Parameters
The following conditions apply, unless otherwise specified. VIN = −4.25V, IL = 8mA, VOUT = VRef
(1) (2)
SUB-
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
GROUPS
1
-1.275
-1.225
V
2, 3
-1.3
-1.2
V
VRef
Reference Voltage
VIN = -42 V
1
-1.275
-1.225
V
VIN = -41.3 V
2, 3
-1.3
-1.2
V
VOUT = -1.7 V
1, 2, 3
3.0
mA
VOUT = -1.7 V, VIN = -11.75 V
1, 2, 3
3.0
mA
IQ
Minimum Load Current
VOUT = -1.7 V, VIN = -42 V
1
5.0
mA
VOUT = -1.7 V, VIN = -41.3 V
2, 3
5.0
mA
-42 V
≤ VIN ≤ -4.25 V
1
-9.0
9.0
mV
RLine
Line Regulation
-41.3V
≤ VIN ≤ -4.25V
2, 3
-23
23
mV
VIN = -6.25 V, 8 mA ≤ IL ≤ 1.5 A
1, 2, 3
-25
25
mV
VIN = -14.5 V, 8 mA ≤ IL ≤ 1.5 A
1
-25
25
mV
RLoad
Load Regulation
VIN = -40 V, 8 mA ≤ IL ≤ 300 mA
1
-25
25
mV
VIN = -40 V, 8 mA ≤ IL ≤ 250 mA
2, 3
-25
25
mV
1, 2, 3
100
µA
IAdj
Adjustment Pin Current
VIN = -42 V
1
100
µA
VIN = -41.3 V
2, 3
100
µA
Δ IAdj / VLine
-42 V
≤ VIN ≤ -4.25 V
1
-5.0
5.0
µA
Adjust Pin Current
Change vs. Line Voltage -41.3 V ≤ V
IN ≤ -4.25 V
2, 3
-5.0
5.0
µA
Δ IAdj / ILoad
Adjust Pin Current
8 mA
≤ IL ≤ 1.5 A, VIN = -6.25 V
Change vs. Load
1, 2, 3
-5.0
5.0
µA
Current
VIN = -14.5 V, IL = 1.5 mA, t = 10 mS
1
-5.0
5.0
mV
VRth
Thermal Regulation
VIN = -14.5 V, IL = 8 mA, t = 10 mS
1
-5.0
5.0
mV
VIN = -5 V
1, 2, 3
-3.5
-1.5
A
ICL
Current Limit
VIN = -40 V
1, 2, 3
-1.2
-0.24
A
(1)
VIN = −41.3V at +125°C and −55°C
(2)
−41.3V ≤ VIN ≤ −4.25V at +125°C and −55°C
6.9 LM137K
883 Electrical Characteristics AC Parameters
SUB-
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
GROUPS
VIN = -6.25 V, VOUT = VRef,
Ripple Rejection Ratio
RR
f = 120 Hz, IL = 0.5 A,
4,5,6
66
dB
(1)
eI = 1VRMS
(1)
Test at +25°C, ensured but not tested at +125°C and
−55°C
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM137QML


Podobny numer części - LM137QML_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_17 Datasheet
842Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
More results

Podobny opis - LM137QML_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM137QML TI1-LM137QML Datasheet
312Kb / 17P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_17 Datasheet
842Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337-N-MIL TI1-LM337-N-MIL Datasheet
1Mb / 20P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337IMP-NOPB TI1-LM337IMP-NOPB Datasheet
2Mb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
   3-Terminal Adjustable Negative Regulators
logo
Texas Instruments
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137 TI1-LM137_16 Datasheet
2Mb / 28P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN_13 Datasheet
791Kb / 18P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN Datasheet
349Kb / 18P
[Old version datasheet]   LM137JAN 3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137HV NSC-LM137HV Datasheet
340Kb / 10P
   3-Terminal Adjustable Negative Regulators (High Voltage)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com