Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2930T-5.0 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części LM2930T-5.0
Szczegółowy opis  3-Terminal Positive Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM2930T-5.0 Arkusz danych(HTML) 1 Page - Texas Instruments

  LM2930T-5.0 Datasheet HTML 1Page - Texas Instruments LM2930T-5.0 Datasheet HTML 2Page - Texas Instruments LM2930T-5.0 Datasheet HTML 3Page - Texas Instruments LM2930T-5.0 Datasheet HTML 4Page - Texas Instruments LM2930T-5.0 Datasheet HTML 5Page - Texas Instruments LM2930T-5.0 Datasheet HTML 6Page - Texas Instruments LM2930T-5.0 Datasheet HTML 7Page - Texas Instruments LM2930T-5.0 Datasheet HTML 8Page - Texas Instruments LM2930T-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM2930
www.ti.com
SNVS745D – APRIL 1998 – REVISED APRIL 2013
LM2930 3-Terminal Positive Regulator
Check for Samples: LM2930
1
FEATURES
DESCRIPTION
The LM2930 3-terminal positive regulator features an
2
Input-Output Differential Less Than 0.6V
ability to source 150 mA of output current with an
Output Current in Excess of 150 mA
input-output differential of 0.6V or less. Efficient use
Reverse Battery Protection
of low input voltages obtained, for example, from an
automotive battery during cold crank conditions,
40V Load Dump Protection
allows 5V circuitry to be properly powered with supply
Internal Short Circuit Current Limit
voltages as low as 5.6V. Familiar regulator features
Internal Thermal Overload Protection
such as current limit and thermal overload protection
are also provided.
Mirror-Image Insertion Protection
P+ Product Enhancement Tested
Designed originally for automotive applications, the
LM2930 and all regulated circuitry are protected from
reverse battery installations or 2 battery jumps.
VOLTAGE RANGE
During line transients, such as a load dump (40V)
LM2930T-5.0: 5V
when
the
input
voltage
to
the
regulator
can
LM2930T-8.0: 8V
momentarily
exceed
the
specified
maximum
operating voltage, the regulator will automatically shut
LM2930S-5.0: 5V
down to protect both internal circuits and the load.
LM2930S-8.0: 8V
The LM2930 cannot be harmed by temporary mirror-
image insertion.
Fixed outputs of 5V and 8V are available in the
plastic TO-220 and SFM power packages.
Connection Diagrams
TO-220 Plastic Package
Figure 1. Front View
See Package Number NDE
SFM Plastic Surface-Mount Package
Figure 2. Top View
Figure 3. Side View
See Package Number KTT
See Package Number KTT
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - LM2930T-5.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2930T-5.0 NSC-LM2930T-5.0 Datasheet
251Kb / 8P
   3-Terminal Positive Regulator
More results

Podobny opis - LM2930T-5.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2930 NSC-LM2930 Datasheet
251Kb / 8P
   3-Terminal Positive Regulator
logo
Texas Instruments
LM140K TI1-LM140K_16 Datasheet
1Mb / 14P
[Old version datasheet]   3-Terminal Positive Regulator
LM330-N TI1-LM330-N_14 Datasheet
1Mb / 11P
[Old version datasheet]   3-Terminal Positive Regulator
logo
National Semiconductor ...
LM330 NSC-LM330 Datasheet
254Kb / 5P
   3-Terminal Positive Regulator
logo
Hi-Sincerity Mocroelect...
H7805AI HSMC-H7805AI Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7808AA HSMC-H7808AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AA HSMC-H7809AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7806AJ HSMC-H7806AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7808AJ HSMC-H7808AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7815AE HSMC-H7815AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com