Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3480IM3X-3.3 Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części LM3480IM3X-3.3
Szczegółowy opis  LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM3480IM3X-3.3 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button LM3480IM3X-3.3 Datasheet HTML 7Page - Texas Instruments LM3480IM3X-3.3 Datasheet HTML 8Page - Texas Instruments LM3480IM3X-3.3 Datasheet HTML 9Page - Texas Instruments LM3480IM3X-3.3 Datasheet HTML 10Page - Texas Instruments LM3480IM3X-3.3 Datasheet HTML 11Page - Texas Instruments LM3480IM3X-3.3 Datasheet HTML 12Page - Texas Instruments LM3480IM3X-3.3 Datasheet HTML 13Page - Texas Instruments LM3480IM3X-3.3 Datasheet HTML 14Page - Texas Instruments LM3480IM3X-3.3 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
COUT
0.1 µF
LM3480IM3-5.0
3
2
1
5 V, 100 mA OUT
6.5 V IN
CIN
0.1 µF
LM3480
www.ti.com
SNVS011H – JUNE 1999 – REVISED SEPTEMBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM3480 is a linear voltage regulator with 1.2-V ensured maximum dropout and 100-mA ensured minimum
load current. This device has 3.3-V, 5-V, 12-V, and 15-V versions. The implementation of LM3480 is discussed in
this section.
8.2 Typical Application
8.2.1 Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage
6.5 V
Output voltage
5 V
Output current
100 mA
8.2.2 Detailed Design Procedure
8.2.2.1 External Capacitors
A minimum input and output capacitance value of 0.1 µF is required for stability and adequate transient
performance. There is no specific ESR limitation, although excessively high ESR will compromise transient
performance. There is no specific limitation on a maximum capacitance value on the input or the output.
8.2.2.1.1
Output Capacitor
The minimum output capacitance required to maintain stability is 0.1 µF. Larger values of output capacitance can
be used to improve transient behavior.
8.2.3 Application Curves
Unless indicated otherwise, VIN = 6.5 V, VOUT = 5 V, COUT = 0.1 µF, and TA = 25°C
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3480


Podobny numer części - LM3480IM3X-3.3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3480IM3X-3.3 NSC-LM3480IM3X-3.3 Datasheet
277Kb / 9P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LM3480IM3X-3.3 TI-LM3480IM3X-3.3 Datasheet
996Kb / 15P
[Old version datasheet]   LM3480 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
TECH PUBLIC Electronics...
LM3480IM3X-3.3 TECHPUBLIC-LM3480IM3X-3.3 Datasheet
2Mb / 4P
   100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
More results

Podobny opis - LM3480IM3X-3.3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3480IM3X-15 TI-LM3480IM3X-15 Datasheet
996Kb / 15P
[Old version datasheet]   LM3480 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
TECH PUBLIC Electronics...
TLV76033DBZR TECHPUBLIC-TLV76033DBZR Datasheet
1Mb / 4P
   100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
LM3480IM3X-3.3 TECHPUBLIC-LM3480IM3X-3.3 Datasheet
2Mb / 4P
   100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
National Semiconductor ...
LM3480 NSC-LM3480 Datasheet
277Kb / 9P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LM3490IM5-12 TI-LM3490IM5-12 Datasheet
1,007Kb / 17P
[Old version datasheet]   LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-
logo
National Semiconductor ...
LM3490 NSC-LM3490 Datasheet
291Kb / 10P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
LM3490 NSC-LM3490_07 Datasheet
310Kb / 12P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
Texas Instruments
LM3490IM5-5 TI1-LM3490IM5-5 Datasheet
1Mb / 17P
[Old version datasheet]   LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
Analog Devices
ADP3307 AD-ADP3307_15 Datasheet
1Mb / 8P
   100 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
LP2981-N TI1-LP2981-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com