Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL43112IB Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części ISL43112IB
Szczegółowy opis  Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43112IB Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button ISL43112IB Datasheet HTML 2Page - Intersil Corporation ISL43112IB Datasheet HTML 3Page - Intersil Corporation ISL43112IB Datasheet HTML 4Page - Intersil Corporation ISL43112IB Datasheet HTML 5Page - Intersil Corporation ISL43112IB Datasheet HTML 6Page - Intersil Corporation ISL43112IB Datasheet HTML 7Page - Intersil Corporation ISL43112IB Datasheet HTML 8Page - Intersil Corporation ISL43112IB Datasheet HTML 9Page - Intersil Corporation ISL43112IB Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Detailed Description
The ISL43112 and ISL43113 analog switches offer precise
switching capability from
±1.5V to ±6V supplies with low on-
resistance (15
Ω) and high speed operation (t
ON = 40ns,
tOFF = 25ns). The devices are especially well suited to
portable battery powered equipment thanks to the low
operating supply voltage (
±1.5V), low power consumption
(250
µW), low leakage currents (2nA max), and the tiny
SOT-23 packaging. High frequency applications also benefit
from the wide bandwidth, and the very high off isolation.
Supply Sequencing And Overvoltage Protection
As with any CMOS device, proper power supply sequencing
is required to protect the device from excessive input
currents which might permanently damage the IC. All I/O
pins contain ESD protection diodes from the pin to V+ and to
V- (see Figure 6). To prevent forward biasing these diodes,
V+ and V- must be applied before any input signals, and
input signal voltages must remain between V+ and V-. If
these conditions cannot be guaranteed, then one of the
following two protection methods should be employed.
Logic inputs can easily be protected by adding a 1k
resistor in series with the input (see Figure 6).
The resistor limits the input current below the threshold that
produces permanent damage, and the sub-microamp input
current produces an insignificant voltage drop during normal
operation.
Adding a series resistor to the switch input defeats the
purpose of using a low RON switch, so two small signal
diodes can be added in series with the supply pins to provide
overvoltage protection for all pins (see Figure 6). These
additional diodes limit the analog signal from 1V below V+ to
1V above V-. The low leakage current performance is
unaffected by this approach, but the switch resistance may
increase, especially at low supply voltages.
Power-Supply Considerations
The ISL4311X construction is typical of most CMOS analog
switches, except that there are only two supply pins: V+ and
V-. The power supplies need not be symmetrical for useful
operation. As long as the total supply voltage (V+ to V-,
including supply tolerances, overshoot, and noise spikes) is
less than the 15V maximum supply rating, and the digital
input switching point remains reasonable (see “Logic-Level
Thresholds” section), the ISL43112/13 function well. The
15V maximum supply rating provides the designer of 12V
systems much greater flexibility than switches with a 13V
maximum supply voltage.
The minimum recommended supply voltage is
±1.5V. It is
important to note that the input signal range, switching times,
and on-resistance degrade at lower supply voltages, and the
digital input VIL becomes negative at VS ≤ ±2V. Refer to the
“Typical Performance” curves for details.
V+ and V- power the internal CMOS switches and set their
analog voltage limits. These supplies also power the internal
logic and level shifters. The level shifters convert the input
logic levels to switched V+ and V- signals to drive the analog
switch gate terminals.
This family of switches is not recommended for single supply
applications. For single supply, similar performance, pin
FIGURE 5. CAPACITANCE TEST CIRCUIT
Test Circuits and Waveforms (Continued)
V+
NO or NC
COM
IN
IMPEDANCE
ANALYZER
V- or V+
V-
FIGURE 6. OVERVOLTAGE PROTECTION
V-
VCOM
VNO or NC
OPTIONAL PROTECTION
V+
IN
DIODE
OPTIONAL PROTECTION
DIODE
OPTIONAL
PROTECTION
RESISTOR
ISL43112, ISL43113


Podobny numer części - ISL43112IB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL43112IB INTERSIL-ISL43112IB Datasheet
222Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
ISL43112IB INTERSIL-ISL43112IB Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
ISL43112IB-T INTERSIL-ISL43112IB-T Datasheet
222Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
ISL43112IB-T INTERSIL-ISL43112IB-T Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
ISL43112IBZ INTERSIL-ISL43112IBZ Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
More results

Podobny opis - ISL43112IB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL43112 INTERSIL-ISL43112_04 Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
ISL43112 INTERSIL-ISL43112 Datasheet
222Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43112 RENESAS-ISL43112 Datasheet
752Kb / 13P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43110 INTERSIL-ISL43110 Datasheet
749Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
ISL43110 INTERSIL-ISL43110_05 Datasheet
366Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43110 RENESAS-ISL43110 Datasheet
757Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL84516 INTERSIL-ISL84516 Datasheet
239Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
ISL84516 INTERSIL-ISL84516_05 Datasheet
256Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Renesas Technology Corp
ISL84516 RENESAS-ISL84516 Datasheet
561Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com