Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL5416EVAL1 Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISL5416EVAL1
Szczegółowy opis  Four-Channel Wideband Programmable
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5416EVAL1 Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISL5416EVAL1 Datasheet HTML 1Page - Intersil Corporation ISL5416EVAL1 Datasheet HTML 2Page - Intersil Corporation ISL5416EVAL1 Datasheet HTML 3Page - Intersil Corporation ISL5416EVAL1 Datasheet HTML 4Page - Intersil Corporation ISL5416EVAL1 Datasheet HTML 5Page - Intersil Corporation ISL5416EVAL1 Datasheet HTML 6Page - Intersil Corporation ISL5416EVAL1 Datasheet HTML 7Page - Intersil Corporation ISL5416EVAL1 Datasheet HTML 8Page - Intersil Corporation ISL5416EVAL1 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 71 page
background image
4
Pin Descriptions
NAME
TYPE
INTERNAL
PULL-UP/DOWN
DESCRIPTION
POWER SUPPLY
Vcc
-
Positive Power Supply Voltage (core), 1.8V
±0.09
VccIO
-
Positive Power Supply Voltage (I/O), 3.3V
±0.165
GND
-
Ground, 0V.
INPUTS
Ain(16:0)
I
PULL DOWN
Parallel Data Input bus A. Sampled on the rising or falling edge (programmable) of clock when ENIA
is active (low). The bus order can be programmed (See IWA = 0*00h, bit 4).
Bin(16:0)
I
PULL DOWN
Parallel Data Input bus B. Sampled on the rising or falling edge (programmable) of clock when ENIB
is active (low). The bus order can be programmed (See IWA = 0*00h, bit 4).
Cin(16:0)
I
PULL DOWN
Parallel Data Input bus C. Sampled on the rising or falling edge (programmable) of clock when ENIC
is active (low). The bus order can be programmed (See IWA = 0*00h, bit 4).
Din(16:0)
I
PULL DOWN
Parallel Data Input bus D. Sampled on the rising or falling edge (programmable) of clock when ENID
is active (low). The bus order can be programmed (See IWA = 0*00h, bit 4).
ENIA
I
PULL DOWN
Input enable for Parallel Data Input bus A. Active low. This pin enables the input to the part in one of
two modes, gated or interpolated. In gated mode, one sample is taken per CLK when ENIx is
asserted.
ENIB
I
PULL DOWN
Input enable for Parallel Data Input bus B. Active low. This pin enables the input to the part in one of
two modes, gated or interpolated. In gated mode, one sample is taken per CLK when ENIx is
asserted.
ENIC
I
PULL DOWN
Input enable for Parallel Data Input bus C. Active low. This pin enables the input to the part in one of
two modes, gated or interpolated. In gated mode, one sample is taken per CLK when ENIx is
asserted.
ENID
I
PULL DOWN
Input enable for Parallel Data Input bus D. Active low. This pin enables the input to the part in one of
two modes, gated or interpolated. In gated mode, one sample is taken per CLK when ENIx is
asserted.
CONTROL
CLKA
I
PULL DOWN
Input clock for data bus A. CLKA or CLKC may be used for Ain(16:0).
CLKB
I
PULL DOWN
Input clock for data bus B. CLKB or CLKC may be used for Bin(16:0).
CLKC
I
Input clock for data bus C. CLKC is also the master clock for all channels of ISL5416
CLKD
I
PULL DOWN
Input clock for data bus D. CLKD or CLKC may be used for Din(16:0).
SYNCIn1
I
PULL DOWN
Global synchronization input signal 1. SYNCIn1 can update the carrier NCOs, reset decimation
counters, restart the filter, and restart the output section among other functions. For most of the
functional blocks, the response to SYNCIn1 is programmable and can be enabled or disabled.
SYNCIn2
I
PULL DOWN
Global synchronization input signal 2. SYNCIn2 can update the carrier NCOs, reset decimation
counters, restart the filter, and restart the output section among other functions. For most of the
functional blocks, the response to SYNCIn2 is programmable and can be enabled or disabled.
SYNCO
O
Synchronization Output Signal. The processing of multiple ISL5416 devices can be synchronized by
tying the SYNCO from one ISL5416 device (the master) to the SYNCIn of all the ISL5416 devices
(the master and slaves). An optional internal SYNCO to SYNCInX connection is provided.
RESET
I
PULL UP
Reset Signal. Active low. Asserting reset will halt all processing and set certain registers to default
values.
ISL5416


Podobny numer części - ISL5416EVAL1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL5416EVAL1 INTERSIL-ISL5416EVAL1 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Renesas Technology Corp
ISL5416EVAL1 RENESAS-ISL5416EVAL1 Datasheet
2Mb / 71P
   Four-Channel Wideband Programmable DownConverter
More results

Podobny opis - ISL5416EVAL1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
ISL5416 INTERSIL-ISL5416 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Renesas Technology Corp
ISL5416 RENESAS-ISL5416 Datasheet
2Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
HSP50216 INTERSIL-HSP50216_06 Datasheet
767Kb / 58P
   Four-Channel Programmable Digital DownConverter
logo
Renesas Technology Corp
ISL5216 RENESAS-ISL5216 Datasheet
2Mb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Intersil Corporation
ISL5216KI INTERSIL-ISL5216KI Datasheet
971Kb / 65P
   Four-Channel Programmable Digital Downconverter
July 13, 2007
logo
Intel Corporation
CD2481 INTEL-CD2481 Datasheet
2Mb / 222P
   Programmable Four-Channel Communications Controller
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216_07 Datasheet
786Kb / 58P
   Four-Channel Programmable Digital Downconverter
logo
Renesas Technology Corp
HSP50216 RENESAS-HSP50216 Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com