Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL43112IBZ-T Arkusz danych(PDF) 9 Page - Intersil Corporation

Numer części ISL43112IBZ-T
Szczegółowy opis  Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43112IBZ-T Arkusz danych(HTML) 9 Page - Intersil Corporation

Back Button ISL43112IBZ-T Datasheet HTML 3Page - Intersil Corporation ISL43112IBZ-T Datasheet HTML 4Page - Intersil Corporation ISL43112IBZ-T Datasheet HTML 5Page - Intersil Corporation ISL43112IBZ-T Datasheet HTML 6Page - Intersil Corporation ISL43112IBZ-T Datasheet HTML 7Page - Intersil Corporation ISL43112IBZ-T Datasheet HTML 8Page - Intersil Corporation ISL43112IBZ-T Datasheet HTML 9Page - Intersil Corporation ISL43112IBZ-T Datasheet HTML 10Page - Intersil Corporation ISL43112IBZ-T Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FIGURE 13. DIGITAL SWITCHING POINT vs SUPPLY VOLTAGE
FIGURE 14. DIGITAL SWITCHING POINT vs NEGATIVE
SUPPLY VOLTAGE
FIGURE 15. FREQUENCY RESPONSE
FIGURE 16. OFF ISOLATION
FIGURE 17. SUPPLY CURRENT vs SUPPLY VOLTAGE
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
V-
TRANSISTOR COUNT:
ISL43112: 55
ISL43113: 55
PROCESS:
Si Gate CMOS
Typical Performance Curves TA = 25°C, VIH = V+, VIL = 0V, Unless Otherwise Specified (Continued)
VS (±V)
12
34
56
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
-40°C to 85°C
VINH
VINL
V- (V)
VINH
VINL
VINH
VINL
VINH
V+ = 5V
V+ = 3.3V
V+ = 5V
-5
-4
-3
-2
-1
0
0
1
2
3
4
V+ = 3.3V
FREQUENCY (MHz)
0
-3
-6
GAIN
PHASE
VS = ±1.5V to ±5.5V
0
45
90
135
180
1
10
100
600
VIN = 0.2VP-P to 2VP-P (VS = ±1.5V)
VIN = 0.2VP-P to 4VP-P (VS = ±3.3V)
VIN = 0.2VP-P to 5VP-P (VS = ±5.5V)
RL = 50Ω
FREQUENCY (Hz)
1k
100k
1M
100M 500M
10k
10M
110
10
20
30
40
50
60
70
80
90
100
VS = ±1.5V to ±5.5V
RL = 50Ω
1
23456
0
5
10
15
20
25
VS (±V)
-40°C
25°C
85°C
ISL43112, ISL43113


Podobny numer części - ISL43112IBZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL43112IBZ-T INTERSIL-ISL43112IBZ-T Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43112IBZ-T RENESAS-ISL43112IBZ-T Datasheet
752Kb / 13P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
More results

Podobny opis - ISL43112IBZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL43112 INTERSIL-ISL43112_04 Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
ISL43112 INTERSIL-ISL43112 Datasheet
222Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43112 RENESAS-ISL43112 Datasheet
752Kb / 13P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43110 INTERSIL-ISL43110 Datasheet
749Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
ISL43110 INTERSIL-ISL43110_05 Datasheet
366Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43110 RENESAS-ISL43110 Datasheet
757Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL84516 INTERSIL-ISL84516 Datasheet
239Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
ISL84516 INTERSIL-ISL84516_05 Datasheet
256Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Renesas Technology Corp
ISL84516 RENESAS-ISL84516 Datasheet
561Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com