Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL43143IV Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części ISL43143IV
Szczegółowy opis  Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43143IV Arkusz danych(HTML) 3 Page - Intersil Corporation

  ISL43143IV Datasheet HTML 1Page - Intersil Corporation ISL43143IV Datasheet HTML 2Page - Intersil Corporation ISL43143IV Datasheet HTML 3Page - Intersil Corporation ISL43143IV Datasheet HTML 4Page - Intersil Corporation ISL43143IV Datasheet HTML 5Page - Intersil Corporation ISL43143IV Datasheet HTML 6Page - Intersil Corporation ISL43143IV Datasheet HTML 7Page - Intersil Corporation ISL43143IV Datasheet HTML 8Page - Intersil Corporation ISL43143IV Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
FN6037.4
August 31, 2015
Truth Table
LOGIC
ISL43143
ISL43144
ISL43145
SW 1, 2, 3, 4
SW 1, 2, 3, 4
SW 1, 4
SW 2, 3
0ON
OFF
OFF
ON
1
OFF
ON
ON
OFF
NOTE: Logic “0”
 0.8V. Logic “1” 2.4V.
Pin Descriptions
PIN
FUNCTION
V+
Positive Power Supply Input
V-
Negative Power Supply Input. Connect to GND
for Single Supply Configurations.
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
N.C.
No Internal Connection
Ordering Information
PART NO.
*
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
ISL43143IV
(No longer
available or
supported)
43143IV
-40 to 85 16 Ld TSSOP M16.173
ISL43143IVZ
(Note 2)
43143IVZ
-40 to 85 16 Ld TSSOP
(Pb-free)
M16.173
ISL43143IR
(No longer
available or
supported)
43143IR
-40 to 85 16 Ld QFN
L16.4x4
ISL43143IRZ
(Note 2)
(No
longer available
or supported)
43143IRZ
-40 to 85 16 Ld QFN
(Pb-free)
L16.4x4
ISL43144IV
(No
longer available
or supported)
43144IV
-40 to 85 16 Ld TSSOP M16.173
ISL43144IVZ
(Note 2)
43144IVZ
-40 to 85 16 Ld TSSOP
(Pb-free)
M16.173
ISL43144IR
(No
longer available
or supported)
43144IR
-40 to 85 16 Ld QFN
L16.4x4
ISL43144IRZ
(Note 2)
(No
longer available,
recommended
replacement:
ISL43120IHZ-T)
43144IRZ
-40 to 85 16 Ld QFN
(Pb-free)
L16.4x4
ISL43145IV
(No
longer available
or supported)
43145IV
-40 to 85 16 Ld TSSOP M16.173
ISL43145IVZ
(Note 2)
43145IVZ
-40 to 85 16 Ld TSSOP
(Pb-free)
M16.173
ISL43145IR
(No
longer available
or supported)
43145IR
-40 to 85 16 Ld QFN
L16.4x4
ISL43145IRZ
(Note 2)
(No
longer available
or supported)
43145IRZ
-40 to 85 16 Ld QFN
(Pb-free)
L16.4x4
*Most surface mount devices are available on tape and reel; add “-T”
to suffix.
NOTE:
2. Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and
100% matte tin plate termination finish, which are RoHS
compliant and compatible with both SnPb and Pb-free soldering
operations. Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the
Pb-free requirements of IPC/JEDEC J STD-020.
ISL43143, ISL43144, ISL43145


Podobny numer części - ISL43143IV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL43143IV INTERSIL-ISL43143IV Datasheet
470Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
ISL43143IV INTERSIL-ISL43143IV Datasheet
526Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43143IV RENESAS-ISL43143IV Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43143IVZ INTERSIL-ISL43143IVZ Datasheet
526Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43143IVZ RENESAS-ISL43143IVZ Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
More results

Podobny opis - ISL43143IV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL43143 RENESAS-ISL43143 Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140 Datasheet
432Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
ISL43143 INTERSIL-ISL43143_05 Datasheet
526Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43140 RENESAS-ISL43140 Datasheet
1Mb / 17P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Intersil Corporation
ISL43143 INTERSIL-ISL43143 Datasheet
470Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
ISL43140IBZ INTERSIL-ISL43140IBZ Datasheet
580Kb / 17P
   Low-Voltage, Single and Dual Supply,High Performance, Quad SPST, Analog Switches
August 24, 2015
ISL84521 INTERSIL-ISL84521 Datasheet
365Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
ISL8391IB INTERSIL-ISL8391IB Datasheet
344Kb / 12P
   Low-Voltage, Single and Dual Supply Quad SPST, Analog Switches
August 2004
logo
Renesas Technology Corp
ISL84521 RENESAS-ISL84521 Datasheet
700Kb / 13P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com