Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL54409IRUZ-T Arkusz danych(PDF) 7 Page - Intersil Corporation

Numer części ISL54409IRUZ-T
Szczegółowy opis  Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54409IRUZ-T Arkusz danych(HTML) 7 Page - Intersil Corporation

Back Button ISL54409IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54409IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54409IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54409IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54409IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54409IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54409IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54409IRUZ-T Datasheet HTML 10Page - Intersil Corporation ISL54409IRUZ-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FN6983.1
January 14, 2010
Test Circuits and Waveforms
FIGURE 1A. MEASUREMENT POINTS
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
FIGURE 2. rON TEST CIRCUIT
FIGURE 3. OFF ISOLATION CIRCUIT
FIGURE 4. CROSSTALK TEST CIRCUIT
50%
tr < 20ns
tf < 20ns
tOFF
90%
VCTRL
0V
VINPUT
VCTRL
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
VCTRL
VCOM-/COM+
RL
CL
50Ω
10pF
VDD
IN
VLIN/RIN
0.1µF
GND
CTRL
VDD
*CL includes board capacitance
VDD
LIN OR RIN
COM- OR
CTRL
GND
VIN
V1
rON = V1/40mA
40mA
Repeat test for all switches.
VDD
0.1µF
COM+
IN
VDD
0V OR
VDD
LIN OR RIN
GND
IN
0.1µF
CTRL
FLOAT
RL
COM- OR
COM+
VDD
GND
IN
CTRL
0V OR
0.1µF
LIN OR
RIN
RIN OR
LIN
FLOAT
RL
COM- OR
COM+
COM+ OR
COM-
ISL54409, ISL54410


Podobny numer części - ISL54409IRUZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54409IRUZ-T INTERSIL-ISL54409IRUZ-T Datasheet
387Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
ISL54409IRUZ-T INTERSIL-ISL54409IRUZ-T Datasheet
378Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
ISL54409IRUZ-T INTERSIL-ISL54409IRUZ-T Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
logo
Renesas Technology Corp
ISL54409IRUZ-T RENESAS-ISL54409IRUZ-T Datasheet
680Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
More results

Podobny opis - ISL54409IRUZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54409 INTERSIL-ISL54409_10 Datasheet
378Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
logo
Renesas Technology Corp
ISL54409 RENESAS-ISL54409 Datasheet
680Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
logo
Intersil Corporation
ISL54409IRTZ-T INTERSIL-ISL54409IRTZ-T Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
ISL54409 INTERSIL-ISL54409 Datasheet
387Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
ISL54210IRTZ INTERSIL-ISL54210IRTZ Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
March 18, 2010
ISL54211IRUZ-T INTERSIL-ISL54211IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
ISL54406 INTERSIL-ISL54406 Datasheet
763Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
ISL54211 INTERSIL-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54211 RENESAS-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Maxim Integrated Produc...
MAX9890 MAXIM-MAX9890 Datasheet
368Kb / 12P
   Audio Click-Pop Suppressor
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com