Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL720M05-Q1 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części TL720M05-Q1
Szczegółowy opis  TL720M05-Q1 Low-Dropout Voltage Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL720M05-Q1 Arkusz danych(HTML) 5 Page - Texas Instruments

  TL720M05-Q1_15 Datasheet HTML 1Page - Texas Instruments TL720M05-Q1_15 Datasheet HTML 2Page - Texas Instruments TL720M05-Q1_15 Datasheet HTML 3Page - Texas Instruments TL720M05-Q1_15 Datasheet HTML 4Page - Texas Instruments TL720M05-Q1_15 Datasheet HTML 5Page - Texas Instruments TL720M05-Q1_15 Datasheet HTML 6Page - Texas Instruments TL720M05-Q1_15 Datasheet HTML 7Page - Texas Instruments TL720M05-Q1_15 Datasheet HTML 8Page - Texas Instruments TL720M05-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
DVO
DT
TL720M05-Q1
www.ti.com
SGLS380H – SEPTEMBER 2008 – REVISED JULY 2015
6.5 Electrical Characteristics
over recommended operating free-air temperature range, VI = 13.5 V, TJ = −40°C to 150°C (unless otherwise noted)
(see Figure 13)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO = 5 mA to 400 mA, VI = 6 V to 28 V
4.9
5
5.1
VO
Output voltage
V
IO = 5 mA to 200 mA, VI = 6 V to 40 V
4.9
5
5.1
IO
Output current limit
450
700
950
mA
TJ = 25°C
100
220
IO = 1 mA
µA
TJ ≤ 85°C
100
220
Current consumption
IQ
Iq = II − IO
IO = 250 mA
5
10
mA
IO = 400 mA
12
22
VDO
Dropout voltage(1)
IO = 300 mA, Vdo = VI − VO
250
500
mV
Load regulation
IO = 5 mA to 400 mA
15
30
mV
Line regulation
ΔVI = 8 to 32 V, IO = 5 mA
–15
5
15
mV
PSRR
Power-supply ripple rejection
fr = 100 Hz, Vr = 0.5 Vpp
60
dB
Temperature output-voltage drift
0.5
mV/K
(1)
Measured when the output voltage VO has dropped 100 mV from the nominal value obtained at VI = 13.5 V
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TL720M05-Q1


Podobny numer części - TL720M05-Q1_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL720M05-Q1 TI1-TL720M05-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Dropout Voltage Regulator
More results

Podobny opis - TL720M05-Q1_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TLE4275-Q1 TI-TLE4275-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLE4275-Q1 5-V Low-Dropout Voltage Regulator
TPS7B6925-Q1 TI-TPS7B6925-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   TPS7B69xx-Q1 High-Voltage Ultra-Low IQ Low-Dropout Regulator
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com