Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC4403MJA Arkusz danych(PDF) 3 Page - Microchip Technology

Numer części TC4403MJA
Szczegółowy opis  1.5A High-Speed, Floating Load Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4403MJA Arkusz danych(HTML) 3 Page - Microchip Technology

  TC4403MJA Datasheet HTML 1Page - Microchip Technology TC4403MJA Datasheet HTML 2Page - Microchip Technology TC4403MJA Datasheet HTML 3Page - Microchip Technology TC4403MJA Datasheet HTML 4Page - Microchip Technology TC4403MJA Datasheet HTML 5Page - Microchip Technology TC4403MJA Datasheet HTML 6Page - Microchip Technology TC4403MJA Datasheet HTML 7Page - Microchip Technology TC4403MJA Datasheet HTML 8Page - Microchip Technology TC4403MJA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
 2002 Microchip Technology Inc.
DS21417B-page 3
TC4403
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage..................................................... +22V
Package Thermal Resistance
CERDIP RθJ-A........................................ 150°C/W
CERDIP RθJ-C ......................................... 50°C/W
PDIP RθJ-A............................................. 125°C/W
PDIP RθJ-C............................................... 42°C/W
Operating Temperature Range
C Version .........................................0°C to +70°C
E Version ..................................... -40°C to +85°C
M Version................................... -55°C to +125°C
Storage Temperature Range ............. -65°C to +150°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC4403 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: TA = +25°C, with 4.5V ≤ VDD ≤ 18V, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
Input
VIH
Logic 1, High Input Voltage
2.4
——
V
VIL
Logic 0, Low Input Voltage
——
0.8
V
IIN
Input Current
-1000
±10
±1000
nA
-5V
≤ VIN ≤ VDD
Output
VOH
High Output Voltage
VDD – 0.025
——
V
VOL
Low Output Voltage
——
0.025
V
ROS
Sourcing Output Resistance
2.8
5
IOUT = 10mA, VDD = 18V
ROG
Grounding Output Resistance
3.5
5
IOUT = -10mA, VDD = 18V
IPK
Peak Output Current
1.5
A
Switching Time (Note 1)
tR
Rise Time
23
35
nsec
Figure 3-1, CL = 1800pF
tF
Fall Time
25
35
nsec
Figure 3-1, CL = 1800pF
tD1
Delay Time
33
75
nsec
Figure 3-1, CL = 1800pF
tD2
Delay Time
38
75
nsec
Figure 3-1, CL = 1800pF
Power Supply
IS
Power Supply Current
1.5
0.15
2.5
0.25
mA
VIN = 3V (Both Inputs)
VIN = 0V (Both Inputs)
Note
1:
Switching times ensured by design.


Podobny numer części - TC4403MJA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TelCom Semiconductor, I...
TC4403MJA TELCOM-TC4403MJA Datasheet
68Kb / 5P
   1.5A HIGH-SPEED, FLOATING LOAD DRIVER
logo
Microchip Technology
TC4403MJA MICROCHIP-TC4403MJA Datasheet
283Kb / 16P
   1.5A High-Speed, Floating Load Driver
2002-2012 11/27/12
More results

Podobny opis - TC4403MJA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC4403 MICROCHIP-TC4403_13 Datasheet
283Kb / 16P
   1.5A High-Speed, Floating Load Driver
2002-2012 11/27/12
logo
TelCom Semiconductor, I...
TC4403 TELCOM-TC4403 Datasheet
68Kb / 5P
   1.5A HIGH-SPEED, FLOATING LOAD DRIVER
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415 Datasheet
337Kb / 20P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
MCP1415 MICROCHIP-MCP1415_10 Datasheet
488Kb / 22P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
MCP1415 MICROCHIP-MCP1415_16 Datasheet
743Kb / 17P
   Tiny 1.5A, High-Speed Power MOSFET Driver
07/14/15
logo
List of Unclassifed Man...
SG1629 ETC1-SG1629 Datasheet
254Kb / 4P
   HIGH CURRENT FLOATING SWITCH DRIVER
logo
Cypress Semiconductor
CY8CLED04D01_1105 CYPRESS-CY8CLED04D01_1105 Datasheet
1Mb / 55P
   PowerPSoC Intelligent LED Driver floating load buck-boost, and boost
logo
Micrel Semiconductor
MIC59150 MICREL-MIC59150 Datasheet
277Kb / 12P
   Ultra High Speed 1.5A LDO
logo
Molex Electronics Ltd.
62202-0222 MOLEX11-62202-0222 Datasheet
36Kb / 1P
   Floating High-Speed Docking Header Insertion Tool
logo
Calogic, LLC
CLM4426 CALOGIC-CLM4426 Datasheet
47Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com