Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7480MTRPBF Arkusz danych(PDF) 2 Page - International Rectifier

Numer części IRF7480MTRPBF
Szczegółowy opis  Synchronous rectifier applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7480MTRPBF Arkusz danych(HTML) 2 Page - International Rectifier

  IRF7480MTRPBF Datasheet HTML 1Page - International Rectifier IRF7480MTRPBF Datasheet HTML 2Page - International Rectifier IRF7480MTRPBF Datasheet HTML 3Page - International Rectifier IRF7480MTRPBF Datasheet HTML 4Page - International Rectifier IRF7480MTRPBF Datasheet HTML 5Page - International Rectifier IRF7480MTRPBF Datasheet HTML 6Page - International Rectifier IRF7480MTRPBF Datasheet HTML 7Page - International Rectifier IRF7480MTRPBF Datasheet HTML 8Page - International Rectifier IRF7480MTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
 
IRF7480MTRPbF
2
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
May 14, 2015
 
Notes:
Mounted on minimum footprint full size board with metalized
back and with small clip heatsink.
Used double sided cooling , mounting pad with large heatsink.
Absolute Maximum Ratings
  
 
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
217
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V (Silicon Limited)
137
A
IDM
Pulsed Drain Current 
868
 
PD @TC = 25°C
Maximum Power Dissipation
96
W
Linear Derating Factor
0.77
W/°C
VGS
Gate-to-Source Voltage
± 20
V
TJ
Operating Junction and
-55 to + 150
°C
TSTG
Storage Temperature Range
Avalanche Characteristics
  
EAS (Thermally limited)
Single Pulse Avalanche Energy 
81
EAS (Thermally limited)
Single Pulse Avalanche Energy 
206
IAR
Avalanche Current 
See Fig.15,16, 23a, 23b
A
EAR
Repetitive Avalanche Energy 
mJ
Thermal Resistance
  
 
Symbol
Parameter
Typ.
Max.
Units
RJA
Junction-to-Ambient 
–––
45
°C/W
RJA
Junction-to-Ambient 
12.5
–––
RJA
Junction-to-Ambient 
20
–––
RJC
Junction-to-Case 
–––
1.3
RJ-PCB
Junction-to-PCB Mounted
0.75
–––
mJ
Static @ TJ = 25°C (unless otherwise specified)
   
 
 
 
Symbol
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
40
–––
–––
V
VGS = 0V, ID = 250µA
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient
–––
30
––– mV/°C Reference to 25°C, ID = 1.0mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
0.95 1.20
m

VGS = 10V, ID = 132A 
––– 1.60
––– 
VGS = 6.0V, ID = 66A 
VGS(th)
Gate Threshold Voltage
2.1
3.0
3.9
V
VDS = VGS, ID = 150µA
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
VDS = 40V, VGS = 0V
–––
–––
150
VDS = 40V, VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
RG
Internal Gate Resistance
–––
0.81
–––
nA
TC measured with thermocouple mounted to top (Drain) of part.
Surface mounted on 1 in. square Cu
board (still air).
Mounted to a PCB with small clip
heatsink (still air)
 
Mounted on minimum footprint full size
board with metalized back and with
small clip heatsink (still air)


Podobny numer części - IRF7480MTRPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
IRF7480MTRPbF INFINEON-IRF7480MTRPbF Datasheet
503Kb / 12P
   DirectFET짰 N-Channel Power MOSFET
2016-5-4
More results

Podobny opis - IRF7480MTRPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF135SA204 IRF-IRF135SA204 Datasheet
574Kb / 11P
   Synchronous rectifier applications
logo
Unisonic Technologies
USR5VA10 UTC-USR5VA10 Datasheet
195Kb / 5P
   SYNCHRONOUS RECTIFIER
logo
List of Unclassifed Man...
TS51111 ETC2-TS51111 Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
logo
Texas Instruments
UCC3895EVM TI-UCC3895EVM Datasheet
1Mb / 19P
[Old version datasheet]   Using the UCC3895 in a Direct Control Driven Synchronous Rectifier Applications
logo
Semtech Corporation
TSDMRX-5W-EVM SEMTECH-TSDMRX-5W-EVM Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
TS51111 SEMTECH-TS51111 Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
logo
SYNC POWER Crop.
SP6003A SYNC-POWER-SP6003A Datasheet
196Kb / 7P
   Synchronous Rectifier Driver
logo
Diodes Incorporated
ZXGD3101N8 DIODES-ZXGD3101N8 Datasheet
372Kb / 14P
   SYNCHRONOUS RECTIFIER CONTROLLER
logo
SYNC POWER Crop.
SP6012 SYNC-POWER-SP6012 Datasheet
222Kb / 7P
   Synchronous Rectifier Driver
logo
Eutech Microelectronics...
EUP9290 EUTECH-EUP9290 Datasheet
90Kb / 1P
   Synchronous Rectifier Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com