Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FW-7568D Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części FW-7568D
Szczegółowy opis  Rackmount 1U Firewall Appliance with Low Power Consumption and Dual Core Intel Atom Processor D525
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

FW-7568D Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  FW-7568D Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-7568D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
connect@lannerinc.com
www.lannerinc.com
Ordering Information
Specifications are subject to change without notice
Form Factor
1U Rackmount
Platform
Processor Options
Intel® Atom Dual Core D525 onboard
Chipset
ICH8M
BIOS
AMI BIOS 16Mbit SPI Flash ROM
System
Memory
Technology
DDR3 800 MHz
Optional 512MB or 1GB onboard
Max. Capacity
4GB
Socket
1 x 204P SODIMM
OS Support
Windows 2000, 2003, XP, 7. Linux kernel 2.4 or up
Storage
HDD Bays
2 x 2.5” or 1 x 3.5”
CompactFlash
1 x Type II CompactFlash
Networking
Ethernet Ports
6 x or 8 x GbE RJ45
Bypass
2 pairs G3 (SKU A & C)
Controllers
6 x Intel 82574L, 2 x Intel 82541P1 (SKU A&B)
6 x Intel 82574L (SKU C&D)
Ethernet Modules
N/A
Management Port
N/A
Security Acceleration
N/A
I/O Interface
Reset Button
1 x reset button (Software reset by default)
Console
1 x RJ45
USB
2 x USB 2.0
IPMI via OPMA slot
N/A
Expansion
PCIe
1 x Mini-PCIe slot
PCI
N/A
Cooling
Processor
Passive CPU heatsink
System
2 x cooling fans with smart fan control
Environmental
Parameters
Temperature, ambient
operating / storage
0 ~ 40º C / -20~70º C
Humidity (RH), ambient
operating / ambient
non-operating
5~95%, non-condensing
Miscellaneous
LCD Module
2 x 20 characters
Watchdog
Yes
Internal RTC with Li
Battery
Yes
Physical
Dimensions
Dimensions (WxHxD) 431 x 44 x 276 mm
Weight
6 kg
Power
Type / Watts
1U ATX SPS / 100W or 150W
Input
AC 100~240V @50~60 Hz
Approvals and Compliance
CE emission, FCC Class A, RoHS, UL
FW-7568A
Intel Pineview D-525 CPU, 8 x GbE ports
with 2 pairs of G3 Bypass
FW-7568B
Intel Pineview D-525 CPU, 8 x GbE ports
without Bypass
FW-7568C
Intel Pineview D-525 CPU, 6 x GbE ports
with 2 pairs of G3 Bypass
FW-7568D
Intel Pineview D-525 CPU, 6 x GbE ports
without Bypass


Podobny numer części - FW-7568D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FW-7525 ETC2-FW-7525 Datasheet
463Kb / 2P
   Fanless Desktop x86 Network Security Platform Fanless Desktop x86 Network Security Platform Processor
logo
Lanner All Rights Reser...
FW-7525 LANNER-FW-7525 Datasheet
510Kb / 2P
   Fanless Desktop x86 Network Platform with Intel짰 Atom??C2000 Series ?쏳angeley??Processor
logo
List of Unclassifed Man...
FW-7525A ETC2-FW-7525A Datasheet
463Kb / 2P
   Fanless Desktop x86 Network Security Platform Fanless Desktop x86 Network Security Platform Processor
logo
Lanner All Rights Reser...
FW-7525A LANNER-FW-7525A Datasheet
510Kb / 2P
   Fanless Desktop x86 Network Platform with Intel짰 Atom??C2000 Series ?쏳angeley??Processor
logo
List of Unclassifed Man...
FW-7525B ETC2-FW-7525B Datasheet
463Kb / 2P
   Fanless Desktop x86 Network Security Platform Fanless Desktop x86 Network Security Platform Processor
More results

Podobny opis - FW-7568D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Axiomtek Co., Ltd.
NA361R AXIOMTEK-NA361R_17 Datasheet
276Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Atom Processor
logo
AAEON Technology
FWS-7200 AAEON-FWS-7200 Datasheet
329Kb / 2P
   1U Rackmount Intel Atom D525 ICH8M Network Appliance With 6 LAN Ports
logo
ADL Embedded Solutions
ADLD25PC ADL-ADLD25PC Datasheet
236Kb / 3P
   Intel Atom D525 Dual Core, 1.80GHz
logo
AAEON Technology
FWS-7360 AAEON-FWS-7360 Datasheet
382Kb / 2P
   1U Rackmount 7 LAN Network Appliance with Intel® Atom™ C3758 Processor SoC
logo
List of Unclassifed Man...
FW-7540 ETC2-FW-7540 Datasheet
236Kb / 2P
   Desktop / Half-rack Network Appliance with Intel Atom D425 or Dual Core D525
logo
Advantech Co., Ltd.
FWA-2011 ADVANTECH-FWA-2011 Datasheet
479Kb / 2P
   1U Rackmount Network Appliance with Intel® Atom™ X5-E3940 Processor and 6 GbE ports
15-Feb-2019
logo
Axiomtek Co., Ltd.
NA-360 AXIOMTEK-NA-360_17 Datasheet
170Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Celeron Processor 725C
logo
List of Unclassifed Man...
FW-7541 ETC2-FW-7541 Datasheet
193Kb / 2P
   Compact Desktop Network Appliance with Dual Core Intel ATOM D525 CPU and Six GbE Network
LEC-3110 ETC2-LEC-3110 Datasheet
556Kb / 4P
   1U Fanless Rackmount Communication Platform with Intel짰 Atom??D525
logo
Advantech Co., Ltd.
FWA-2320 ADVANTECH-FWA-2320 Datasheet
421Kb / 2P
   1U Rackmount Network Appliance with Intel® Atom™ Processor C2000 for vE-CPE and Network Applications
9-Jun-2017
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com