Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FW-7610C Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części FW-7610C
Szczegółowy opis  1U Cost Effective Network Platform with Intel짰 Celeron 827E/847E processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

FW-7610C Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  FW-7610C Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-7610C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
connect@lannerinc.com
www.lannerinc.com
Specifications are subject to change without notice
Last Updated: 2-Sep-2012
FW-7610
1U Cost Effective Network
Platform with Intel® Celeron
827E/847E processor
Features
Intel® Sandy Bridge Processor
The Intel® Celeron processor is
capable of delivering 64-bit com-
puting when combined with sup-
porting software. Using Intel® 64
architecture, this processor will
improve performance by allowing
systems to address more than 16
GB of both virtual and physical
memory. Its low power feature
will reduce power consumption,
making this processor suitable for
SMB or enterprise application.
Mobile Intel® HM65 Chipset
Designed for scalability and cost
optimization, the Mobile Intel®
HM65 Express Chipset enables 1
DIMM per channel of DDR3 1333
MHz and a balanced platform for
everyday computing needs.
ECC Memory Support
The FW-7610 supports Error-
Correcting Code (ECC) memory
technology, a server-grade mem-
ory technology that can identify
and correct memory corruption
automatically. With ECC, system
performance is more secure and
stable.
Lanner Generation 2 Bypass
Generation 2 bypass has all the
functionality of regular bypass,
but additionally gives users more
control of when the bypass fea-
ture is used.
Watchdog
The embedded watchdog moni-
tors the system so that it can
automatically trigger a reset if
software hangs—an essential fea-
ture of a network appliance.
2 x USB
8x GbE Ports
2x Cooling Fans
Console Port
Dimensions: 431 x 44 x 305 mm
Reset Button
LEDs


Podobny numer części - FW-7610C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
FW-7 MINI-FW-7 Datasheet
195Kb / 1P
   SMA Fixed Attenuator
logo
List of Unclassifed Man...
FW-7525 ETC2-FW-7525 Datasheet
463Kb / 2P
   Fanless Desktop x86 Network Security Platform Fanless Desktop x86 Network Security Platform Processor
logo
Lanner All Rights Reser...
FW-7525 LANNER-FW-7525 Datasheet
510Kb / 2P
   Fanless Desktop x86 Network Platform with Intel짰 Atom??C2000 Series ?쏳angeley??Processor
logo
List of Unclassifed Man...
FW-7525A ETC2-FW-7525A Datasheet
463Kb / 2P
   Fanless Desktop x86 Network Security Platform Fanless Desktop x86 Network Security Platform Processor
logo
Lanner All Rights Reser...
FW-7525A LANNER-FW-7525A Datasheet
510Kb / 2P
   Fanless Desktop x86 Network Platform with Intel짰 Atom??C2000 Series ?쏳angeley??Processor
More results

Podobny opis - FW-7610C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FW-7582 ETC2-FW-7582 Datasheet
238Kb / 2P
   Cost Effective Network Security Platform with Intel짰 3rd Generation (Ivy Bridge) Processor
FW-8758 ETC2-FW-8758 Datasheet
157Kb / 2P
   1U Intel Cost-Effective Network Platform with Intel H61 Chipset and Support for Intel Celeron Low Power Processor
logo
Axiomtek Co., Ltd.
NA-360 AXIOMTEK-NA-360_17 Datasheet
170Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Celeron Processor 725C
NA720 AXIOMTEK-NA720_17 Datasheet
289Kb / 1P
   1U Rackmount Network Appliance Platform with Intel짰 Xeon짰 Processor D-1527
logo
Advantech Co., Ltd.
NCP-3110 ADVANTECH-NCP-3110 Datasheet
426Kb / 2P
   1U Packetarium??Network Processor Platform
logo
Axiomtek Co., Ltd.
NA361R AXIOMTEK-NA361R_17 Datasheet
276Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Atom Processor
NA-550 AXIOMTEK-NA-550_17 Datasheet
936Kb / 1P
   1U Rackmount Network Appliance Platform with LGA1155 Socket Intel짰 Xeon짰 E3
logo
List of Unclassifed Man...
FW-7551 ETC2-FW-7551 Datasheet
343Kb / 4P
   Desktop x86 Network Security Platform with Intel짰 Atom짰 C2000 Processor
FW-7571 ETC2-FW-7571 Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor
logo
Axiomtek Co., Ltd.
NA362 AXIOMTEK-NA362 Datasheet
300Kb / 1P
   Compact Network Appliance Platform with Intel짰 Atom짰 Processor C3000 Family
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com