Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FW-8895B Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części FW-8895B
Szczegółowy opis  High Performance 2U Rackmount Network Security System based on Intel Xeon E5-2600 v1 and v2 Series CPU with C600 chipset
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

FW-8895B Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  FW-8895B Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-8895B Datasheet HTML 2Page - List of Unclassifed Manufacturers FW-8895B Datasheet HTML 3Page - List of Unclassifed Manufacturers FW-8895B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FW-8895
High Performance 2U Rackmount
Network Security System based on Intel Xeon
E5-2600 v1 and v2 Series CPU with C600 chipset
Features
Intel’s New Communications
Platform (codenamed Romley)
with Dual Next Generation
Intel Processor
The FW-8895 has dual next
generation Intel processors built
in, with a total of 16 cores. The
FW-8895 supports mother boards
with quad-channel memory, up
to 128GB of RAM and 80 PCIe
3.0 lanes.
Next Generation Communica-
tions Platform from Intel
Intel’s latest chipset comes with
the Intel Quick Assist 1.5 tech-
nology, coupled with Intel’s next
generation CPU, the FW-8895 is
capable of meeting the demand
for computing power and for ac-
celerating security packet
processing.
600/800 W Redundant Power
Dual power supplies are utilized
to ensure a constant flow of
power for appliances that need
to be on 24 hours a day, 7 days
a week, 52 weeks a year; every
failure, regardless of the length of
time, is equal to lost dollars. The
FW-8895’s dual power supplies
allow redundancy protection for
users that have highly sensitive
networks. For maximum effective-
ness, these power supplies should
be connected to different sources
of electricity (i.e. wall socket +
battery).
Ethernet Modules;
Up to 64 x GbE
ports with 8 Ethernet
Modules
FW-8895A/B
2 x USB
Console Port
Management Port
LCM with keypad
4 x 3”5 HDD bays
FW-8895C/D


Podobny numer części - FW-8895B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FW-8892 ETC2-FW-8892 Datasheet
138Kb / 2P
   Dual CPU Intel Xeon 5600/5500 Network Appliance
FW-8892A ETC2-FW-8892A Datasheet
138Kb / 2P
   Dual CPU Intel Xeon 5600/5500 Network Appliance
FW-8892B ETC2-FW-8892B Datasheet
138Kb / 2P
   Dual CPU Intel Xeon 5600/5500 Network Appliance
FW-8893 ETC2-FW-8893 Datasheet
144Kb / 2P
   1U Rack mount network security system utilizing the cutting edge capabilities of the Intel Crystal Forest platform
FW-8893A ETC2-FW-8893A Datasheet
144Kb / 2P
   1U Rack mount network security system utilizing the cutting edge capabilities of the Intel Crystal Forest platform
More results

Podobny opis - FW-8895B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FW-8896 ETC2-FW-8896 Datasheet
365Kb / 2P
   High Performance 2U Rackmount Network Security System Based on Intel Xeon E5-2600 v3 Series CPU and C612 Chipset
FW-8894 ETC2-FW-8894 Datasheet
162Kb / 2P
   High Performance 1U Rackmount Network Security System Based on Intel Xeon E5-2600 v3 Series CPU and C612 Chipset
FW-8877 ETC2-FW-8877 Datasheet
549Kb / 4P
   Intel Xeon짰 E5-2600 v1/v2 Processor-based Rackmount 1U x86 Network Security Platform
logo
Advantech Co., Ltd.
AGS-910 ADVANTECH-AGS-910 Datasheet
879Kb / 2P
   1U Rackmount Intel Xeon E5-2600/2600 v2 GPU server
AVS-540 ADVANTECH-AVS-540_16 Datasheet
639Kb / 2P
   4U Rackmount Intel Xeon E5-2600
AGS-913 ADVANTECH-AGS-913 Datasheet
900Kb / 2P
   1U Rackmount Intel Xeon E5-2600 v3 GPU server
CGS-6000 ADVANTECH-CGS-6000_15 Datasheet
207Kb / 1P
   2U Carrier Grade Server based on Dual Intel짰 Xeon짰 Processor E5-2600 v2 Series
logo
List of Unclassifed Man...
FX-5220 ETC2-FX-5220 Datasheet
194Kb / 2P
   High performance 2U server rackmount network security platform
SSG-2027B-CIB020H ETC2-SSG-2027B-CIB020H Datasheet
1Mb / 2P
   2 Intel Xeon E5-2403 v2 1.8GHz
logo
Advantech Co., Ltd.
SKY-7221 ADVANTECH-SKY-7221 Datasheet
1Mb / 2P
   2U High Performance Rackmount Server with Intel Xeon Scalable Processor Family
17-Nov-2021
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com