Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2744 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części LM2744
Szczegółowy opis  Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM2744 Arkusz danych(HTML) 3 Page - Texas Instruments

  LM2744_15 Datasheet HTML 1Page - Texas Instruments LM2744_15 Datasheet HTML 2Page - Texas Instruments LM2744_15 Datasheet HTML 3Page - Texas Instruments LM2744_15 Datasheet HTML 4Page - Texas Instruments LM2744_15 Datasheet HTML 5Page - Texas Instruments LM2744_15 Datasheet HTML 6Page - Texas Instruments LM2744_15 Datasheet HTML 7Page - Texas Instruments LM2744_15 Datasheet HTML 8Page - Texas Instruments LM2744_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
LM2744
www.ti.com
SNVS292F – SEPTEMBER 2004 – REVISED MARCH 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
VCC
-0.3 to 7V
BOOT Voltage
-0.3 to 21V
All other pins
-0.3 to VCC + 0.3V
Junction Temperature
150°C
Storage Temperature
−65°C to 150°C
Lead Temperature (soldering, 10sec)
260°C
Soldering Information
Infrared or Convection (20sec)
235°C
ESD Rating(3)
2 kV
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for
which the device operates correctly. Operating Ratings do not imply ensured performance limits.
(2)
If Military/Aerospace specified devices are required, contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The human body model is a 100pF capacitor discharged through a 1.5k resistor into each pin.
RECOMMENDED OPERATING CONDITIIONS
Supply Voltage Range (VCC)
3V to 6V
Junction Temperature Range (TJ)
−40°C to +125°C
Thermal Resistance (
θJA)
155°C/W
Voltage on FB and VREF
0.5V to 1.5V
ELECTRICAL CHARACTERISTICS
(1)
VCC = 3.3V unless otherwise indicated. Typicals and limits appearing in plain type apply for TA= TJ= 25°C. Limits appearing in
boldface type apply over full Operating Temperature Range. Datasheet min/max specification limits are specified by design,
test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VON
UVLO Thresholds
Rising
2.76
V
Falling
2.42
VCC = 3.3V, VSD = 3.3V
1.0
1.5
2.1
Fsw = 600kHz
Operating VCC Current
mA
IQ_VCC
VCC = 5V, VSD = 3.3V
1.0
1.7
2.1
Fsw = 600kHz
Shutdown VCC Current
VCC = 3.3V, VSD = 0V
1
25
µA
tPWGD1
PWGD Pin Response Time
VFB Rising
6
µs
tPWGD2
PWGD Pin Response Time
VFB Falling
6
µs
ISS-ON
SS Pin Source Current
VSS = 0V
5
10
15
µA
ISS-OC
SS Pin Sink Current During Over
VSS = 2.5V
90
µA
Current
ISEN-TH
ISEN Pin Source Current Trip Point
20
40
60
µA
ERROR AMPLIFIER
VOS
Error Amplifier Input Offset Voltage
-8
1
8
mV
GBW
Error Amplifier Unity Gain Bandwidth
9
MHz
G
Error Amplifier DC Gain
106
dB
SR
Error Amplifier Slew Rate
3.2
V/µs
IEAO
EAO Pin Current Sourcing and Sinking
VEAO = 1.5, FB = 0.55V
2.6
mA
Capability
VEAO = 1.5, FB = 0.65V
9.2
VEA
Error Amplifier Output Voltage
Minimum
1
V
Maximum
2
V
(1)
The power MOSFETs can run on a separate 1V to 16V rail (Input voltage, VIN). Practical lower limit of VIN depends on selection of the
external MOSFET.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2744


Podobny numer części - LM2744_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2744 NSC-LM2744 Datasheet
663Kb / 22P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
Texas Instruments
LM2744 TI1-LM2744 Datasheet
1Mb / 32P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
More results

Podobny opis - LM2744_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2744 TI1-LM2744 Datasheet
1Mb / 32P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
National Semiconductor ...
LM2744 NSC-LM2744 Datasheet
663Kb / 22P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM2746 NSC-LM2746 Datasheet
1Mb / 24P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2743 TI1-LM2743_14 Datasheet
1Mb / 37P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743 TI-LM2743_15 Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743MTCX TI-LM2743MTCX Datasheet
1Mb / 37P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743 TI1-LM2743 Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
logo
Feature Integration Tec...
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
   Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com