Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3478Q-Q1 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części LM3478Q-Q1
Szczegółowy opis  LM3478x/-Q1 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM3478Q-Q1 Arkusz danych(HTML) 5 Page - Texas Instruments

  LM3478Q-Q1 Datasheet HTML 1Page - Texas Instruments LM3478Q-Q1 Datasheet HTML 2Page - Texas Instruments LM3478Q-Q1 Datasheet HTML 3Page - Texas Instruments LM3478Q-Q1 Datasheet HTML 4Page - Texas Instruments LM3478Q-Q1 Datasheet HTML 5Page - Texas Instruments LM3478Q-Q1 Datasheet HTML 6Page - Texas Instruments LM3478Q-Q1 Datasheet HTML 7Page - Texas Instruments LM3478Q-Q1 Datasheet HTML 8Page - Texas Instruments LM3478Q-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
LM3478, LM3478Q-Q1
www.ti.com
SNVS085W – JULY 2000 – REVISED DECEMBER 2014
6.5 Thermal Information
LM3478
LM3478-Q1
THERMAL METRIC(1)
D
DCK
DCK
UNIT
3 PINS
3 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance
157.2
157.2
157.2
RθJC(top)
Junction-to-case (top) thermal resistance
49.9
49.9
49.9
RθJB
Junction-to-board thermal resistance
77.1
77.1
77.1
°C/W
ψJT
Junction-to-top characterization parameter
4.7
4.7
4.7
ψJB
Junction-to-board characterization parameter
75.8
75.8
75.8
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.6 Electrical Characteristics
Unless otherwise specified, VIN = 12V, RFA = 40kΩ, TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCOMP = 1.4V, 2.97 ≤ VIN ≤ 40V
1.2416
1.26
1.2843
VFB
Feedback Voltage
V
VCOMP = 1.4V, 2.97 ≤ VIN ≤ 40V, −40°C
1.228
1.292
≤ TJ ≤ 125°C
ΔVLINE
Feedback Voltage Line
2.97
≤ VIN ≤ 40V
0.001
%/V
Regulation
ΔVLOAD
Output Voltage Load
IEAO Source/Sink
±0.5
%/A
Regulation
2.85
Input Undervoltage
VUVLO
V
Lock-out
−40°C ≤ TJ ≤ 125°C
2.97
VUV(HYS)
Input Undervoltage
170
mV
Lock-out Hysteresis
−40°C ≤ TJ ≤ 125°C
130
210
RFA = 40KΩ
400
Nominal Switching
Fnom
kHz
Frequency
RFA = 40KΩ, −40°C ≤ TJ ≤ 125°C
350
440
Driver Switch On
RDS1 (ON)
IDR = 0.2A, VIN= 5V
16
Resistance (top)
Ω
Driver Switch On
RDS2 (ON)
IDR = 0.2A
4.5
Resistance (bottom)
VIN < 7.2V
VIN
Maximum Drive Voltage
VDR (max)
V
Swing(1)
VIN ≥ 7.2V
7.2
Dmax
Maximum Duty Cycle(2)
100%
325
Tmin (on)
Minimum On Time
ns
−40°C ≤ TJ ≤ 125°C
210
600
See (3)
2.7
Supply Current (non-
ISUPPLY
mA
switching)
See (3),
−40°C ≤ TJ ≤ 125°C
3.3
VFA/SD = 5V
(4), V
IN = 5V
5
Quiescent Current in
IQ
µA
VFA/SD = 5V
(4), V
IN = 5V, −40°C ≤ TJ
Shutdown Mode
10
125°C
VIN = 5V
135
156
180
Current Sense
VSENSE
mV
Threshold Voltage
VIN = 5V, −40°C ≤ TJ ≤ 125°C
125
190
VIN = 5V
343
Short-Circuit Current
VSC
mV
Limit Sense Voltage
VIN = 5V, −40°C ≤ TJ ≤ 125°C
250
415
(1)
The voltage on the drive pin, VDR is equal to the input voltage when input voltage is less than 7.2 V. VDR is equal to 7.2 V when the
input voltage is greater than or equal to 7.2 V.
(2)
The limits for the maximum duty cycle can not be specified since the part does not permit less than 100% maximum duty cycle
operation.
(3)
For this test, the FA/SD pin is pulled to ground using a 40-K resistor.
(4)
For this test, the FA/SD pin is pulled to 5 V using a 40-K resistor.
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3478 LM3478Q-Q1


Podobny numer części - LM3478Q-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3478Q NSC-LM3478Q Datasheet
507Kb / 22P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3478QMM NSC-LM3478QMM Datasheet
507Kb / 22P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3478QMM/NOPB TI1-LM3478QMM/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
National Semiconductor ...
LM3478QMMX NSC-LM3478QMMX Datasheet
507Kb / 22P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3478QMMX/NOPB TI1-LM3478QMMX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
More results

Podobny opis - LM3478Q-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3478 NSC-LM3478 Datasheet
624Kb / 21P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3478 TI1-LM3478 Datasheet
1Mb / 32P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3478MA TI-LM3478MA_15 Datasheet
670Kb / 26P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
National Semiconductor ...
LM3478 NSC-LM3478_09 Datasheet
507Kb / 22P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3488 TI-LM3488_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM3488/-Q1 High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
logo
National Semiconductor ...
LM3487 NSC-LM3487 Datasheet
2Mb / 22P
   High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3477 NSC-LM3477 Datasheet
815Kb / 23P
   High Efficiency High-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3477 TI1-LM3477_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3477 TI-LM3477_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
logo
National Semiconductor ...
LM3488 NSC-LM3488_05 Datasheet
1,001Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com