Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM72445 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części SM72445
Szczegółowy opis  SM72445 Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SM72445 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button SM72445 Datasheet HTML 4Page - Texas Instruments SM72445 Datasheet HTML 5Page - Texas Instruments SM72445 Datasheet HTML 6Page - Texas Instruments SM72445 Datasheet HTML 7Page - Texas Instruments SM72445 Datasheet HTML 8Page - Texas Instruments SM72445 Datasheet HTML 9Page - Texas Instruments SM72445 Datasheet HTML 10Page - Texas Instruments SM72445 Datasheet HTML 11Page - Texas Instruments SM72445 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
VOUT_MAX = 5 x
RB1
RT1 + RB1
x
(RFB1 + RFB2)
RFB2
SM72445
SNVS795 – MARCH 2012
www.ti.com
If the output current is greater than the current threshold set at A/D Channel 6 (A6) during soft-start, the chip will
then engage in MPPT mode and will not be subject to the start-up delay.
Figure 9. Startup Sequence
MAXIMUM OUTPUT VOLTAGE
The maximum output voltage on the SM72445 is set by the resistor divider ratio on pin A0. (Please refer to
Figure 2 Typical Application Circuit).
The value of the voltage on pin A0 is sampled and stored by the ADC of the SM72445 at start-up and after reset
events. While voltage on pin AVOUT is above the voltage set at pin A0, the duty cycle of the converter will be
reduced every MPPT cycle (1ms-2ms depending on the set switching frequency). This is true when the converter
is running in MPPT state or during Soft-Start. When the unit is in Panel Mode (PM) or in Startup Panel Mode
(PM_Startup) there is no control on the output voltage and the device will not react to the presence of a voltage
on AVOUT higher than the A0 setpoint. See Figure 8 for more details on the different states of operation.
This means that the voltage limit setting cannot be used to ensure overall maximum output voltage for the
system: there will be times during Panel Mode operation and Stand-by mode operation when the output will
increase above the programmed output voltage if the input (solar panel) gets over that voltage limit. Therefore,
the maximum output voltage threshold set by programming A0 is only valid if its value is higher than the
maximum input voltage (solar panel in open circuit at coldest operating point). If over-voltage protection needs to
be implemented, it must be done using external components. For exampe, a voltage comparator with its output
connected to the reset pin of the SM72445 is one possible implementation.
The maximum output voltage is always enforced during MPPT operation of the IC.
The following equation sets the maximum output voltage:
Where RT1 and RB1 are the resistor divider on the ADC pin A0 and RFB1 and RFB2 are the output voltage
sense resistors. A typical value for RFB2 is about 2 k
CURRENT LIMIT SETTING
Maximum output current can be set by changing the resistor divider on A4 (pin 18). Refer to Figure 2.
Overcurrent at the output is detected when the voltage on AIOUT (pin 21) equals the voltage on A4 (pin 18). The
voltage on A4 can be set by a resistor divider connected to 5V whereas the voltage on AIOUT can be set by a
current sense amplifier.
AVIN PIN
AVIN is an A/D input to sense the input voltage of the SM72445. A resistor divider can be used to scale max
voltage to about 4V, which is 80% of the full scale of the A/D input.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: SM72445


Podobny numer części - SM72445

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SM72445 TI1-SM72445 Datasheet
350Kb / 19P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
SM72445MT TI1-SM72445MT Datasheet
350Kb / 19P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
SM72445MTE TI1-SM72445MTE Datasheet
350Kb / 19P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
SM72445MTX TI1-SM72445MTX Datasheet
350Kb / 19P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
More results

Podobny opis - SM72445

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SM72445 TI1-SM72445 Datasheet
350Kb / 19P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
logo
National Semiconductor ...
SM72442 NSC-SM72442 Datasheet
420Kb / 14P
   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
logo
Texas Instruments
SM72442 TI-SM72442_15 Datasheet
753Kb / 21P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
SM72441 TI-SM72441_15 Datasheet
702Kb / 15P
[Old version datasheet]   SM72441 Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
logo
NXP Semiconductors
MPT612 NXP-MPT612 Datasheet
617Kb / 37P
   Maximum power point tracking IC
Rev.2-14 September 2010
logo
Texas Instruments
BQ24650 TI-BQ24650 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
BQ24650EVM-639 TI1-BQ24650EVM-639 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
logo
Linear Technology
LT8490 LINER-LT8490_15 Datasheet
600Kb / 42P
   High Voltage, High Current Buck-Boost Battery Charge Controller with Maximum Power Point Tracking
logo
Texas Instruments
UCC1807-1 TI1-UCC1807-1 Datasheet
3Mb / 16P
[Old version datasheet]   Programmable Maximum Duyt Cycle PWM Controller
UCC1807 TI-UCC1807 Datasheet
314Kb / 11P
[Old version datasheet]   Programmable Maximum Duty Cycle PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com